データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ADV7403BSTZ-110 データシート(PDF) 4 Page - Analog Devices

部品番号 ADV7403BSTZ-110
部品情報  12-Bit, Integrated, Multiformat SDTV/HDTV Video Decoder and RGB Graphics Digitizer
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

ADV7403BSTZ-110 データシート(HTML) 4 Page - Analog Devices

  ADV7403BSTZ-110 Datasheet HTML 1Page - Analog Devices ADV7403BSTZ-110 Datasheet HTML 2Page - Analog Devices ADV7403BSTZ-110 Datasheet HTML 3Page - Analog Devices ADV7403BSTZ-110 Datasheet HTML 4Page - Analog Devices ADV7403BSTZ-110 Datasheet HTML 5Page - Analog Devices ADV7403BSTZ-110 Datasheet HTML 6Page - Analog Devices ADV7403BSTZ-110 Datasheet HTML 7Page - Analog Devices ADV7403BSTZ-110 Datasheet HTML 8Page - Analog Devices ADV7403BSTZ-110 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
ADV7403
Rev. SpA | Page 4 of 24
ELECTRICAL CHARACTERISTICS
@ AVDD = 3.15 V to 3.45 V, DVDD = 1.65 V to 2.0 V, DVDDIO = 3.0 V to 3.6 V, PVDD = 1.71 V to 1.89 V, nominal input range 1.6 V.
Operating temperature range, a otherwise noted.
Table 1.
Parameter1, ,
2 3
Symbol
Test Conditions
Min
Typ
Max
Unit
STATIC PERFORMANCE4, 5
Resolution (each ADC)
N
12
Bits
Integral Nonlinearity
INL
BSL at 27 MHz (at a 12-bit level)
±2.0
±8.0
LSB
Integral Nonlinearity
INL
BSL at 54 MHz (at a 12-bit level)
−2.0/+2.5
LSB
Integral Nonlinearity
INL
BSL at 74 MHz (at a 10-bit level)
±1.0
LSB
Integral Nonlinearity
INL
BSL at 110 MHz (at a 10-bit level)
−3.0/+3.0
LSB
Integral Nonlinearity
INL
BSL at 135 MHz (at an 8-bit level)6
±1.3
LSB
Differential Nonlinearity
DNL
At 27 MHz (at a 12-bit level)
−0.7/+0.85
−0.99/+2.5
LSB
Differential Nonlinearity
DNL
At 54 MHz (at a 12-bit level)
−0.75/+0.9
LSB
Differential Nonlinearity
DNL
At 74 MHz (at a 10-bit level)
±0.75
LSB
Differential Nonlinearity
DNL
At 110 MHz (at a 10-bit level)
−0.7/+5.0
LSB
Differential Nonlinearity
DNL
At 135 MHz (at an 8-bit level)6
−0.8/+2.5
LSB
DIGITAL INPUTS
Input High Voltage7
VIH
2
V
Input Low Voltage8
VIL
0.8
V
Input High Voltage
VIH
HS_IN, VS_IN low trigger mode
0.7
V
Input Low Voltage
VIL
HS_IN, VS_IN low trigger mode
0.3
V
Input Current
IIN
Pins listed in Note 9
−60
+60
μA
All other input pins
−10
+10
μA
Input Capacitance10
CIN
10
pF
DIGITAL OUTPUTS
Output High Voltage11
VOH
ISOURCE = 0.4 mA
2.4
V
Output Low Voltage11
VOL
ISINK = 3.2 mA
0.4
V
High Impedance Leakage Current
ILEAK
Pins listed in Note 12
60
μA
All other output pins
10
μA
Output Capacitance10
COUT
20
pF
POWER REQUIREMENTS10
Digital Core Power Supply
DVDD
1.65
1.8
2
V
Digital I/O Power Supply
DVDDIO
3.0
3.3
3.6
V
PLL Power Supply
PVDD
1.71
1.8
1.89
V
Analog Power Supply
AVDD
3.15
3.3
3.45
V
Digital Core Supply Current
IDVDD
CVBS input sampling at 54 MHz
105
mA
Graphics RGB sampling at 135 MHz
137
mA
SCART RGB FB sampling at 54 MHz
106
mA
Digital I/O Supply Current
IDVDDIO
CVBS input sampling at 54 MHz
4
mA
Graphics RGB sampling at 135 MHz
19
mA
PLL Supply Current
IPVDD
CVBS input sampling at 54 MHz
11
mA
Graphics RGB sampling at135 MHz
12
mA
Analog Supply Current13
IAVDD
CVBS input sampling at 54 MHz
99
mA
Graphics RGB sampling at 135 MHz
242
mA
SCART RGB FB sampling at 54 MHz
269
mA
Power-Down Current
IPWRDN
2.25
mA
Green Mode Power-Down
IPWRDNG
Sync bypass function
16
mA
Power-Up Time
TPWRUP
20
ms
1 The min/max specifications are guaranteed over this range.
2 Temperature range TMIN to TMAX: −40°C to +85°C (0°C to 70°C temperature range for ADV7403KSTZ-140).
3 All specifications obtained using programming scripts with the following sequence included: Addr 0x0E - data 0x80, Addr 0x54 - data 0x00, Addr 0x0E - data 0x00.


同様の部品番号 - ADV7403BSTZ-110

メーカー部品番号データシート部品情報
logo
Analog Devices
ADV7403 AD-ADV7403_15 Datasheet
363Kb / 20P
   12-Bit, Integrated, Multiformat SDTV/HDTV Video Decoder and RGB Graphics Digitizer
Rev. B
More results

同様の説明 - ADV7403BSTZ-110

メーカー部品番号データシート部品情報
logo
Analog Devices
ADV7403 AD-ADV7403_15 Datasheet
363Kb / 20P
   12-Bit, Integrated, Multiformat SDTV/HDTV Video Decoder and RGB Graphics Digitizer
Rev. B
ADV7401 AD-ADV7401 Datasheet
419Kb / 20P
   10-Bit, Integrated, Multiformat SDTV/HDTV Video Decoder and RGB Graphics Digitizer
Rev. SpA
ADV7401BSTZ-110 AD-ADV7401BSTZ-110 Datasheet
402Kb / 20P
   10-Bit, Integrated, Multiformat SDTV/HDTV Video Decoder and RGB Graphics Digitizer
REV. B
ADV7401 AD-ADV7401_15 Datasheet
402Kb / 20P
   10-Bit, Integrated, Multiformat SDTV/HDTV Video Decoder and RGB Graphics Digitizer
Rev. B
ADV7400A AD-ADV7400A Datasheet
767Kb / 16P
   10-Bit Intergrated Multiformat SDTV/HDTV Video Decoder and RGB Graphics Digitizer
REV. A
ADV7181C AD-ADV7181C Datasheet
475Kb / 20P
   10-Bit, Integrated, Multiformat SDTV Video Decoder and RGB Graphics Digitizer
REV. 0
ADV7441A AD-ADV7441A Datasheet
668Kb / 28P
   10-Bit Integrated, Multiformat SDTV/HDTV Video Decoder, RGB Graphics Digitizer, and 2:1 Multiplexed HDMI/DVI Interface
Rev. B
AD9388A AD-AD9388A Datasheet
638Kb / 28P
   10-Bit Integrated, Multiformat, HDTV Video Decoder, RGB Graphics Digitizer, and 2:1 Multiplexed HDMI/DVI Interface
REV. B
ADV7181 AD-ADV7181_15 Datasheet
833Kb / 104P
   Multiformat SDTV Video Decoder
Rev. B
ADV7189B AD-ADV7189B Datasheet
880Kb / 104P
   Multiformat SDTV Video Decoder
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com