データシートサーチシステム |
|
ES1D データシート(PDF) 2 Page - Pan Jit International Inc. |
|
ES1D データシート(HTML) 2 Page - Pan Jit International Inc. |
2 / 2 page PAGE . 2 STAD-NOV.26.2004 RATING AND CHARACTERISTIC CURVES FIG.2 MAXIMUM AVERAGE FORWARD CURRENT DERATING LEAD TEMPERATURE, C O 0 0 0.5 1.0 1.5 20 40 60 80 100 120 140 160 180 SINGLE PHASE, HALF-WAVE, 60Hz RESISTIVE OR INDUCTIVE LOAD P.C.B MOUNTED ON 0.3 x 0.3" (8.0 x 8.0 mm)COPPER PAD AREAS FIG.1 TYPICAL JUNCTION CAPACITANCE REVERSE VOLTAGE, VOLTS FIG.4 TYPICAL FORWARD CHARACTERISTICS INSTANTANEOUS FORWARD VOLTAGE VOLTS FIG.3 TYPICAL REVERSE CHARACTERISTICS PERCENT OF RATED PEAK INVERSE VOLTGE, VOLTS NUMBER OF CYCLES AT 60Hz FIG.5 MAXIMUM NON-REPEITIVE SURGE CURRENT 40 60 80 100 1 2 46 8 10 20 5 20 15 10 30 25 35 1000 100 10 1.0 0.1 20 40 60 80 100 120 T= 75 C J O T= 25 C J O T= 125 C J O 0.1 1 10 100 Tj= 25 C f= 1 .0MHz Vsig = 50mVp -p O 12 0 2.0 4.0 6.0 8.0 10 14 16 18 1.0 .1 .01 .001 0.4 0.6 0.8 1.0 1.2 111 ... 468 T= 25 C J O 10 600V 300-400V 50-200V |
同様の部品番号 - ES1D |
|
同様の説明 - ES1D |