データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

74AC11034DWR データシート(PDF) 1 Page - Texas Instruments

部品番号 74AC11034DWR
部品情報  HEX NONINVERTERS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

74AC11034DWR データシート(HTML) 1 Page - Texas Instruments

  74AC11034DWR Datasheet HTML 1Page - Texas Instruments 74AC11034DWR Datasheet HTML 2Page - Texas Instruments 74AC11034DWR Datasheet HTML 3Page - Texas Instruments 74AC11034DWR Datasheet HTML 4Page - Texas Instruments 74AC11034DWR Datasheet HTML 5Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
54AC11034, 74AC11034
HEX NONINVERTERS
SCAS034A – FEBRUARY 1988 – REVISED APRIL 1993
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
Copyright
© 1993, Texas Instruments Incorporated
2–1
Flow-Through Architecture Optimizes
PCB Layout
Center-Pin V
CC and GND Configurations
Minimize High-Speed Switching Noise
EPIC™ (Enhanced-Performance Implanted
CMOS) 1-
µm Process
500-mA Typical Latch-Up Immunity
at 125
°C
Package Options Include Plastic
Small-Outline Packages, Ceramic Chip
Carriers, and Standard Plastic and Ceramic
300-mil DIPs
description
These
devices
contain
six
independent
noninverters. They perform the Boolean function
Y = A.
The 54AC11034 is characterized for operation
over the full military temperature range of – 55
°C
to 125
°C. The 74AC11034 is characterized for
operation from – 40
°C to 85°C.
FUNCTION TABLE
(each inverter)
INPUT
A
OUTPUT
Y
H
H
L
L
logic symbol
logic diagram (positive logic)
20
1A
1Y
1
5Y
5A
12
9
4Y
4A
13
8
3Y
3A
18
3
2Y
2A
19
2
1Y
1A
20
1
6Y
6A
11
10
19
2A
2Y
2
18
3A
3Y
3
13
4A
4Y
8
12
5A
5Y
9
11
6A
6Y
10
† This symbol is in accordance with ANSI/IEEE Std 91-1984
and IEC Publication 617-12.
Pin numbers shown are for the DW, J, and N packages.
1
3
2
1 20 19
9 10 11 12 13
4
5
6
7
8
18
17
16
15
14
4A
5A
6A
6Y
5Y
2A
1A
1Y
2Y
3Y
54AC11034 . . . FK PACKAGE
(TOP VIEW)
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
1Y
2Y
3Y
GND
GND
GND
GND
4Y
5Y
6Y
1A
2A
3A
NC
VCC
VCC
NC
4A
5A
6A
54AC11034 ...J PACKAGE
74AC11034 . . . DW OR N PACKAGE
(TOP VIEW)
NC – No internal connection
EPIC is a trademark of Texas Instruments Incorporated.
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.


同様の部品番号 - 74AC11034DWR

メーカー部品番号データシート部品情報
logo
Texas Instruments
74AC11034DWR TI1-74AC11034DWR Datasheet
80Kb / 5P
[Old version datasheet]   HEX NONINVERTERS
More results

同様の説明 - 74AC11034DWR

メーカー部品番号データシート部品情報
logo
Texas Instruments
SN54ALS34 TI1-SN54ALS34_09 Datasheet
70Kb / 4P
[Old version datasheet]   HEX NONINVERTERS
SN54ALS34 TI-SN54ALS34 Datasheet
53Kb / 4P
[Old version datasheet]   HEX NONINVERTERS
54ACT11034 TI-54ACT11034 Datasheet
64Kb / 5P
[Old version datasheet]   HEX NONINVERTERS
54AC11034 TI1-54AC11034_09 Datasheet
80Kb / 5P
[Old version datasheet]   HEX NONINVERTERS
54ACT11034 TI1-54ACT11034_09 Datasheet
79Kb / 5P
[Old version datasheet]   HEX NONINVERTERS
logo
Renesas Technology Corp
HD74LV2G34A RENESAS-HD74LV2G34A_15 Datasheet
105Kb / 11P
   Triple Noninverters
HD74LV2G34A RENESAS-HD74LV2G34A Datasheet
81Kb / 9P
   Triple Noninverters
logo
Hitachi Semiconductor
HD74LV2G34A HITACHI-HD74LV2G34A Datasheet
86Kb / 9P
   Triple Noninverters
logo
Renesas Technology Corp
HD74LV2GT34A RENESAS-HD74LV2GT34A Datasheet
79Kb / 8P
   Triple Noninverters / CMOS Logic Level Shifter
HD74LV2GT34A RENESAS-HD74LV2GT34A_15 Datasheet
102Kb / 10P
   Triple Noninverters / CMOS Logic Level Shifter
More results


Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com