データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MMBD717W データシート(PDF) 3 Page - Pan Jit International Inc.

部品番号 MMBD717W
部品情報  COMMON ANODE SCHOTTKY BARRIER DIODES
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PANJIT [Pan Jit International Inc.]
ホームページ  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

MMBD717W データシート(HTML) 3 Page - Pan Jit International Inc.

  MMBD717W Datasheet HTML 1Page - Pan Jit International Inc. MMBD717W Datasheet HTML 2Page - Pan Jit International Inc. MMBD717W Datasheet HTML 3Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
PAGE . 3
STAD-NOV.15.2004
• Packing information
T/R - 12K per 13" plastic Reel
T/R - 3.0K per 7" plastic Reel
ORDER INFORMATION
LEGAL STATEMENT
IMPORTANT NOTICE
This information is intended to unambiguously characterize the product in order to facilitate the customer's evaluation
of the device in the application. The information will help the customer's technical experts determine that the device is
compatible and interchangeable with similar devices made by other vendors. The information in this data sheet is believed
to be reliable and accurate. The specifications and information herein are subject to change without notice. New products
and improvements in products and product characterization are constantly in process. Therefore, the factory should be
consulted for the most recent information and for any special characteristics not described or specified.
Copyright Pan Jit International Inc. 2003
All rights reserved. Reproduction in whole or in part is prohibited without the prior written consent of the copyright
owner.
The information presented in this document does not form part of any quotation or contract. The information presented is
believed to be accurate and reliable, and may change without notice in advance. No liability will be accepted by the
publisher for any consequence of use.Publication thereof does not convey nor imply any license under patent or other
industrial or intellectual property rights.
MOUNTING PAD LAYOUT
0.025(0.65)
0.028(0.7)
SOT-323
Unit: inch (mm)


同様の部品番号 - MMBD717W

メーカー部品番号データシート部品情報
logo
Won-Top Electronics
MMBD717W WTE-MMBD717W Datasheet
45Kb / 4P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
logo
Pan Jit International I...
MMBD717W PANJIT-MMBD717W Datasheet
146Kb / 3P
   SURFACE MOUNT SCHOTTKY DIODES
logo
Won-Top Electronics
MMBD717W-T1 WTE-MMBD717W-T1 Datasheet
45Kb / 4P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
logo
List of Unclassifed Man...
MMBD717WS ETC1-MMBD717WS Datasheet
450Kb / 3P
   Voltage Range 20 Volts Current 200 mA
logo
Won-Top Electronics
MMBD717WS WTE-MMBD717WS Datasheet
36Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
More results

同様の説明 - MMBD717W

メーカー部品番号データシート部品情報
logo
ON Semiconductor
BAS40-06LT1 ONSEMI-BAS40-06LT1 Datasheet
52Kb / 3P
   Common Anode Schottky Barrier Diodes
March, 2006 ??Rev. 6
MMBD717LT1G ONSEMI-MMBD717LT1G Datasheet
96Kb / 3P
   Common Anode Schottky Barrier Diodes
December, 2011 ??Rev. 9
BAS40-06LT1G ONSEMI-BAS40-06LT1G Datasheet
78Kb / 3P
   Common Anode Schottky Barrier Diodes
October, 2016 ??Rev. 9
logo
Motorola, Inc
MMBD717LT1 MOTOROLA-MMBD717LT1 Datasheet
76Kb / 4P
   Common Anode Schottky Barrier Diodes
logo
ON Semiconductor
MMBD717LT1 ONSEMI-MMBD717LT1 Datasheet
57Kb / 8P
   Common Anode Schottky Barrier Diodes
November, 2001 ??Rev. 6
SBAS40-06LT1G ONSEMI-SBAS40-06LT1G Datasheet
127Kb / 3P
   Common Anode Schottky Common Anode Schottky
November, 2011 ??Rev. 8
logo
Thinki Semiconductor Co...
MBR1045CA THINKISEMI-MBR1045CA Datasheet
747Kb / 2P
   10.0 Ampere Dual Common Anode Schottky Barrier Rectifier Diodes
MBR2045CA THINKISEMI-MBR2045CA Datasheet
666Kb / 2P
   20.0 Ampere Dual Common Anode Schottky Barrier Rectifiers
logo
Nihon Inter Electronics...
F10P40FR NIEC-F10P40FR Datasheet
31Kb / 2P
   FRD DUAL DIODES - ANODE COMMON
logo
Thinki Semiconductor Co...
MBR2035CA THINKISEMI-MBR2035CA Datasheet
666Kb / 2P
   20.0 Ampere Dual Common Anode Schottky Barrier Rectifiers
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com