データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MMBD717S データシート(PDF) 2 Page - Pan Jit International Inc.

部品番号 MMBD717S
部品情報  SURFACE MOUNT SCHOTTKY DIODES
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PANJIT [Pan Jit International Inc.]
ホームページ  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

MMBD717S データシート(HTML) 2 Page - Pan Jit International Inc.

  MMBD717S Datasheet HTML 1Page - Pan Jit International Inc. MMBD717S Datasheet HTML 2Page - Pan Jit International Inc. MMBD717S Datasheet HTML 3Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
PAGE . 2
STAD-SEP.06.2004
0
0
5
0.5
1
1.5
2
2.5
3
3.5
10
15
20
V
Reverse Voltage (V)
R,
V , Forward Voltage (V)
F
100
10
1.0
0.1
0
0.1
0.2
0.3
0.4
0.5
0.6
0
5
15
10
20
0.1
0.01
1
10
Fig. 1. Typical Forward Voltage
Fig. 3. Typical Total Capacitance
V , Reverse Voltage (V)
R
T =125 C
A
o
T =125 C
A
o
T=75 C
A
o
T=75 C
A
o
T =-25 C
A
o
T=25 C
A
o
T=25 C
A
o
Fig. 2. Typical Reverse Leakage
R
E
T
E
M
A
R
A
Pl
o
b
m
y
Sn
o
i
t
i
d
n
o
C
t
s
e
T.
N
I
M.
P
Y
T.
X
A
Ms
t
i
n
U
e
g
a
t
l
o
V
n
w
o
d
k
a
e
r
B
e
s
r
e
v
e
RV(BR)
IR
0
1
=uA
0
2-
--
-V
t
n
e
r
r
u
C
e
g
a
k
a
e
L
e
s
r
e
v
e
RI R
VR
0
1
=V
-
--
-0
.
1A
u
e
g
a
t
l
o
V
d
r
a
w
r
o
FVF
IF
0
.
1
=mA
-
--
-7
3
.
0V
e
c
n
a
t
i
c
a
p
a
C
n
o
i
t
c
n
u
J
m
u
m
i
x
a
MCJ
VR
,
V
1
=f
H
M
0
.
1
=
Z
-
--
-5
.
2F
p
ELECTRICAL CHARACTERISTICS (each diode) (T
J = 25°C unless otherwise noted)
ELECTRICAL CHARACTERISTICS CURVE


同様の部品番号 - MMBD717S

メーカー部品番号データシート部品情報
logo
Won-Top Electronics
MMBD717S WTE-MMBD717S Datasheet
44Kb / 4P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
logo
Pan Jit International I...
MMBD717S PANJIT-MMBD717S Datasheet
147Kb / 3P
   SURFACE MOUNT SCHOTTKY DIODES
MMBD717S PANJIT-MMBD717S Datasheet
186Kb / 5P
   SURFACE MOUNT SCHOTTKY DIODES
logo
Won-Top Electronics
MMBD717S-T1 WTE-MMBD717S-T1 Datasheet
44Kb / 4P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
MMBD717SW WTE-MMBD717SW Datasheet
45Kb / 4P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
More results

同様の説明 - MMBD717S

メーカー部品番号データシート部品情報
logo
Pan Jit International I...
BAS40WS PANJIT-BAS40WS Datasheet
48Kb / 3P
   SURFACE MOUNT SCHOTTKY DIODES
BAS70WS PANJIT-BAS70WS Datasheet
61Kb / 3P
   SURFACE MOUNT SCHOTTKY DIODES
MMBD717WS PANJIT-MMBD717WS Datasheet
156Kb / 3P
   SURFACE MOUNT SCHOTTKY DIODES
MMBD770W PANJIT-MMBD770W Datasheet
166Kb / 3P
   SURFACE MOUNT SCHOTTKY DIODES
logo
Weitron Technology
M5817 WEITRON-M5817 Datasheet
78Kb / 3P
   Surface Mount Schottky Diodes
MM18L WEITRON-MM18L Datasheet
210Kb / 3P
   Surface Mount Schottky Diodes
logo
Pan Jit International I...
RB521S30 PANJIT-RB521S30_09 Datasheet
112Kb / 3P
   SURFACE MOUNT SCHOTTKY DIODES
BAS70W PANJIT-BAS70W_09 Datasheet
104Kb / 3P
   SURFACE MOUNT SCHOTTKY DIODES
BAS70TS PANJIT-BAS70TS Datasheet
107Kb / 3P
   SURFACE MOUNT SCHOTTKY DIODES
BAS70WS PANJIT-BAS70WS_09 Datasheet
123Kb / 3P
   SURFACE MOUNT SCHOTTKY DIODES
BAT54AW-AU PANJIT-BAT54AW-AU Datasheet
246Kb / 5P
   SURFACE MOUNT SCHOTTKY DIODES
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com