データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CR08AS データシート(PDF) 1 Page - Powerex Power Semiconductors

部品番号 CR08AS
部品情報  Surface Mount, Phase Control SCR 0.8 Amperes/400-600 Volts
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  POWEREX [Powerex Power Semiconductors]
ホームページ  http://www.pwrx.com
Logo POWEREX - Powerex Power Semiconductors

CR08AS データシート(HTML) 1 Page - Powerex Power Semiconductors

  CR08AS Datasheet HTML 1Page - Powerex Power Semiconductors CR08AS Datasheet HTML 2Page - Powerex Power Semiconductors CR08AS Datasheet HTML 3Page - Powerex Power Semiconductors CR08AS Datasheet HTML 4Page - Powerex Power Semiconductors CR08AS Datasheet HTML 5Page - Powerex Power Semiconductors CR08AS Datasheet HTML 6Page - Powerex Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Dimensions
Inches
Millimeters
G
0.06
1.5
H
0.031 Min.
0.8 Min.
J
0.021 Max.
0.58 Max.
K
0.019 Max.
0.48 Max.
L
0.016+0.001/-0.002 0.4+.03/-.05
Dimensions
Inches
Millimeters
A
0.18 Max.
4.6 Max.
B
0.17 Max.
4.2 Max.
C
0.12
3.0
D
0.10 ± 0.004
2.5 ± 0.1
E
0.06 ± 0.008
1.6 ± 0.2
F
0.06 ± 0.004
1.5 ± 0.1
Description:
The Powerex CR08AS Phase
Control SCRs are glass passivat-
ed thyristors for use in low power
control and rectification. These
devices are molded epoxy plastic
types.
Features:
□ Surface Mount Type
□ Glass Passivated
□ Gate Trigger Current is Small
□ Easy Application for Printed
Circuits
Applications:
□ Solid State Relay
□ Static Switches
□ Ignitors
□ Strobe Flasher
Ordering Information:
Example: Select the complete
seven or eight digit part number
you desire from the table - i.e.
CR08AS-8 is a 400 Volt, 0.8
Ampere Phase Control SCR.
VDRM/VRRM
Type
Volts
Code
CR08AS
400
-8
600
-12
Powerex, Inc., 200 Hillis Street, Youngwood, Pennsylvania 15697-1800 (412) 925-7272
Surface Mount,
Phase Control SCR
0.8 Amperes/400-600 Volts
CR08AS
Outline Drawing (Conforms to SOT-89)
P-17
A
C
DB
G
L
J
K
F
E
H
Œ  Ž
ΠCATHODE
 ANODE
Ž GATE
CONNECTION DIAGRAM
OUTLINE DRAWING
Œ
Ž



同様の部品番号 - CR08AS

メーカー部品番号データシート部品情報
logo
Mitsubishi Electric Sem...
CR08AS MITSUBISHI-CR08AS Datasheet
76Kb / 6P
   LOW POWER USE NON-INSULATED TYPE, GLASS PASSIVATION TYPE
logo
Guangdong Kexin Industr...
CR08AS KEXIN-CR08AS Datasheet
1Mb / 6P
   Low Power Use Non-Insulated Type
logo
Renesas Technology Corp
CR08AS-12 RENESAS-CR08AS-12 Datasheet
245Kb / 9P
   Thyristor Low Power Use
logo
Guangdong Kexin Industr...
CR08AS-12 KEXIN-CR08AS-12 Datasheet
1Mb / 6P
   Low Power Use Non-Insulated Type
logo
Renesas Technology Corp
CR08AS-12A RENESAS-CR08AS-12A Datasheet
145Kb / 8P
   600V - 0.8A - Thyristor Low Power Use
May 22, 2013
More results

同様の説明 - CR08AS

メーカー部品番号データシート部品情報
logo
Powerex Power Semicondu...
CR5AS POWEREX-CR5AS Datasheet
85Kb / 6P
   Surface Mount, Phase Control SCR 5 Amperes/400-600 Volts
CR6CM POWEREX-CR6CM Datasheet
84Kb / 6P
   Lead-mount, Phase Control SCR 6 Amperes/400-600 Volts
CR04AM POWEREX-CR04AM Datasheet
90Kb / 6P
   Lead-Mount, Phase Control SCR 0.4 Amperes/400-600 Volts
CR8AM POWEREX-CR8AM Datasheet
85Kb / 6P
   Lead-mount, Phase Control SCR 8 Amperes/400-600 Volts
CR3CM POWEREX-CR3CM Datasheet
77Kb / 4P
   Lead-mount, Phase Control SCR 3 Amperes/400-600 Volts
CR03AM POWEREX-CR03AM Datasheet
69Kb / 4P
   Lead-Mount, Phase Control SCR 0.3 Amperes/400-600 Volts
CR02AM POWEREX-CR02AM Datasheet
85Kb / 6P
   Lead-Mount, Phase Control SCR 0.3 Amperes/400 Volts
T625 POWEREX-T625 Datasheet
717Kb / 4P
   Phase Control SCR (300-400 Amperes 1200 Volts)
C390X500 POWEREX-C390X500 Datasheet
843Kb / 4P
   Phase Control SCR 620 Amperes Average 600 Volts
C390AX550 POWEREX-C390AX550 Datasheet
163Kb / 4P
   Phase Control SCR 620 Amperes Avg 100-400 Volts
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com