データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CR08AS データシート(PDF) 2 Page - Powerex Power Semiconductors

部品番号 CR08AS
部品情報  Surface Mount, Phase Control SCR 0.8 Amperes/400-600 Volts
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  POWEREX [Powerex Power Semiconductors]
ホームページ  http://www.pwrx.com
Logo POWEREX - Powerex Power Semiconductors

CR08AS データシート(HTML) 2 Page - Powerex Power Semiconductors

  CR08AS Datasheet HTML 1Page - Powerex Power Semiconductors CR08AS Datasheet HTML 2Page - Powerex Power Semiconductors CR08AS Datasheet HTML 3Page - Powerex Power Semiconductors CR08AS Datasheet HTML 4Page - Powerex Power Semiconductors CR08AS Datasheet HTML 5Page - Powerex Power Semiconductors CR08AS Datasheet HTML 6Page - Powerex Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Powerex, Inc., 200 Hillis Street, Youngwood, Pennsylvania 15697-1800 (412) 925-7272
CR08AS
Surface Mount, Phase Control SCR
0.8 Amperes/400-600 Volts
P-18
Absolute Maximum Ratings, Ta = 25 °C unless otherwise specified
Ratings
Symbol
CR08AS-8
CR08AS-12
Units
(Marked “AD”)
(Marked “AF”)
Repetitive Peak Off-state Voltage
VDRM
400
600
Volts
Repetitive Peak Reverse Voltage
VRRM
400
600
Volts
Non-repetitive Peak Reverse Voltage
VRSM
500
720
Volts
DC Reverse Voltage
VR(DC)
320
480
Volts
DC Forward Voltage
VD(DC)
320
480
Volts
RMS On-state Current
IT(RMS)
1.26
1.26
Amperes
Average On-state Current (Nominal, See Graphs) Ta = 51°C
IT(avg)
0.8
0.8
Amperes
Non-repetitive Peak Surge, On-state Current One Cycle (60 Hz)
ITSM
10
10
Amperes
I2t for Fusing, t = 8.3 msec
I2t
0.42
0.42
A2sec
Peak Gate Power Dissipation
PGM
0.5
0.5
Watts
Average Gate Power Dissipation
PG(avg)
0.1
0.1
Watts
Peak Forward Gate Current
IFGM
0.3
0.3
Amperes
Peak Forward Gate Voltage
VFGM
6
6
Volts
Peak Reverse Gate Voltage
VRGM
6
6
Volts
Storage Temperature
Tstg
-40 to 125
-40 to 125
°C
Operating Junction Temperature
Tj
-40 to 125
-40 to 125
°C
Weight
48
48
mg


同様の部品番号 - CR08AS

メーカー部品番号データシート部品情報
logo
Mitsubishi Electric Sem...
CR08AS MITSUBISHI-CR08AS Datasheet
76Kb / 6P
   LOW POWER USE NON-INSULATED TYPE, GLASS PASSIVATION TYPE
logo
Guangdong Kexin Industr...
CR08AS KEXIN-CR08AS Datasheet
1Mb / 6P
   Low Power Use Non-Insulated Type
logo
Renesas Technology Corp
CR08AS-12 RENESAS-CR08AS-12 Datasheet
245Kb / 9P
   Thyristor Low Power Use
logo
Guangdong Kexin Industr...
CR08AS-12 KEXIN-CR08AS-12 Datasheet
1Mb / 6P
   Low Power Use Non-Insulated Type
logo
Renesas Technology Corp
CR08AS-12A RENESAS-CR08AS-12A Datasheet
145Kb / 8P
   600V - 0.8A - Thyristor Low Power Use
May 22, 2013
More results

同様の説明 - CR08AS

メーカー部品番号データシート部品情報
logo
Powerex Power Semicondu...
CR5AS POWEREX-CR5AS Datasheet
85Kb / 6P
   Surface Mount, Phase Control SCR 5 Amperes/400-600 Volts
CR6CM POWEREX-CR6CM Datasheet
84Kb / 6P
   Lead-mount, Phase Control SCR 6 Amperes/400-600 Volts
CR04AM POWEREX-CR04AM Datasheet
90Kb / 6P
   Lead-Mount, Phase Control SCR 0.4 Amperes/400-600 Volts
CR8AM POWEREX-CR8AM Datasheet
85Kb / 6P
   Lead-mount, Phase Control SCR 8 Amperes/400-600 Volts
CR3CM POWEREX-CR3CM Datasheet
77Kb / 4P
   Lead-mount, Phase Control SCR 3 Amperes/400-600 Volts
CR03AM POWEREX-CR03AM Datasheet
69Kb / 4P
   Lead-Mount, Phase Control SCR 0.3 Amperes/400-600 Volts
CR02AM POWEREX-CR02AM Datasheet
85Kb / 6P
   Lead-Mount, Phase Control SCR 0.3 Amperes/400 Volts
T625 POWEREX-T625 Datasheet
717Kb / 4P
   Phase Control SCR (300-400 Amperes 1200 Volts)
C390X500 POWEREX-C390X500 Datasheet
843Kb / 4P
   Phase Control SCR 620 Amperes Average 600 Volts
C390AX550 POWEREX-C390AX550 Datasheet
163Kb / 4P
   Phase Control SCR 620 Amperes Avg 100-400 Volts
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com