データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CR08AS データシート(PDF) 4 Page - Powerex Power Semiconductors

部品番号 CR08AS
部品情報  Surface Mount, Phase Control SCR 0.8 Amperes/400-600 Volts
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  POWEREX [Powerex Power Semiconductors]
ホームページ  http://www.pwrx.com
Logo POWEREX - Powerex Power Semiconductors

CR08AS データシート(HTML) 4 Page - Powerex Power Semiconductors

  CR08AS Datasheet HTML 1Page - Powerex Power Semiconductors CR08AS Datasheet HTML 2Page - Powerex Power Semiconductors CR08AS Datasheet HTML 3Page - Powerex Power Semiconductors CR08AS Datasheet HTML 4Page - Powerex Power Semiconductors CR08AS Datasheet HTML 5Page - Powerex Power Semiconductors CR08AS Datasheet HTML 6Page - Powerex Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Powerex, Inc., 200 Hillis Street, Youngwood, Pennsylvania 15697-1800 (412) 925-7272
CR08AS
Surface Mount, Phase Control SCR
0.8 Amperes/400-600 Volts
0
1
2
3
4
5
MAXIMUM ON-STATE
CHARACTERISTICS
INSTANTANEOUS ON-STATE
CURRENT, IT, (AMPERES)
10-1
100
101
102
Tj = 25
oC
100
101
102
103
TRANSIENT THERMAL
IMPEDANCE CHARACTERISTICS
(JUNCTION-TO-AMBIENT)
TIME, t, (S)
10-3
10-2
100
101
102
103
10-1
100
25 x 25 x t0.7
ALUMINUM BOARD
0
2
4
6
8
10
MAXIMUM SURGE CURRENT
FOLLOWING RATED LOAD CONDITIONS
CYCLES AT 60 Hz
100
101
102
0
20
40
60
80
100
120
140
160
ALLOWABLE AMBIENT TEMPERATURE
VS. AVERAGE ON-STATE CURRENT
(SINGLE-PHASE HALF WAVEFORM)
AVERAGE ON-STATE CURRENT, I T(avg), (AMPERES)
0
0.2
0.4
0.6
0.8
= 180
°
90
°C/W
65
°C/W
RESISTIVE,
INDUCTIVE LOADS
NATURAL CONVECTION
360
°
Rth(j-a) = 200°C/W
0
20
40
60
80
100
120
140
160
ALLOWABLE AMBIENT TEMPERATURE
VS. AVERAGE ON-STATE CURRENT
(SINGLE-PHASE FULL WAVEFORM)
AVERAGE ON-STATE CURRENT, IT(avg), (AMPERES)
0
0.4
.08
1.2
1.6
= 30
°
180
°
360
°
RESISTIVE LOADS
NATURAL CONVECTION
ALUMINUM BOARD
25 X 25 X t0.7
120
°
90
°
60
°
0
20
40
60
80
100
120
140
160
ALLOWABLE AMBIENT TEMPERATURE
VS. AVERAGE ON-STATE CURRENT
(SINGLE-PHASE HALF WAVEFORM)
AVERAGE ON-STATE CURRENT, I T(avg), (AMPERES)
0
0.4
0.8
1.2
1.6
= 30
°
60
°
90
°
120
°
180
°
RESISTIVE,
INDUCTIVE LOADS
NATURAL CONVECTION
360
°
25 x 25 x t0.7
ALUMINUM BOARD
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
MAXIMUM ON-STATE
POWER DISSIPATION
(SINGLE-PHASE HALF WAVEFORM)
AVERAGE ON-STATE CURRENT, IT(avg), (AMPERES)
0
0.4
0.8
1.2
1.6
= 30
°
90
°
120
°
180
°
60
°
360
°
RESISTIVE,
INDUCTIVE LOADS
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
MAXIMUM ON-STATE
POWER DISSIPATION
(SINGLE-PHASE FULL WAVEFORM)
AVERAGE ON-STATE CURRENT, IT(avg), (AMPERES)
0
RESISTIVE LOADS
0.4
0.8
1.2
1.6
360
°
= 30
°
60
°
90
°
120
°
180
°
10-2
10-1
100
101
102
GATE
CHARACTERISTICS
GATE CURRENT, IG, (mA)
10-2
10-1
100
101
102
VGD = 0.2V
VFGM = 6V
IGT = 100 A
Tj = 25°
IFGM = 0.3A
PGM = 0.5W
PG(avg) = 0.1W
VGT = 0.8V
P-20


同様の部品番号 - CR08AS

メーカー部品番号データシート部品情報
logo
Mitsubishi Electric Sem...
CR08AS MITSUBISHI-CR08AS Datasheet
76Kb / 6P
   LOW POWER USE NON-INSULATED TYPE, GLASS PASSIVATION TYPE
logo
Guangdong Kexin Industr...
CR08AS KEXIN-CR08AS Datasheet
1Mb / 6P
   Low Power Use Non-Insulated Type
logo
Renesas Technology Corp
CR08AS-12 RENESAS-CR08AS-12 Datasheet
245Kb / 9P
   Thyristor Low Power Use
logo
Guangdong Kexin Industr...
CR08AS-12 KEXIN-CR08AS-12 Datasheet
1Mb / 6P
   Low Power Use Non-Insulated Type
logo
Renesas Technology Corp
CR08AS-12A RENESAS-CR08AS-12A Datasheet
145Kb / 8P
   600V - 0.8A - Thyristor Low Power Use
May 22, 2013
More results

同様の説明 - CR08AS

メーカー部品番号データシート部品情報
logo
Powerex Power Semicondu...
CR5AS POWEREX-CR5AS Datasheet
85Kb / 6P
   Surface Mount, Phase Control SCR 5 Amperes/400-600 Volts
CR6CM POWEREX-CR6CM Datasheet
84Kb / 6P
   Lead-mount, Phase Control SCR 6 Amperes/400-600 Volts
CR04AM POWEREX-CR04AM Datasheet
90Kb / 6P
   Lead-Mount, Phase Control SCR 0.4 Amperes/400-600 Volts
CR8AM POWEREX-CR8AM Datasheet
85Kb / 6P
   Lead-mount, Phase Control SCR 8 Amperes/400-600 Volts
CR3CM POWEREX-CR3CM Datasheet
77Kb / 4P
   Lead-mount, Phase Control SCR 3 Amperes/400-600 Volts
CR03AM POWEREX-CR03AM Datasheet
69Kb / 4P
   Lead-Mount, Phase Control SCR 0.3 Amperes/400-600 Volts
CR02AM POWEREX-CR02AM Datasheet
85Kb / 6P
   Lead-Mount, Phase Control SCR 0.3 Amperes/400 Volts
T625 POWEREX-T625 Datasheet
717Kb / 4P
   Phase Control SCR (300-400 Amperes 1200 Volts)
C390X500 POWEREX-C390X500 Datasheet
843Kb / 4P
   Phase Control SCR 620 Amperes Average 600 Volts
C390AX550 POWEREX-C390AX550 Datasheet
163Kb / 4P
   Phase Control SCR 620 Amperes Avg 100-400 Volts
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com