データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FDD6N50FTM データシート(PDF) 3 Page - Fairchild Semiconductor

部品番号 FDD6N50FTM
部品情報  N-Channel MOSFET 500V, 5.5A, 1.15廓
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDD6N50FTM データシート(HTML) 3 Page - Fairchild Semiconductor

  FDD6N50FTM Datasheet HTML 1Page - Fairchild Semiconductor FDD6N50FTM Datasheet HTML 2Page - Fairchild Semiconductor FDD6N50FTM Datasheet HTML 3Page - Fairchild Semiconductor FDD6N50FTM Datasheet HTML 4Page - Fairchild Semiconductor FDD6N50FTM Datasheet HTML 5Page - Fairchild Semiconductor FDD6N50FTM Datasheet HTML 6Page - Fairchild Semiconductor FDD6N50FTM Datasheet HTML 7Page - Fairchild Semiconductor FDD6N50FTM Datasheet HTML 8Page - Fairchild Semiconductor FDD6N50FTM Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
FDD6N50F / FDU6N50F Rev. A
www.fairchildsemi.com
3
Typical Performance Characteristics
Figure 1. On-Region Characteristics
Figure 2. Transfer Characteristics
Figure 3. On-Resistance Variation vs.
Figure 4. Body Diode Forward Voltage
Drain Current and Gate Voltage
Variation vs. Source Current
and Temperature
Figure 5. Capacitance Characteristics
Figure 6. Gate Charge Characteristics
0.1
1
10
0.1
1
10
20
0.04
*Notes:
1. 250μs Pulse Test
2. TC = 25
oC
VGS = 10.0 V
8.0 V
7.0 V
6.5 V
6.0 V
5.5 V
VDS,Drain-Source Voltage[V]
28
56789
10
1
10
150
oC
*Notes:
1. VDS = 20V
2. 250μs Pulse Test
25
oC
VGS,Gate-Source Voltage[V]
20
0.0
0.5
1.0
1.5
2.0
0.1
1
10
100
*Notes:
1. V
GS = 0V
2. 250μs Pulse Test
150
oC
V
SD, Body Diode Forward Voltage [V]
25
oC
04
8
12
16
0.6
1.2
1.8
2.4
*Note: TJ = 25
oC
VGS = 20V
VGS = 10V
ID, Drain Current [A]
0.1
1
10
0
300
600
900
1200
1500
Coss
Ciss
Ciss = Cgs + Cgd (Cds = shorted)
Coss = Cds + Cgd
Crss = Cgd
*Note:
1. VGS = 0V
2. f = 1MHz
Crss
VDS, Drain-Source Voltage [V]
30
04
8
12
16
0
2
4
6
8
10
*Note: ID = 6A
VDS = 100V
VDS = 250V
VDS = 400V
Qg, Total Gate Charge [nC]


同様の部品番号 - FDD6N50FTM

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FDD6N50FTM FAIRCHILD-FDD6N50FTM Datasheet
298Kb / 14P
   DESIGN/PROCESS CHANGE NOTIFICATION
More results

同様の説明 - FDD6N50FTM

メーカー部品番号データシート部品情報
logo
Tak Cheong Electronics ...
TFP730 TAK_CHEONG-TFP730 Datasheet
345Kb / 7P
   N-Channel Power MOSFET 5.5A, 400V, 0.95廓
TFF730 TAK_CHEONG-TFF730 Datasheet
325Kb / 7P
   N-Channel Power MOSFET 5.5A, 400V, 0.95廓
TFF8N60 TAK_CHEONG-TFF8N60 Datasheet
288Kb / 7P
   N-Channel Power MOSFET 8A, 600V, 1.15廓
logo
Fairchild Semiconductor
FDP12N50 FAIRCHILD-FDP12N50 Datasheet
381Kb / 10P
   N-Channel MOSFET 500V, 11.5A, 0.65廓
FDD5N50NZF FAIRCHILD-FDD5N50NZF Datasheet
304Kb / 8P
   N-Channel MOSFET 500V, 3.7A, 1.75廓
FDA28N50F FAIRCHILD-FDA28N50F_12 Datasheet
399Kb / 8P
   N-Channel MOSFET 500V, 28A, 0.175廓
FDP13N50F FAIRCHILD-FDP13N50F Datasheet
621Kb / 9P
   N-Channel MOSFET 500V, 12A, 0.54廓
FDP12N50F FAIRCHILD-FDP12N50F Datasheet
701Kb / 10P
   N-Channel MOSFET 500V, 11.5A, 0.7廓
FDP5N50 FAIRCHILD-FDP5N50 Datasheet
265Kb / 10P
   N-Channel MOSFET 500V, 5A, 1.4廓
FDA28N50F FAIRCHILD-FDA28N50F Datasheet
541Kb / 8P
   N-Channel MOSFET 500V, 28A, 0.175廓
More results


Html Pages

1 2 3 4 5 6 7 8 9


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com