データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

1N4006GP データシート(PDF) 2 Page - First Components International

部品番号 1N4006GP
部品情報  1.0 Amp MEGARECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FCI [First Components International]
ホームページ  http://www.cotra.com.tw/
Logo FCI - First Components International

1N4006GP データシート(HTML) 2 Page - First Components International

  1N4006GP Datasheet HTML 1Page - First Components International 1N4006GP Datasheet HTML 2Page - First Components International  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Data Sheet
1.0 Amp MEGARECTIFIERS
Page 6-5
Ratings at
25 Deg. C ambient
temperature
unless otherwise
specified.
Single Phase Half
Wave, 60 HZ
Resistive or
Inductive Load.
For Capacitive
Load, Derate
Current by 20%.
NOTES: 1. Measured @ 1 MHZ and applied reverse voltage of 4.0V.
2. Thermal Resistance from Junction to Ambient at 3/8" Lead Length, P.C. Board Mounted.
3. Reverse Recovery Condition I
F = 0.5A, IR = 1.0A, IRR = 0.25A.
Forward Current Derating Curve
T
A = Ambient Temperature (°
°°°°C)
Typical Reverse Characteristics
Non-Repetitive
Peak Forward Surge Current
Percent of Rated Peak Voltage
Typical Instantaneous Forward Characteristics
Volts
Typical Junction Capacitance
Reverse Voltage (Volts)
Number of Cycles @ 60 HZ
T
J = 100°
°°°°C
T
J = 25°
°°°°C
60 Hz
RESISTIVE OR
INDUCTIVELOAD
0.375″″″″″ (9.5mm) LEAD LENGTH
T
J= TJmax.
8.3mSSingleHalfSineWave
(JedecMethod)
T
J = 25°
°°°°C
f = 1.0 MHZ
V
SIG = 50mVp-p
T
J = 25°
°°°°C
Pulse Width = 300µµµµµS
1% Duty Cycle


同様の部品番号 - 1N4006GP

メーカー部品番号データシート部品情報
logo
General Semiconductor
1N4006GP GE-1N4006GP Datasheet
61Kb / 2P
   GLASS PASSIVATED JUNCTION RECTIFIER
logo
Vishay Siliconix
1N4006GP VISHAY-1N4006GP Datasheet
84Kb / 5P
   Glass Passivated Junction Plastic Rectifier
01-Jan-2022
logo
Micro Commercial Compon...
1N4006GP MCC-1N4006GP Datasheet
79Kb / 3P
   1 Amp Glass PassivatedRectifier 50 - 1000 Volts
logo
DAESAN ELECTRONIC CORP.
1N4006GP DAESAN-1N4006GP Datasheet
464Kb / 2P
   STANDARD RECTIFIER
logo
Taiwan Semiconductor Co...
1N4006GP TSC-1N4006GP Datasheet
55Kb / 2P
   1.0 AMP. Glass Passivated Junction Plastic Rectifiers
More results

同様の説明 - 1N4006GP

メーカー部品番号データシート部品情報
logo
First Components Intern...
GL41A FCI-GL41A Datasheet
136Kb / 2P
   1.0 Amp MEGARECTIFIERS
RGF1A FCI-RGF1A Datasheet
141Kb / 2P
   1.0 Amp MEGARECTIFIERS
GF1A FCI-GF1A Datasheet
165Kb / 2P
   1.0 Amp MEGARECTIFIERS
1N4933GP FCI-1N4933GP Datasheet
153Kb / 2P
   1.0 Amp FAST SWITCHING MEGARECTIFIERS
1N4942GP FCI-1N4942GP Datasheet
164Kb / 2P
   1.0 Amp FAST SWITCHING MEGARECTIFIERS
RGL41A FCI-RGL41A Datasheet
157Kb / 2P
   1.0 Amp FAST SWITCHING MEGARECTIFIERS
GP10 FCI-GP10 Datasheet
144Kb / 2P
   1.0 Amp MEGARECTIFIERS Mechanical Dimensions
GUF10A FCI-GUF10A Datasheet
160Kb / 2P
   1.0 Amp ULTRA-FAST SWITCHING MEGARECTIFIERS
GUF10 FCI-GUF10 Datasheet
156Kb / 2P
   1.0 Amp ULTRA-FAST SWITCHING MEGARECTIFIERS
RGP10A FCI-RGP10A Datasheet
137Kb / 2P
   1.0 Amp FAST SWITCHING MEGARECTIFIERS Mechanical Dimensions
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com