データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ADM13305-33ARZ-RL71 データシート(PDF) 8 Page - Analog Devices

部品番号 ADM13305-33ARZ-RL71
部品情報  Dual Processor Supervisors with Watchdog
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

ADM13305-33ARZ-RL71 データシート(HTML) 8 Page - Analog Devices

Back Button ADM13305-33ARZ-RL71 Datasheet HTML 4Page - Analog Devices ADM13305-33ARZ-RL71 Datasheet HTML 5Page - Analog Devices ADM13305-33ARZ-RL71 Datasheet HTML 6Page - Analog Devices ADM13305-33ARZ-RL71 Datasheet HTML 7Page - Analog Devices ADM13305-33ARZ-RL71 Datasheet HTML 8Page - Analog Devices ADM13305-33ARZ-RL71 Datasheet HTML 9Page - Analog Devices ADM13305-33ARZ-RL71 Datasheet HTML 10Page - Analog Devices ADM13305-33ARZ-RL71 Datasheet HTML 11Page - Analog Devices ADM13305-33ARZ-RL71 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
ADM13305
Rev. 0 | Page 8 of 12
TYPICAL PERFORMANCE CHARACTERISTICS
0.6003
0.5985
FREE AIR TEMPERATURE, TA (°C)
0.6001
0.5999
0.5997
0.5995
0.5993
0.5991
0.5989
0.5987
–40
–20
0
20
40
60
80
TA = 25°C
VDD = 2V
MR = OPEN
0
0
1000
10
9
8
7
6
5
4
3
2
1
100
200
300
400
500
600
700
800
900
VDD = 5.5V
MR = OPEN
SENSE THRESHOLD OVERDRIVE (mV)
Figure 4. Sense Threshold Voltage vs. Free Air Temperature at VDD
Figure 7. ADM13305-18, ADM13305-25 and ADM13305-33 Minimum Pulse
Duration at SENSE vs. Sense Threshold Overdrive
40
–10
–1.0
6.5
SUPPLY VOLTAGE, VDD (V)
35
30
25
20
15
10
5
0
–5
–0.5
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
SENSEv = 5.5V
MR = OPEN
TA = 25°C
30
0
1000
40
39
38
37
36
35
34
33
32
31
100
200
300
400
500
600
700
800
900
VDD = 5.5V
MR = OPEN
SENSE THRESHOLD OVERDRIVE (mV)
Figure 5. Supply Current vs. Supply Voltage
Figure 8. ADM13305-4 and ADM13305-5 Minimum Pulse Duration at SENSE
vs. Sense Threshold Overdrive
0
0–
–5
–4
–3
–2
–1
HIGH LEVEL OUTPUT CURRENT, IOH (mA)
2.50
6
2.00
1.00
0.50
1.50
–40°C
0°C
+25°C
+85°C
VDD = 2V
MR = OPEN
–900
–1.0
7.0
INPUT VOLTAGE AT MR, VI (V)
100
200
0
–100
–200
–300
–400
–500
–600
–700
–800
–0.5
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
6.5
VDD = 5.5V
TA = 25°C
Figure 6. Input Current vs. Input Voltage at MR
Figure 9. High Level Output Voltage vs. High Level Output Current


同様の部品番号 - ADM13305-33ARZ-RL71

メーカー部品番号データシート部品情報
logo
Analog Devices
ADM13305 AD-ADM13305_15 Datasheet
313Kb / 12P
   Dual Processor Supervisors with Watchdog
REV. 0
More results

同様の説明 - ADM13305-33ARZ-RL71

メーカー部品番号データシート部品情報
logo
Analog Devices
ADM13305 AD-ADM13305_15 Datasheet
313Kb / 12P
   Dual Processor Supervisors with Watchdog
REV. 0
logo
Texas Instruments
TPS3305-18DRG4 TI1-TPS3305-18DRG4 Datasheet
780Kb / 18P
[Old version datasheet]   DUAL PROCESSOR SUPERVISORS
TPS3305-18DRG4 TI-TPS3305-18DRG4 Datasheet
780Kb / 18P
[Old version datasheet]   DUAL PROCESSOR SUPERVISORS
TPS3305- TI-TPS3305- Datasheet
236Kb / 13P
[Old version datasheet]   DUAL PROCESSOR SUPERVISORS
TPS3305 TI1-TPS3305_16 Datasheet
998Kb / 18P
[Old version datasheet]   DUAL PROCESSOR SUPERVISORS
TPS3307- TI-TPS3307- Datasheet
430Kb / 14P
[Old version datasheet]   TRIPLE PROCESSOR SUPERVISORS
TPS3307-18-EP TI1-TPS3307-18-EP_16 Datasheet
984Kb / 18P
[Old version datasheet]   TRIPLE PROCESSOR SUPERVISORS
TPS3307-18 TI1-TPS3307-18_16 Datasheet
1Mb / 20P
[Old version datasheet]   TRIPLE PROCESSOR SUPERVISORS
TPS3307-18-Q1 TI1-TPS3307-18-Q1_16 Datasheet
801Kb / 15P
[Old version datasheet]   TRIPLE PROCESSOR SUPERVISORS
logo
Analog Devices
ADM13307 AD-ADM13307_15 Datasheet
299Kb / 12P
   Triple Processor Supervisors
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com