データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SM34020APCM40 データシート(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
部品番号 SM34020APCM40
部品情報  GRAPHICS SYSTEM PROCESSOR
Download  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

SM34020APCM40 データシート(HTML) 6 Page - Texas Instruments

Back Button SM34020APCM40 Datasheet HTML 2Page - Texas Instruments SM34020APCM40 Datasheet HTML 3Page - Texas Instruments SM34020APCM40 Datasheet HTML 4Page - Texas Instruments SM34020APCM40 Datasheet HTML 5Page - Texas Instruments SM34020APCM40 Datasheet HTML 6Page - Texas Instruments SM34020APCM40 Datasheet HTML 7Page - Texas Instruments SM34020APCM40 Datasheet HTML 8Page - Texas Instruments SM34020APCM40 Datasheet HTML 9Page - Texas Instruments SM34020APCM40 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 89 page
background image
SM34020APCM40
GRAPHICS SYSTEM PROCESSOR
SGLS361 − JULY 2006
6
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
Terminal Functions (Continued)
TERMINAL
DESCRIPTION
NAME
TYPE †
DESCRIPTION
Power
VCC‡
I
Nominal 5-V power supply. Five pins on QFP; nine pins on PGA.
VSS‡
I
Electrical ground. Nine pins on QFP; 17 pins on PGA.
Emulation Control
EMU0 − EMU 2
I
Emulation 0 − 2
EMU3
O
Emulation 3
Multiprocessor Interface
GI
I
Bus grant input. External bus arbitration logic drives GI low to enable the SM34020APCM40 to gain access to the
local-memory bus. The SM34020APCM40 must release the bus if GI is high so that another device can access
the bus.
Bus request and control. R1 and R0 indicate a request for use of the bus in a multiprocessor system; they are
decoded as:
R1, R0
O
R1
R0
Bus Request Type
L
L
High-priority bus request
L
H
Bus-cycle termination
H
L
Low-priority bus request
H
H
No bus request pending
A high-priority bus request provides for VRAM serial-data-register transfer cycles (midline or blanked), DRAM
refresh (when 12 or more refresh cycles are pending), or a host-initiated access. The external arbitration logic
should grant the request as soon as possible by asserting GI low.
A low-priority bus request is used to provide for CPU-requested access and DRAM refresh (when less than
12 refresh cycles are pending).
Bus-cycle termination status is provided so that the arbitration logic can determine that the device currently
accessing the bus is completing an access, and other devices can compete for the next bus cycle. A
no-bus-request-pending status is output when the currently active device does not require the bus on subsequent
cycles.
Video Interface
CBLNK/VBLNK
O
Composite blanking / vertical blanking. CBLNK / VBLNK can be programmed to select one of two blanking
functions:
Composite blanking for blanking the display during both horizontal and vertical retrace periods in
composite-sync-video mode
Vertical blanking for blanking the display during vertical retrace in separate-sync-video mode
Immediately following reset, CBLNK/VBLNK is configured as a CBLNK output.
CSYNC/HBLNK
I/O
Composite synchronization / horizontal blanking. CSYNC/HBLNK can be programmed to select one of two
functions:
Composite sync (either input or output as set by a control bit in the DPYCTL register) in
composite-sync-video mode:
As an input, extracts HSYNC and VSYNC from externally-generated horizontal sync pulses
As an output, CSYNC/HBLNK generates active-low composite-sync pulses from either externally
generated HSYNC and VSYNC signals or signals generated by the SM34020APCM40’s on-chip video
timers
Horizontal blank (output only) for blanking the display during horizontal retrace in separate-sync-video
mode
Immediately following reset, CSYNC/HBLNK is configured as a CSYNC input.
† I = input, O = output
‡ For proper SM34020APCM40 operation, all VCC and VSS pins must be connected externally.


同様の部品番号 - SM34020APCM40

メーカー部品番号データシート部品情報
logo
Texas Instruments
SM34020A TI1-SM34020A Datasheet
1Mb / 94P
[Old version datasheet]   GRAPHICS SYSTEM PROCESSOR
SM34020A-S TI1-SM34020A-S Datasheet
1Mb / 94P
[Old version datasheet]   GRAPHICS SYSTEM PROCESSOR
SM34020AGBM32 TI-SM34020AGBM32 Datasheet
1Mb / 97P
[Old version datasheet]   GRAPHICS SYSTEM PROCESSOR
SM34020AGBM32 TI1-SM34020AGBM32 Datasheet
1Mb / 98P
[Old version datasheet]   GRAPHICS SYSTEM PROCESSOR
SM34020AGBM40 TI-SM34020AGBM40 Datasheet
1Mb / 97P
[Old version datasheet]   GRAPHICS SYSTEM PROCESSOR
More results

同様の説明 - SM34020APCM40

メーカー部品番号データシート部品情報
logo
Texas Instruments
SM34020A TI1-SM34020A Datasheet
1Mb / 94P
[Old version datasheet]   GRAPHICS SYSTEM PROCESSOR
SMJ34020A TI-SMJ34020A Datasheet
1Mb / 92P
[Old version datasheet]   GRAPHICS SYSTEM PROCESSOR
SMJ34020A TI1-SMJ34020A_16 Datasheet
1Mb / 98P
[Old version datasheet]   GRAPHICS SYSTEM PROCESSOR
TMS34010FNL-40 TI1-TMS34010FNL-40 Datasheet
1Mb / 60P
[Old version datasheet]   GRAPHICS SYSTEM PROCESSOR
SMJ34020A TI-SMJ34020A_06 Datasheet
1Mb / 97P
[Old version datasheet]   GRAPHICS SYSTEM PROCESSOR
TMS34010 TI-TMS34010 Datasheet
1Mb / 60P
[Old version datasheet]   GRAPHICS SYSTEM PROCESSOR
TMS34010FNL-50 TI-TMS34010FNL-50 Datasheet
1Mb / 60P
[Old version datasheet]   GRAPHICS SYSTEM PROCESSOR
logo
Sanyo Semicon Device
LC78711E SANYO-LC78711E Datasheet
781Kb / 43P
   Graphics Display Processor
logo
List of Unclassifed Man...
PICASO ETC2-PICASO Datasheet
8Mb / 24P
   Embedded Graphics Processor
DIABLO16 ETC2-DIABLO16 Datasheet
2Mb / 33P
   Embedded Graphics Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com