データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TS3L500AERHURG4 データシート(PDF) 5 Page - Texas Instruments

部品番号 TS3L500AERHURG4
部品情報  16-BIT TO 8-BIT SPDT GIGABIT LAN SWITCH WITH LED SWITCH AND ENHANCED ESD PROTECTION
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

TS3L500AERHURG4 データシート(HTML) 5 Page - Texas Instruments

  TS3L500AERHURG4 Datasheet HTML 1Page - Texas Instruments TS3L500AERHURG4 Datasheet HTML 2Page - Texas Instruments TS3L500AERHURG4 Datasheet HTML 3Page - Texas Instruments TS3L500AERHURG4 Datasheet HTML 4Page - Texas Instruments TS3L500AERHURG4 Datasheet HTML 5Page - Texas Instruments TS3L500AERHURG4 Datasheet HTML 6Page - Texas Instruments TS3L500AERHURG4 Datasheet HTML 7Page - Texas Instruments TS3L500AERHURG4 Datasheet HTML 8Page - Texas Instruments TS3L500AERHURG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
www.ti.com
Electrical Characteristics
Electrical Characteristics
TS3L500AE
16-BIT TO 8-BIT SPDT GIGABIT LAN SWITCH
WITH LED SWITCH AND ENHANCED ESD PROTECTION
SCDS246 – JUNE 2007
for 1000 Base-T Ethernet switching over recommended operating free-air temperature range, VDD = 3.3 V ± 0.3 V
(unless otherwise noted)
PARAMETER
TEST CONDITIONS(1)
MIN
TYP(2) MAX
UNIT
VIK
SEL
VCC = 3.6 V,
IIN = –18 mA
–0.7
–1.2
V
IIH
SEL
VCC = 3.6 V,
VIN = VDD
±1
μA
IIL
SEL
VCC = 3.6 V,
VIN = GND
±1
μA
IOFF
SEL
VCC = 0 V,
VIN = 0 to 3.6 V
±1
μA
ICC
VCC = 3.6 V,
II/O = 0,
Switch ON or OFF
250
600
μA
CIN
SEL
f = 1 MHz,
VIN = 0
2
2.5
pF
COFF
B port
VI = 0,
f = 1 MHz,
Outputs open,
Switch OFF
3
4
pF
CON
VI = 0,
f = 1 MHz,
Outputs open,
Switch ON
9
9.8
pF
ron
VCC = 3 V,
1.5 V
≤ V
I ≤ VCC,
IO = –40 mA
4
8
ron(flat)
(3)
VCC = 3 V,
VI = 1.5 V and VCC,
IO = –40 mA
0.7
Δron
(4)
VCC = 3 V,
1.5 V
≤ V
I ≤ VCC,
IO = –40 mA
0.2
1.2
(1)
VI, VO, II, and IO refer to I/O pins. VIN refers to the control inputs.
(2)
All typical values are at VDD = 3.3 V (unless otherwise noted), TA = 25°C.
(3)
ron(flat) is the difference of ron in a given channel at specified voltages.
(4)
Δron is the difference of ron from center (A4, A5) ports to any other port.
for 10/100 Base-T Ethernet switching over recommended operating free-air temperature range, VDD = 3.3 V ± 0.3 V
(unless otherwise noted)
PARAMETER
TEST CONDITIONS(1)
MIN
TYP(2)
MAX
UNIT
VIK
SEL
VCC = 3.6 V,
IIN = –18 mA
–0.7
–1.2
V
IIH
SEL
VCC = 3.6 V,
VIN = VDD
±1
μA
IIL
SEL
VCC = 3.6 V,
VIN = GND
±1
μA
IOFF
SEL
VCC = 0 V,
VIN = 0 to 3.6 V
±1
μA
ICC
VCC = 3.6 V,
II/O = 0,
Switch ON or OFF
250
600
μA
CIN
SEL
f = 1 MHz,
VIN = 0
2
2.5
pF
COFF
B port
VI = 0,
f = 1 MHz,
Outputs open,
Switch OFF
3
4
pF
CON
VI = 0,
f = 1 MHz,
Outputs open,
Switch ON
9
9.8
pF
ron
VCC = 3 V,
1.25 V
≤ V
I ≤ VCC,
IO = –10 mA to –30 mA
4
6
ron(flat)
(3)
VCC = 3 V,
VI = 1.25 V and VCC,
IO = –10 mA to –30 mA
0.5
Δron
(4)
VCC = 3 V,
1.25 V
≤ V
I ≤ VCC,
IO = –10 mA to –30 mA
0.4
1
(1)
VI, VO, II, and IO refer to I/O pins. VIN refers to the control inputs.
(2)
All typical values are at VDD = 3.3 V (unless otherwise noted), TA = 25°C.
(3)
ron(flat) is the difference of ron in a given channel at specified voltages.
(4)
Δron is the difference of ron from center (A4, A5) ports to any other port.
5
Submit Documentation Feedback


同様の部品番号 - TS3L500AERHURG4

メーカー部品番号データシート部品情報
logo
Texas Instruments
TS3L500AERHURG4 TI-TS3L500AERHURG4 Datasheet
476Kb / 17P
[Old version datasheet]   16-BIT TO 8-BIT SPDT GIGABIT LAN SWITCH WITH LED SWITCH AND ENHANCED ESD PROTECTION
TS3L500AERHURG4 TI-TS3L500AERHURG4 Datasheet
458Kb / 17P
[Old version datasheet]   16-BIT TO 8-BIT SPDT GIGABIT LAN SWITCH WITH LED SWITCH AND ENHANCED ESD PROTECTION
More results

同様の説明 - TS3L500AERHURG4

メーカー部品番号データシート部品情報
logo
Texas Instruments
TS3L500AE TI-TS3L500AE_08 Datasheet
476Kb / 17P
[Old version datasheet]   16-BIT TO 8-BIT SPDT GIGABIT LAN SWITCH WITH LED SWITCH AND ENHANCED ESD PROTECTION
TS3L500AE TI-TS3L500AE_10 Datasheet
458Kb / 17P
[Old version datasheet]   16-BIT TO 8-BIT SPDT GIGABIT LAN SWITCH WITH LED SWITCH AND ENHANCED ESD PROTECTION
TS3L500 TI-TS3L500_10 Datasheet
663Kb / 19P
[Old version datasheet]   16-BIT TO 8-BIT SPDT GIGABIT LAN SWITCH WITH LED SWITCH
TS3L500 TI-TS3L500 Datasheet
330Kb / 15P
[Old version datasheet]   16-BIT TO 8-BIT SPDT GIGABIT LAN SWITCH WITH LED SWITCH
TS3L4892 TI-TS3L4892 Datasheet
630Kb / 18P
[Old version datasheet]   16-BIT TO 8-BIT SPDT GIGABIT LAN SWITCH WITH LED SWITCH
logo
STMicroelectronics
STMUX1800E STMICROELECTRONICS-STMUX1800E Datasheet
322Kb / 26P
   16-bit to 8-bit MUX/DEMUX for gigabit Ethernet LAN switch with LED switch and enhanced ESD protection
November 2011 Rev 3
STMUX1800L STMICROELECTRONICS-STMUX1800L Datasheet
509Kb / 21P
   16- to 8-bit MUX/DEMUX for gigabit Ethernet LAN switch with LED switch and enhanced ESD protection
June 2009 Rev 4
logo
Texas Instruments
TS3L301 TI-TS3L301 Datasheet
252Kb / 16P
[Old version datasheet]   16 BIT TO 8 BIT SPDT GIGABIT LAN SWITCH WITH LOW AND FLAT ON STATE RESISTANCE
TS3L301 TI-TS3L301_07 Datasheet
350Kb / 17P
[Old version datasheet]   16-BIT TO 8-BIT SPDT GIGABIT LAN SWITCH WITH LOW AND FLAT ON-STATE RESISTANCE
logo
STMicroelectronics
STMUX1000L STMICROELECTRONICS-STMUX1000L Datasheet
503Kb / 9P
   GIGABIT LAN ANALOG SWITCH 16-BIT TO 8-BIT MULTIPLEXER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com