データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SN74AHCT123APWRE4 データシート(PDF) 6 Page - Texas Instruments

部品番号 SN74AHCT123APWRE4
部品情報  DUAL RETRIGGERABLE MONOSTABLE MULTIVIBRATORS
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

SN74AHCT123APWRE4 データシート(HTML) 6 Page - Texas Instruments

Back Button SN74AHCT123APWRE4 Datasheet HTML 2Page - Texas Instruments SN74AHCT123APWRE4 Datasheet HTML 3Page - Texas Instruments SN74AHCT123APWRE4 Datasheet HTML 4Page - Texas Instruments SN74AHCT123APWRE4 Datasheet HTML 5Page - Texas Instruments SN74AHCT123APWRE4 Datasheet HTML 6Page - Texas Instruments SN74AHCT123APWRE4 Datasheet HTML 7Page - Texas Instruments SN74AHCT123APWRE4 Datasheet HTML 8Page - Texas Instruments SN74AHCT123APWRE4 Datasheet HTML 9Page - Texas Instruments SN74AHCT123APWRE4 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
SN54AHCT123A, SN74AHCT123A
DUAL RETRIGGERABLE MONOSTABLE MULTIVIBRATORS
SCLS420G – JUNE 1998 – REVISED APRIL 2003
6
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
PARAMETER MEASUREMENT INFORMATION
NOTES: A. CL includes probe and jig capacitance.
B. All input pulses are supplied by generators having the following characteristics: ZO = 50 Ω, tr + 3 ns, tf + 3 ns.
C. The outputs are measured one at a time with one input transition per measurement.
50% VCC
tPLH
tPHL
VOH
VOL
3 V
50% VCC
1.5 V
3 V
Input A
(see Note B)
1.5 V
0 V
0 V
In-Phase
Output
Out-of-Phase
Output
VOLTAGE WAVEFORMS
DELAY TIMES
Input B
(see Note B)
VOL
VOH
LOAD CIRCUIT
Test
Point
CL
(see Note A)
From Output
Under Test
50% VCC
tPLH
tPHL
tPHL
tPLH
VOH
VOH
VOL
VOL
3 V
0 V
50% VCC
Input CLR
(see Note B)
Out-of-Phase
Output
In-Phase
Output
VOLTAGE WAVEFORMS
DELAY TIMES
50% VCC
50% VCC
1.5 V
1.5 V
3 V
0 V
tw
VOLTAGE WAVEFORMS
PULSE DURATION
Inputs
1.5 V
1.5 V
VOH
Outputs
50% VCC
50% VCC
VOL
Figure 1. Load Circuit and Voltage Waveforms


同様の部品番号 - SN74AHCT123APWRE4

メーカー部品番号データシート部品情報
logo
Texas Instruments
SN74AHCT123APWRE4 TI-SN74AHCT123APWRE4 Datasheet
570Kb / 21P
[Old version datasheet]   DUAL RETRIGGERABLE MONOSTABLE MULTIVIBRATORS
SN74AHCT123APWRE4 TI-SN74AHCT123APWRE4 Datasheet
867Kb / 25P
[Old version datasheet]   DUAL RETRIGGERABLE MONOSTABLE MULTIVIBRATORS
More results

同様の説明 - SN74AHCT123APWRE4

メーカー部品番号データシート部品情報
logo
Hitachi Semiconductor
HD74LV123A HITACHI-HD74LV123A Datasheet
91Kb / 20P
   Dual Retriggerable Monostable Multivibrators
logo
Renesas Technology Corp
HD74LV123A RENESAS-HD74LV123A Datasheet
119Kb / 16P
   Dual Retriggerable Monostable Multivibrators
logo
Texas Instruments
SN54AHC123A TI-SN54AHC123A Datasheet
637Kb / 23P
[Old version datasheet]   DUAL RETRIGGERABLE MONOSTABLE MULTIVIBRATORS
SN54AHC123A TI1-SN54AHC123A_15 Datasheet
1Mb / 28P
[Old version datasheet]   DUAL RETRIGGERABLE MONOSTABLE MULTIVIBRATORS
SN54LS422 TI-SN54LS422 Datasheet
323Kb / 9P
[Old version datasheet]   RETRIGGERABLE MONOSTABLE MULTIVIBRATORS
SN54LS422 TI1-SN54LS422_12 Datasheet
612Kb / 9P
[Old version datasheet]   RETRIGGERABLE MONOSTABLE MULTIVIBRATORS
SN54AHCT123A TI-SN54AHCT123A Datasheet
570Kb / 21P
[Old version datasheet]   DUAL RETRIGGERABLE MONOSTABLE MULTIVIBRATORS
logo
Hitachi Semiconductor
HD74HC423A HITACHI-HD74HC423A Datasheet
51Kb / 8P
   Dual Retriggerable Monostable Multivibrators
logo
Texas Instruments
SN54AHCT123A TI-SN54AHCT123A_08 Datasheet
867Kb / 25P
[Old version datasheet]   DUAL RETRIGGERABLE MONOSTABLE MULTIVIBRATORS
logo
Renesas Technology Corp
HD74LV123A RENESAS-HD74LV123A_15 Datasheet
145Kb / 18P
   Dual Retriggerable Monostable Multivibrators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com