データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

74AHCU04 データシート(PDF) 3 Page - NXP Semiconductors

部品番号 74AHCU04
部品情報  Hex inverter
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NXP [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo NXP - NXP Semiconductors

74AHCU04 データシート(HTML) 3 Page - NXP Semiconductors

  74AHCU04 Datasheet HTML 1Page - NXP Semiconductors 74AHCU04 Datasheet HTML 2Page - NXP Semiconductors 74AHCU04 Datasheet HTML 3Page - NXP Semiconductors 74AHCU04 Datasheet HTML 4Page - NXP Semiconductors 74AHCU04 Datasheet HTML 5Page - NXP Semiconductors 74AHCU04 Datasheet HTML 6Page - NXP Semiconductors 74AHCU04 Datasheet HTML 7Page - NXP Semiconductors 74AHCU04 Datasheet HTML 8Page - NXP Semiconductors 74AHCU04 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
74AHCU04_3
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 03 — 14 November 2007
3 of 14
NXP Semiconductors
74AHCU04
Hex inverter
6.
Functional description
7.
Limiting values
[1]
The input and output voltage ratings may be exceeded if the input and output current ratings are observed.
[2]
For SO14 packages: above 70
°C the value of P
tot derates linearly with 8 mW/K.
For TSSOP14 packages: above 60
°C the value of Ptot derates linearly with 5.5 mW/K.
For DHVQFN14 packages: above 60
°C the value of Ptot derates linearly with 4.5 mW/K.
3A
5
data input
3Y
6
data output
GND
7
ground (0 V)
4Y
8
data output
4A
9
data input
5Y
10
data output
5A
11
data input
6Y
12
data output
6A
13
data input
VCC
14
supply voltage
Table 2.
Pin description …continued
Symbol
Pin
Description
Table 3.
Function table
H = HIGH voltage level; L = LOW voltage level
Input
Output
nA
nY
LH
HL
Table 4.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
VCC
supply voltage
−0.5
+7.0
V
IIK
input clamping current
VI < −0.5 V
−20
-
mA
VI
input voltage
[1]
−0.5
+7.0
V
IOK
output clamping current
VO < −0.5 V or VO >VCC + 0.5 V
-
±20
mA
IO
output current
−0.5 V < VO < VCC + 0.5 V
-
±25
mA
ICC
supply current
-
75
mA
IGND
ground current
−75
-
mA
Tstg
storage temperature
−65
+150
°C
Ptot
total power dissipation
Tamb = −40 °C to +125 °C
[2] -
500
mW


同様の部品番号 - 74AHCU04

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
74AHCU04 PHILIPS-74AHCU04 Datasheet
87Kb / 16P
   Hex inverter
1999 Sep 27
logo
Diodes Incorporated
74AHCU04 DIODES-74AHCU04 Datasheet
239Kb / 8P
   UNBUFFERED HEX INVERTERS
logo
Nexperia B.V. All right...
74AHCU04 NEXPERIA-74AHCU04 Datasheet
245Kb / 14P
   Hex unbuffered inverter
Rev. 5 - 18 May 2020
74AHCU04-Q100 NEXPERIA-74AHCU04-Q100 Datasheet
752Kb / 15P
   Hex unbuffered inverter
74AHCU04BQ NEXPERIA-74AHCU04BQ Datasheet
245Kb / 14P
   Hex unbuffered inverter
Rev. 5 - 18 May 2020
More results

同様の説明 - 74AHCU04

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
74LVC04A PHILIPS-74LVC04A Datasheet
87Kb / 10P
   Hex inverter
1997 Jun 30
logo
Texas Instruments
74AC11004 TI-74AC11004 Datasheet
75Kb / 5P
[Old version datasheet]   HEX INVERTER
REVISED APRIL 1996
logo
Fairchild Semiconductor
74AC04 FAIRCHILD-74AC04 Datasheet
104Kb / 8P
   Hex Inverter
74VHCT04A FAIRCHILD-74VHCT04A Datasheet
128Kb / 8P
   Hex Inverter
MM74HC04 FAIRCHILD-MM74HC04 Datasheet
77Kb / 6P
   Hex Inverter
MM74HCU04 FAIRCHILD-MM74HCU04 Datasheet
81Kb / 6P
   Hex Inverter
logo
NXP Semiconductors
74HC04 PHILIPS-74HC04 Datasheet
33Kb / 5P
   Hex inverter
2003 Jul 23
logo
STMicroelectronics
HCC4069UB STMICROELECTRONICS-HCC4069UB Datasheet
283Kb / 12P
   HEX INVERTER
logo
Motorola, Inc
74LS04 MOTOROLA-74LS04 Datasheet
34Kb / 2P
   HEX INVERTER
logo
NXP Semiconductors
74ALS04B PHILIPS-74ALS04B Datasheet
100Kb / 8P
   Hex inverter
1991 Feb 08
logo
STMicroelectronics
74AC04 STMICROELECTRONICS-74AC04_01 Datasheet
176Kb / 8P
   HEX INVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com