データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BTA416Y-600B データシート(PDF) 4 Page - NXP Semiconductors

部品番号 BTA416Y-600B
部品情報  16 A Three-quadrant triacs, insulated, high commutation, high temperature
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NXP [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo NXP - NXP Semiconductors

BTA416Y-600B データシート(HTML) 4 Page - NXP Semiconductors

  BTA416Y-600B Datasheet HTML 1Page - NXP Semiconductors BTA416Y-600B Datasheet HTML 2Page - NXP Semiconductors BTA416Y-600B Datasheet HTML 3Page - NXP Semiconductors BTA416Y-600B Datasheet HTML 4Page - NXP Semiconductors BTA416Y-600B Datasheet HTML 5Page - NXP Semiconductors BTA416Y-600B Datasheet HTML 6Page - NXP Semiconductors BTA416Y-600B Datasheet HTML 7Page - NXP Semiconductors BTA416Y-600B Datasheet HTML 8Page - NXP Semiconductors BTA416Y-600B Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
BTA416Y_SER_B_C_1
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 01 — 3 October 2007
4 of 12
NXP Semiconductors
BTA416Y series B and C
16 A 3-quadrant triacs, insulated, high commutation, high temperature
tp ≤ 20 ms
(1) dIT/dt limit
Fig 3.
Non-repetitive peak on-state current as a function of pulse duration; maximum values
f = 50 Hz;
Tmb = 108 °C
Fig 4.
RMS on-state current as a function of surge
duration; maximum values
Fig 5.
RMS on-state current as a function of mounting
base temperature; maximum values
003aab818
10
10
2
10
3
10
-5
10
-4
10
-3
10
-2
10
-1
tp (s)
ITSM
(A)
(1)
ITSM
t
IT
Tj(init) = 25 °C max
tp
003aab819
0
10
20
30
40
50
60
10
-2
10
-1
1
10
surge duration (s)
IT(RMS)
(A)
003aab820
0
4
8
12
16
20
-50
0
50
100
150
Tmb (°C)
IT(RMS)
(A)


同様の部品番号 - BTA416Y-600B

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
BTA416Y-600B NXP-BTA416Y-600B Datasheet
90Kb / 12P
   16 A three-quadrant triacs insulated, high commutation, high temperature
Rev. 02-11 March 2008
logo
SiPower Inc.
BTA416Y-600B SIPOWER-BTA416Y-600B Datasheet
1,003Kb / 6P
   16A Triacs
logo
WeEn Semiconductors
BTA416Y-600B WEEN-BTA416Y-600B Datasheet
237Kb / 13P
   3Q Hi-Com Triac
More results

同様の説明 - BTA416Y-600B

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
BTA416Y-600B NXP-BTA416Y-600B Datasheet
90Kb / 12P
   16 A three-quadrant triacs insulated, high commutation, high temperature
Rev. 02-11 March 2008
BTA316-600BT NXP-BTA316-600BT Datasheet
91Kb / 12P
   16 A Three-quadrant triacs high commutation high temperature
Rev. 01-3 May 2007
BTA412Y NXP-BTA412Y Datasheet
86Kb / 12P
   12 A Three-quadrant triacs, insulated, high commutation, high temperature
Rev. 01-3 October 2007
BTA316-600D NXP-BTA316-600D Datasheet
92Kb / 12P
   16 A Three-quadrant triacs high commutation
Rev. 01-18 April 2007
BTA412Y-600B NXP-BTA412Y-600B Datasheet
93Kb / 12P
   12 A three-quadrant triacs, insulated, high commutation, high temperature
Rev. 02-11 March 2008
BTA316B-600B NXP-BTA316B-600B Datasheet
93Kb / 13P
   16 A Three-quadrant triacs high commutation
Rev. 01-19 April 2007
BTA316 NXP-BTA316 Datasheet
85Kb / 12P
   16 A Three-quadrant triacs high commutation
Rev. 01 - 11 April 2007
BTA316X NXP-BTA316X Datasheet
98Kb / 13P
   16 A Three-quadrant triacs high commutation
Rev. 01 - 11 April 2007
BTA312Y NXP-BTA312Y Datasheet
89Kb / 12P
   12 A Three-quadrant triacs high commutation insulated
Rev. 01-27 September 2007
BTA312 NXP-BTA312 Datasheet
81Kb / 12P
   12 A Three-quadrant triacs high commutation high temperature
Rev. 01- 6 April 2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com