データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CXA3355AER データシート(PDF) 9 Page - Sony Corporation

部品番号 CXA3355AER
部品情報  GPS Down Converter IC
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SONY [Sony Corporation]
ホームページ  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA3355AER データシート(HTML) 9 Page - Sony Corporation

Back Button CXA3355AER Datasheet HTML 5Page - Sony Corporation CXA3355AER Datasheet HTML 6Page - Sony Corporation CXA3355AER Datasheet HTML 7Page - Sony Corporation CXA3355AER Datasheet HTML 8Page - Sony Corporation CXA3355AER Datasheet HTML 9Page - Sony Corporation CXA3355AER Datasheet HTML 10Page - Sony Corporation CXA3355AER Datasheet HTML 11Page - Sony Corporation CXA3355AER Datasheet HTML 12Page - Sony Corporation CXA3355AER Datasheet HTML 13Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 29 page
background image
CXA3355AER
- 9 -
Electrical Characteristics
DC Characteristics
(VCC1 = VCC2 = 1.8V, VCC3 = OPEN, Ta = 25°C)
Note) fo mode and 4fo mode use the following power-on reset conditions.
fo mode: TCXO = 18.414MHz, fLO = 1574.397MHz, IF = 1.023MHz
4fo mode: TCXO = 16.368MHz, fLO = 1571.328MHz, IF = 4.092MHz
AC Characteristics
(VCC1 = VCC2 = 1.8V, VCC3 = OPEN, Ta = 25°C)
Note) fo mode and 4fo mode use the following power-on reset conditions.
fo mode: TCXO = 18.414MHz, fLO = 1574.397MHz, IF = 1.023MHz
4fo mode: TCXO = 16.368MHz, fLO = 1571.328MHz, IF = 4.092MHz
Item
Symbol
Conditions
Min. Typ. Max.
Unit
Supply current 1
ICC1
fo mode, excluding the antenna sense circuit
7
11
15
mA
Supply current 2
ICC2
4fo mode, excluding the antenna sense circuit
9
13
17
mA
Supply current 3
ICC3
Power save mode
0.1
1
μA
Input impedance
Zin
Pin 36 (TESTINP),
Pin 37 (TESTINN)
50
100
200
Ω
Output impedance Zout
Pin 38 (TESTOUTP),
Pin 39 (TESTOUTN)
50
100
200
Ω
Item
Symbol
Conditions
Min. Typ. Max.
Unit
Total voltage gain
G
Excluding the A/D converter
85
100
dB
LNA NF1
NF1
50
Ω matching, fo mode
3.0
6
dB
LNA NF2
NF2
50
Ω matching, 4fo mode
2.0
5
dB
Total NF1
TNF1
50
Ω matching, fo mode
5.0
8.5
dB
Total NF2
TNF2
50
Ω matching, 4fo mode
4.0
7.5
dB
P-1dB input
P1dB
Up to before the A/D converter
— –100
—dBm
Image rejection ratio IMRR
Detuning frequency = 1.023MHz, 4.092MHz
–40
–20
dBc
LPF1 (fo mode)
LPF1
@150kHz
Normalized at the 1.023MHz level –5
4
dB
LPF2 (fo mode)
LPF2
@2.046MHz Normalized at the 1.023MHz level –13
2
dB
LPF3 (fo mode)
LPF3
@6MHz
Normalized at the 1.023MHz level —
–13
dB
BPF1 (4fo mode)
BPF1
@1MHz
Normalized at the 4.092MHz level —
–6
dB
BPF2 (4fo mode)
BPF2
@3.069MHz Normalized at the 4.092MHz level –9
6.5
dB
BPF3 (4fo mode)
BPF3
@5.115MHz Normalized at the 4.092MHz level –9
6.5
dB
BPF4 (4fo mode)
BPF4
@12MHz
Normalized at the 4.092MHz level —
–6
dB
C/N 100K
C/N
4fo mode, TCXO = 16.368MHz
–70
–55 dBc/Hz
Spurious component Sp
4fo mode, ratio of the carrier level and the
reference leak level
–40
dBc


同様の部品番号 - CXA3355AER

メーカー部品番号データシート部品情報
logo
Sony Corporation
CXA3355ER SONY-CXA3355ER Datasheet
295Kb / 28P
   GPS Down Converter IC
CXA3355ERVQFN SONY-CXA3355ERVQFN Datasheet
295Kb / 28P
   GPS Down Converter IC
CXA3355TQ SONY-CXA3355TQ Datasheet
258Kb / 21P
   GPS Down Converter IC
More results

同様の説明 - CXA3355AER

メーカー部品番号データシート部品情報
logo
Sony Corporation
CXA3355ER SONY-CXA3355ER Datasheet
295Kb / 28P
   GPS Down Converter IC
CXA3355TQ SONY-CXA3355TQ Datasheet
258Kb / 21P
   GPS Down Converter IC
logo
Panasonic Semiconductor
AN18401A PANASONIC-AN18401A Datasheet
245Kb / 8P
   Down Converter IC for GPS
logo
Sony Corporation
CXA1951AQ SONY-CXA1951AQ Datasheet
364Kb / 16P
   GPS Down Converter
CXA1951Q SONY-CXA1951Q Datasheet
189Kb / 6P
   GPS Down Converter
logo
Sanyo Semicon Device
LA8153LF SANYO-LA8153LF Datasheet
176Kb / 7P
   Down Converter IC
logo
ON Semiconductor
LA8153QA ONSEMI-LA8153QA Datasheet
132Kb / 7P
   Down Converter IC
February, 2014
logo
Sony Corporation
CXA3008N-1 SONY-CXA3008N-1 Datasheet
225Kb / 12P
   L-BAND DOWN CONVERTER IC
logo
NEC
UPC2782GR NEC-UPC2782GR Datasheet
190Kb / 20P
   L BAND DOWN CONVERTER IC
logo
ATMEL Corporation
ATR2809 ATMEL-ATR2809_06 Datasheet
172Kb / 3P
   5.8-GHz Down Converter IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com