データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CXA3685ER データシート(PDF) 11 Page - Sony Corporation

部品番号 CXA3685ER
部品情報  Direct Conversion IC for Digital Satellite Broadcast Tuner
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SONY [Sony Corporation]
ホームページ  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA3685ER データシート(HTML) 11 Page - Sony Corporation

Back Button CXA3685ER Datasheet HTML 7Page - Sony Corporation CXA3685ER Datasheet HTML 8Page - Sony Corporation CXA3685ER Datasheet HTML 9Page - Sony Corporation CXA3685ER Datasheet HTML 10Page - Sony Corporation CXA3685ER Datasheet HTML 11Page - Sony Corporation CXA3685ER Datasheet HTML 12Page - Sony Corporation CXA3685ER Datasheet HTML 13Page - Sony Corporation CXA3685ER Datasheet HTML 14Page - Sony Corporation CXA3685ER Datasheet HTML 15Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
CXA3685ER
- 11 -
Register Block
I2C Bus Timing Chart
Item
Symbol Measurement conditions
Min.
Typ.
Max.
Unit
Bus timing (I2C bus)
SCL clock frequency
fSCL
0
400
kHz
Bus free time between “STOP”
condition and “STOP” condition
tBUF
1300
ns
Start-Hold time
tH; STA
600
ns
Low hold time
tLOW
1300
ns
High hold time
tHIGH
600
ns
Start-Setup time
tS; STA
600
ns
Data-Hold time
tH; DAT
0
900
ns
Data-Setup time
tS; DAT
100
ns
Rise time
tR
300
ns
Fall time
tF
300
ns
Stop-Setup time
tS; STO
600
ns
Capacitive load of bus line
Cb
400
pF
SDA
SCL
tBUF
tR
tF
tS; STO
tS; STA
tH; STA
tH; DAT
tS; DAT
tLOW
tHIGH
START
tBUF= Bus free time
tW; STA= Start waiting time
tH; STA= Start hold time
tLOW= Low clock pulse width
tHIGH= High clock pulse width
tS; DAT= Data setup time
tH; DAT= Data hold time
tS; STO= Stop setup time
tR= Rise time
tF= Fall time
CLOCK
DATA CHANGE
STOP


同様の部品番号 - CXA3685ER

メーカー部品番号データシート部品情報
logo
Sony Corporation
CXA3621GE SONY-CXA3621GE Datasheet
113Kb / 14P
   Fingerprint Sensor
CXA3627ER SONY-CXA3627ER Datasheet
42Kb / 27P
   All Band Tuner IC with On-chip PLL
CXA3627N SONY-CXA3627N Datasheet
231Kb / 28P
   All Band Tuner IC with On-chip PLL
CXA3668N SONY-CXA3668N Datasheet
171Kb / 16P
   Reception Analog Signal Processor IC for Infrared Space Digital Audio Communication
CXA3691AEN SONY-CXA3691AEN Datasheet
215Kb / 13P
   High-speed Buffer Amplifier for CCD Image Sensor
More results

同様の説明 - CXA3685ER

メーカー部品番号データシート部品情報
logo
Broadcom Corporation.
BCM3440 BOARDCOM-BCM3440 Datasheet
107Kb / 1P
   DIRECT CONVERSION SATELLITE TUNER
logo
Sony Corporation
CXA3038N SONY-CXA3038N Datasheet
226Kb / 16P
   IQ Detection IC for Digital Satellite Broadcast Tuner
logo
Maxim Integrated Produc...
MAX2172 MAXIM-MAX2172 Datasheet
207Kb / 3P
   Direct-Conversion to Low-IF Tuner for Digital Audio Broadcast
12/9/2014
MAX2104 MAXIM-MAX2104 Datasheet
148Kb / 9P
   Direct-Conversion Tuner IC for Digital DBS Applications
19-1431; Rev 3; 12/01
MAX2104 MAXIM-MAX2104_05 Datasheet
186Kb / 9P
   Direct-Conversion Tuner IC for Digital DBS Applications
Rev 4; 6/05
MAX2108 MAXIM-MAX2108 Datasheet
155Kb / 12P
   Direct-Conversion Tuner IC
19-1449; Rev 0; 4/99
MAX2108 MAXIM-MAX2108_05 Datasheet
174Kb / 12P
   Direct-Conversion Tuner IC
Rev 1; 6/05
logo
Synaptics Incorporated.
CX24113A CONEXANT-CX24113A Datasheet
164Kb / 2P
   Digital Satellite Tuner RF IC
logo
STMicroelectronics
STB6100 STMICROELECTRONICS-STB6100 Datasheet
87Kb / 2P
   8PSK/QPSK direct conversion tuner IC
STB6100 STMICROELECTRONICS-STB6100_09 Datasheet
57Kb / 5P
   8PSK/QPSK direct conversion tuner IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com