データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LF2823NP-B-223 データシート(PDF) 1 Page - Sumida Corporation

部品番号 LF2823NP-B-223
部品情報  AC COMMON MODE COIL Type: LF Series>
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SUMIDA [Sumida Corporation]
ホームページ  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

LF2823NP-B-223 データシート(HTML) 1 Page - Sumida Corporation

  LF2823NP-B-223 Datasheet HTML 1Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
AC COMMON MODE COIL <Pin Type: LF Series>
Type: LF2823
Please refer to the sales offices on our website for a representative near you
www.sumida.com
1/1
Product Description
29.5×29.5mm Max.(L×W), 24.0mm Max. Height .
Inductance range: 1.8mH~68mH
Rated current range: 0.6~2.6A
In addition to the standard versions of parameters shown here,
custom designs are available to meet your exact requirements.
Feature
Excellent attenuation characteristics in low frequency range.
Ideally used in TV,VCR,AV,OA equipment for noise prevention.
RoHS Compliance
Dimensions (mm)
Schematics (Bottom)
Winding start is #1,#4 or #2,#3.
Dimension does not include solder used on coil.
#1&#4, #2&#3:should have
Terminal pitch is measured at the base(not from tip of the pin)
same polarity.
Specification
Part No.
Stamp
Inductance
[MIN.](mH)
(1-2)( 4-3)
1kHz
Inductance
Balance
MAX.](μH)
D.C.R. (Ω)
[MAX.]
(1-2)(4-3)
(at 20℃)
Rated Current
(50/60Hz)
(
Arms)※1
LF2823NP-B-182
182
1.8
100
72m
2.6
LF2823NP-B-682
682
6.8
200
0.23
1.6
LF2823NP-B-123
123
12
400
0.38
1.2
LF2823NP-B-223
223
22
500
0.65
1.0
LF2823NP-B-393
393
39
700
1.43
0.7
LF2823NP-B-683
683
68
850
1.82
0.6
1. Rated current: The AC current at which the temperature rise is △t=45℃.(Ta=20℃).
28.5 ± 1.0
24.0 MAX.
4.0 ±0.5
20.0 ± 0.5


同様の部品番号 - LF2823NP-B-223

メーカー部品番号データシート部品情報
logo
Sumida Corporation
LF2823NP-123 SUMIDA-LF2823NP-123 Datasheet
129Kb / 1P
   AC Commom mode coil
LF2823NP-182 SUMIDA-LF2823NP-182 Datasheet
129Kb / 1P
   AC Commom mode coil
LF2823NP-223 SUMIDA-LF2823NP-223 Datasheet
129Kb / 1P
   AC Commom mode coil
LF2823NP-393 SUMIDA-LF2823NP-393 Datasheet
129Kb / 1P
   AC Commom mode coil
LF2823NP-682 SUMIDA-LF2823NP-682 Datasheet
129Kb / 1P
   AC Commom mode coil
More results

同様の説明 - LF2823NP-B-223

メーカー部品番号データシート部品情報
logo
Sumida Corporation
LF1290 SUMIDA-LF1290_1 Datasheet
159Kb / 2P
   AC COMMON MODE COIL
LF2420 SUMIDA-LF2420 Datasheet
141Kb / 1P
   AC COMMON MODE COIL
LF2020 SUMIDA-LF2020 Datasheet
144Kb / 1P
   AC COMMON MODE COIL
LF2115 SUMIDA-LF2115 Datasheet
123Kb / 1P
   AC COMMON MODE COIL
PFC2831C SUMIDA-PFC2831C_13 Datasheet
203Kb / 2P
   AC COMMON MODE COIL
PFN3218 SUMIDA-PFN3218 Datasheet
164Kb / 1P
   COMMON MODE CHOKE COIL < Pin Type: PFN Series >
UU9LFB SUMIDA-UU9LFB_06 Datasheet
144Kb / 2P
   AC COMMON MODE COIL
UU10LF SUMIDA-UU10LF_06 Datasheet
144Kb / 2P
   AC COMMON MODE COIL
UU9LF SUMIDA-UU9LF_06 Datasheet
130Kb / 2P
   AC COMMON MODE COIL
PFC2225B SUMIDA-PFC2225B Datasheet
148Kb / 2P
   AC COMMON MODE COIL
More results


Html Pages

1


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com