データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FDZ4670 データシート(PDF) 3 Page - Fairchild Semiconductor

部品番号 FDZ4670
部品情報  N-Channel PowerTrench짰MOSFET BGA 30V, 25A, 2.5m廓
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDZ4670 データシート(HTML) 3 Page - Fairchild Semiconductor

  FDZ4670 Datasheet HTML 1Page - Fairchild Semiconductor FDZ4670 Datasheet HTML 2Page - Fairchild Semiconductor FDZ4670 Datasheet HTML 3Page - Fairchild Semiconductor FDZ4670 Datasheet HTML 4Page - Fairchild Semiconductor FDZ4670 Datasheet HTML 5Page - Fairchild Semiconductor FDZ4670 Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
www.fairchildsemi.com
3
©2007 Fairchild Semiconductor Corporation
FDZ4670 Rev.D
Typical Characteristics T
J = 25°C unless otherwise noted
Figure 1. On-Region Characteristics
Figure 2. Normalized On-Resistance
vs Drain Current and Gate Voltage
Figure 3. Normalized On- Resistance
vs Junction Temperature
Figure 4. On-Resistance vs Gate to
Source Voltage
Figure 5. Transfer Characteristics
Figure 6. Source to Drain Diode
Forward Voltage vs Source Current
0.0
0.2
0.4
0.6
0.8
1.0
0
10
20
30
40
50
60
V
GS = 3.5V
V
GS = 6V
PULSE DURATION = 300μs
DUTY CYCLE = 2.0%MAX
V
GS = 4.5V
V
GS = 3V
V
GS = 10V
V
DS
, DRAIN TO SOURCE VOLTAGE (V)
0
10
203040
5060
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
V
GS = 6V
PULSE DURATION = 300μs
DUTY CYCLE = 2.0%MAX
ID, DRAIN CURRENT(A)
V
GS = 4.5V
V
GS = 3.5V
V
GS = 3V
V
GS = 10V
-50
-25
0
25
50
75
100
125
150
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
1.5
ID = 25A
VGS = 10V
TJ, JUNCTION TEMPERATURE (
oC
)
2468
10
1
2
3
4
5
6
7
8
9
10
ID = 25A
TJ = 25oC
TJ = 125oC
VGS, GATE TO SOURCE VOLTAGE (V)
PULSE DURATION = 300μs
DUTY CYCLE = 2.0%MAX
1.0
1.5
2.0
2.5
3.0
3.5
4.0
0
10
20
30
40
50
60
VDS = 5V
PULSE DURATION = 300μs
DUTY CYCLE = 2.0%MAX
TJ = -55oC
TJ = 25oC
TJ = 125oC
VGS, GATE TO SOURCE VOLTAGE (V)
0.0
0.2
0.4
0.6
0.8
1.0
1.2
0.001
0.01
0.1
1
10
TJ = -55oC
TJ = 25oC
TJ = 125oC
VGS = 0V
VSD, BODY DIODE FORWARD VOLTAGE (V)
60


同様の部品番号 - FDZ4670

メーカー部品番号データシート部品情報
logo
First Silicon Co., Ltd
FDZ4.3 FS-FDZ4.3 Datasheet
259Kb / 3P
   Zener Diode
FDZ4.3E FS-FDZ4.3E Datasheet
405Kb / 6P
   Zener Voltage Regulators
FDZ4.3F FS-FDZ4.3F Datasheet
415Kb / 4P
   Zener Voltage Regulators
FDZ4.3SOD723 FS-FDZ4.3SOD723 Datasheet
603Kb / 5P
   ZENER DIODE
FDZ4.7 FS-FDZ4.7 Datasheet
259Kb / 3P
   Zener Diode
More results

同様の説明 - FDZ4670

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FDP025N06 FAIRCHILD-FDP025N06 Datasheet
600Kb / 8P
   N-Channel PowerTrench짰 MOSFET 60V, 265A, 2.5m廓
logo
Taiwan Semiconductor Co...
TSM025NB04CR TSC-TSM025NB04CR Datasheet
325Kb / 6P
   N-Channel Power MOSFET 40V, 161A, 2.5m廓
logo
Fairchild Semiconductor
FDB8441 FAIRCHILD-FDB8441_10 Datasheet
462Kb / 7P
   N-Channel PowerTrench짰 MOSFET 40V, 80A, 2.5m廓
FDS4770 FAIRCHILD-FDS4770_04 Datasheet
106Kb / 6P
   40V N-Channel PowerTrench짰MOSFET
FDI025N06 FAIRCHILD-FDI025N06 Datasheet
540Kb / 8P
   N-Channel PowerTrench짰 MOSFET 60V, 265A, 2.5m廓
FDZ7296 FAIRCHILD-FDZ7296 Datasheet
218Kb / 6P
   30V N-Channel PowerTrench BGA MOSFET
logo
SeCoS Halbleitertechnol...
SSE110N03-03P SECOS-SSE110N03-03P Datasheet
81Kb / 2P
   110A , 30V , RDS(ON) 2.5m N-Channel Enhancement Mode MOSFET
logo
Fairchild Semiconductor
FDZ7064AS FAIRCHILD-FDZ7064AS Datasheet
599Kb / 7P
   30V N-Channel PowerTrench SyncFET BGA MOSFET
FDZ7064S FAIRCHILD-FDZ7064S Datasheet
231Kb / 7P
   30V N-Channel PowerTrench SyncFET BGA MOSFET
FDS8858CZ FAIRCHILD-FDS8858CZ Datasheet
311Kb / 10P
   Dual N & P-Channel PowerTrench짰 MOSFET N-Channel: 30V, 8.6A, 17.0m廓 P-Channel: -30V, -7.3A, 20.5m廓
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com