データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SM5921AF データシート(PDF) 11 Page - Nippon Precision Circuits Inc

部品番号 SM5921AF
部品情報  8-channel Lip Sync Delay
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NPC [Nippon Precision Circuits Inc]
ホームページ  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM5921AF データシート(HTML) 11 Page - Nippon Precision Circuits Inc

Back Button SM5921AF Datasheet HTML 7Page - Nippon Precision Circuits Inc SM5921AF Datasheet HTML 8Page - Nippon Precision Circuits Inc SM5921AF Datasheet HTML 9Page - Nippon Precision Circuits Inc SM5921AF Datasheet HTML 10Page - Nippon Precision Circuits Inc SM5921AF Datasheet HTML 11Page - Nippon Precision Circuits Inc SM5921AF Datasheet HTML 12Page - Nippon Precision Circuits Inc SM5921AF Datasheet HTML 13Page - Nippon Precision Circuits Inc SM5921AF Datasheet HTML 14Page - Nippon Precision Circuits Inc SM5921AF Datasheet HTML 15Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 27 page
background image
SM5921A
SEIKO NPC CORPORATION —11
Intrinsic delay
The intrinsic delay is the common delay applied to each channel group, and is used to add the same delay value
to the channel group data. The default value is 0 samples. The intrinsic delay is set by the values of REG 0/H
(DIA/DOA and DIB/DOB groups) and REG 1/H (DIC/DOC and DID/DOD groups), with the values measured
in 16-sample units (333.2
µs @ fs = 48kHz).
When the TRACKT flag in REG A/H is set to HIGH, the same delay value is added to all the channel groups
(DIA/DOA, DIB/DOB, DIC/DOC, DID/DOD). See the “MCU Interface” section.
Individual delay
The individual delay is the delay applied to each channel individually, and is used to add a delay offset for each
channel data. The default value is 0 samples. The individual delay is set by the values of REG 2/H, REG 3/H,
REG 4/H, REG 5/H, REG 6/H, REG 7/H, REG 8/H, and REG 9/H, with the values measured in 1-sample units
(20.8
µs @ fs = 48kHz).
When the TRACKD flag in REG A/H is set to HIGH, the delay value set in REG 2/H (DIA/DOA left-channel)
is also applied to the DIA/DOA right-channel, DIB/DOB left-channel, and DIB/DOB right-channel data. Sim-
ilarly, the delay value set in REG 6/H (DIC/DOC left-channel) is also applied to the DIC/DOC right-channel,
DID/DOD left-channel, and DID/DOD right-channel data.
The minimum parameter settings required to apply the same delay to all channels is to set delay values in REG
0/H, REG 2/H, REG 6/H, and to set the TRACKT and TRACKD flags to HIGH. The relationship between the
intrinsic delay, individual delay, and the registers is shown in the following table.
Delay time examples
The total delay value is defined by the equation described earlier. The following table shows some examples.
Channel
Intrinsic delay
Individual delay
DIA/DOA left-channel
REG 0/H
REG 2/H
DIA/DOA right-channel
REG 3/H
DIB/DOB left-channel
REG 4/H
DIB/DOB right-channel
REG 5/H
DIC/DOC left-channel
REG 1/H
REG 6/H
DIC/DOC right-channel
REG 7/H
DID/DOD left-channel
REG 8/H
DID/DOD right-channel
REG 9/H
nSample-intrinsic + nSample-individual setting
Sampling frequency (fs)
Unit
32kHz
44.1kHz
48kHz
96kHz
192kHz
0*1
*1. Even when the set value is 0 samples, a fixed 2-sample system delay is applied.
62.5
45.4
41.7
20.8
10.4
µs
1000
31.3
22.7
20.8
10.4
5.2
ms
10000
312.5
226.8
208.3
104.2
52.1
ms
20000
625
453.5
416.7
208.3
104.2
ms
36863
1152
835.9
768
384
192
ms
65535
2048
1486.1
1365.3
682.7
341.3
ms


同様の部品番号 - SM5921AF

メーカー部品番号データシート部品情報
logo
Silicon Mitus, Inc.
SM5922 SILICONMITUS-SM5922 Datasheet
167Kb / 2P
   Wireless Power Receiver
July 2021 Rev. 0.0.7
logo
SyncMOS Technologies,In...
SM59264 SYNCMOS-SM59264 Datasheet
579Kb / 32P
   8 - Bit Micro-controller with 128KB flash & 1KB RAM embedded
SM59264 SYNCMOS-SM59264 Datasheet
958Kb / 36P
   8-Bits Micro-controller with 128KB flash & 1KB RAM & TWSI & SPWM embedded
SM59264C25 SYNCMOS-SM59264C25 Datasheet
958Kb / 36P
   8-Bits Micro-controller with 128KB flash & 1KB RAM & TWSI & SPWM embedded
SM59264C40 SYNCMOS-SM59264C40 Datasheet
958Kb / 36P
   8-Bits Micro-controller with 128KB flash & 1KB RAM & TWSI & SPWM embedded
More results

同様の説明 - SM5921AF

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPA5052 TI-TPA5052 Datasheet
261Kb / 10P
[Old version datasheet]   STEREO DIGITAL AUDIO LIP-SYNC DELAY
logo
Renesas Technology Corp
R2S15901SP RENESAS-R2S15901SP Datasheet
200Kb / 8P
   Digital Delay IC for Lip Sync
logo
Texas Instruments
TPA5051 TI-TPA5051_07 Datasheet
794Kb / 21P
[Old version datasheet]   FOUR CHANNEL DIGITAL AUDIO LIP-SYNC DELAY WITH I2C CONTROL
TPA5051 TI-TPA5051 Datasheet
511Kb / 19P
[Old version datasheet]   FOUR CHANNEL DIGITAL AUDIO LIP-SYNC DELAY WITH I2C CONTROL
TPA5050 TI-TPA5050_07 Datasheet
859Kb / 21P
[Old version datasheet]   STEREO DIGITAL AUDIO LIP-SYNC DELAY WITH I2C CONTROL
TPA5050 TI-TPA5050 Datasheet
486Kb / 17P
[Old version datasheet]   STEREO DIGITAL AUDIO LIP-SYNC DELAY WITH I2C CONTROL
TPA5050 TI-TPA5050_08 Datasheet
888Kb / 21P
[Old version datasheet]   STEREO DIGITAL AUDIO LIP-SYNC DELAY WITH I2C CONTROL
logo
Sanyo Semicon Device
LC75051E SANYO-LC75051E Datasheet
82Kb / 9P
   CMOS IC Lip-Sync Enabling Audio DSP
logo
White Electronic Design...
EDI2CG472256V WEDC-EDI2CG472256V Datasheet
202Kb / 11P
   8 Megabyte Sync/Sync Burst, Dual Key DIMM
logo
Data Delay Devices, Inc...
PDU18F DATADELAY-PDU18F Datasheet
292Kb / 5P
   8-BIT PROGRAMMABLE DELAY LINE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com