データシートサーチシステム |
|
SM5073C3S データシート(PDF) 2 Page - Nippon Precision Circuits Inc |
|
SM5073C3S データシート(HTML) 2 Page - Nippon Precision Circuits Inc |
2 / 14 page SM5073 series SEIKO NPC CORPORATION —2 PINOUT (Top view) PIN DESCRIPTION Number Name I/O Description Function 1 XTN O Amplifier output pin Crystal connection pins. Crystal is connected between XT and XTN. 2VC I Oscillation frequency control voltage input pin Positive polarity (frequency increases with increasing voltage) 3 INHN I Output state control voltage input pin High-impedance output when LOW, pull-up resistor built-in 4 VSS – ( −) supply pin 5 Q O Output pin Output frequency determined by internal circuit to one of fO, fO/2, fO/4, fO/8, fO/16, fO/32 6 NC – No connection 7 VDD – (+) supply pin 8 XT I Amplifier input pin Crystal connection pins. Crystal is connected between XT and XTN. 1 VC VSS Q XT 4 2 3 NC VDD 8 7 6 5 INHN XTN |
同様の部品番号 - SM5073C3S |
|
同様の説明 - SM5073C3S |