データシートサーチシステム |
|
MCZ33927EK データシート(PDF) 5 Page - Freescale Semiconductor, Inc |
|
MCZ33927EK データシート(HTML) 5 Page - Freescale Semiconductor, Inc |
5 / 44 page Analog Integrated Circuit Device Data Freescale Semiconductor 5 33927 PIN CONNECTIONS 46 PA_HS_S Power Input Phase A High-Side Source Source connection for Phase A High-Side FET 47 PA_HS_G Power Output Phase A High-Side Gate Drive Gate Drive for output Phase A High-Side 48 PA_BOOT Analog Input Phase A Bootstrap Bootstrap capacitor for Phase A 51 VLS Analog Output VLS Regulator VLS regulator output. Power supply for the gate drives 54 VPWR Power Input Voltage Power Power supply input for gate drives EP Ground Exposed Pad Device will perform as specified with the Exposed Pad un-terminated (floating) however, it is recommended that the Exposed Pad be terminated to pin 29 (VSS) and system ground Table 1. 33927 Pin Definitions (continued) A functional description of each pin can be found in the Functional Pin Description section beginning on page 20. Pin Pin Name Pin Function Formal Name Definition |
同様の部品番号 - MCZ33927EK |
|
同様の説明 - MCZ33927EK |