データシートサーチシステム |
|
SN74V3690-7PEU データシート(PDF) 4 Page - Texas Instruments |
|
SN74V3690-7PEU データシート(HTML) 4 Page - Texas Instruments |
4 / 50 page SN74V3640, SN74V3650, SN74V3660, SN74V3670, SN74V3680, SN74V3690 1024 × 36, 2048 × 36, 4096 × 36, 8192 × 36, 16384 × 36, 32768 × 36 3.3-V CMOS FIRST-IN, FIRST-OUT MEMORIES SCAS668A – NOVEMBER 2001 – REVISED MARCH 2003 4 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 Bus Matching (BM) SN74V3640 SN74V3650 SN74V3660 SN74V3670 SN74V3680 SN74V3690 Write Clock (WCLK) Master Reset (MRS) Partial Reset (PRS) Read Clock (RCLK) Write Enable (WEN) Load (LD) Serial Enable (SEN) First-Word Fall-Through or Serial Input (FWFT/SI) Full Flag or Input Ready (FF/IR) Programmable Almost-Full Flag (PAF) ( ×36, ×18, ×9) Data In (D0–Dn) Read Enable (REN) Output Enable (OE) ( ×36, ×18, ×9) Data Out (Q0–Qn) Retransmit (RT) Empty Flag or Output Ready (EF/OR) Programmable Almost-Empty Flag (PAE) Half-Full Flag (HF) Big Endian/Little Endian (BE) Interspersed/ Noninterspersed Parity (IP) Input Width (IW) Output Width (OW) Figure 1. Single-Device-Configuration Signal Flow description (continued) These FIFOs have five flag pins: empty flag or output ready (EF/OR), full flag or input ready (FF/IR), half-full flag (HF), programmable almost-empty flag (PAE), and programmable almost-full flag (PAF). The EF and FF functions are selected in standard mode. The IR and OR functions are selected in FWFT mode. HF, PAE, and PAF always are available for use, regardless of timing mode. PAE and PAF can be programmed independently to switch at any point in memory. Programmable offsets determine the flag-switching threshold and can be loaded by parallel or serial methods. Eight default offset settings also are provided, so that PAE can be set to switch at a predefined number of locations from the empty boundary. The PAF threshold also can be set at similar predefined values from the full boundary. The default offset values are set during master reset by the state of the FSEL0, FSEL1, and LD. For serial programming, SEN, together with LD, loads the offset registers via the serial input (SI) on each rising edge of WCLK. For parallel programming, WEN, together with LD, loads the offset registers via Dn on each rising edge of WCLK. REN, together with LD, can read the offsets in parallel from Qn on each rising edge of RCLK, regardless of whether serial parallel offset loading has been selected. During master reset (MRS), the read and write pointers are set to the first location of the FIFO. The FWFT pin selects standard mode or FWFT mode. Partial reset (PRS) also sets the read and write pointers to the first location of the memory. However, the timing mode, programmable-flag programming method, and default or programmed offset settings existing before partial reset remain unchanged. The flags are updated according to the timing mode and offsets in effect. PRS is useful for resetting a device in mid-operation, when reprogramming programmable flags would be undesirable. Also, the timing modes of PAE and PAF outputs can be selected. Timing modes can be set as either asynchronous or synchronous for PAE and PAF. |
同様の部品番号 - SN74V3690-7PEU |
|
同様の説明 - SN74V3690-7PEU |