データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TS5A3159MDBVREP データシート(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
部品番号 TS5A3159MDBVREP
部品情報  1-廓 SPDT ANALOG SWITCH
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

TS5A3159MDBVREP データシート(HTML) 11 Page - Texas Instruments

Back Button TS5A3159MDBVREP Datasheet HTML 7Page - Texas Instruments TS5A3159MDBVREP Datasheet HTML 8Page - Texas Instruments TS5A3159MDBVREP Datasheet HTML 9Page - Texas Instruments TS5A3159MDBVREP Datasheet HTML 10Page - Texas Instruments TS5A3159MDBVREP Datasheet HTML 11Page - Texas Instruments TS5A3159MDBVREP Datasheet HTML 12Page - Texas Instruments TS5A3159MDBVREP Datasheet HTML 13Page - Texas Instruments TS5A3159MDBVREP Datasheet HTML 14Page - Texas Instruments TS5A3159MDBVREP Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
www.ti.com
TYPICAL PERFORMANCE
TA = −40°C
TA = 85°C
TA = 25°C
VCOM (V)
0
1
2
3
V+ = 3 V
1.6
1.4
1.2
1
0.8
0.6
0.4
0
0.2
V+ = 1.8 V
V+ = 3 V
VCOM (V)
0
1
2
3
4
3.5
3
2.5
2
1.5
1
0.5
0
V+ = 2.5 V
V+ = 4.5 V
TA = 255C
0
1
2
3
4
TA = −40°C
TA = 85°C
TA = 25°C
1.2
1
0.8
0.6
0.4
0.2
0
VCOM (V)
V+ = 4.5 V
0
2
4
6
8
10
12
14
16
18
−40
−20
0
20
40
60
80
100
Temperature (
°C)
V+ = 5 V
INO(OFF)
INC(OFF)
ICOM(ON)
INC(ON)
INO(ON)
0
2
4
6
8
10
12
14
16
18
20
−40
−20
0
20
40
60
80
100
Temperature (
°C)
V+ = 5 V
tr = 2.5 ns
tf = 2.5 ns
0
10
20
30
40
50
0
1
2
3
4
5
6
Supply Voltage (V)
VCOM = V+
TA = 25°C
tr < 20 ns
tf < 20 ns
TS5A3159-EP
1-
Ω SPDT ANALOG SWITCH
SCDS217B – DECEMBER 2005 – REVISED JANUARY 2006
Figure 1. ron vs VCOM
Figure 2. ron vs VCOM
Figure 3. ron vs VCOM
Figure 4. Leakage Current vs Temperature
Figure 5. tON/tOFF vs V+
Figure 6. tON/tOFF vs Temperature
11
Submit Documentation Feedback


同様の部品番号 - TS5A3159MDBVREP

メーカー部品番号データシート部品情報
logo
Texas Instruments
TS5A3159MDBVREP TI1-TS5A3159MDBVREP Datasheet
876Kb / 27P
[Old version datasheet]   1-W SPDT ANALOG SWITCH
TS5A3159MDBVREP TI-TS5A3159MDBVREP Datasheet
802Kb / 26P
[Old version datasheet]   1-W SPDT ANALOG SWITCH
More results

同様の説明 - TS5A3159MDBVREP

メーカー部品番号データシート部品情報
logo
Texas Instruments
TS5A3159-Q1 TI-TS5A3159-Q1_15 Datasheet
923Kb / 25P
[Old version datasheet]   1-廓 SPDT ANALOG SWITCH
TS5A3159-Q1 TI1-TS5A3159-Q1_14 Datasheet
961Kb / 26P
[Old version datasheet]   1-廓 SPDT ANALOG SWITCH
logo
SG Micro Corp
SGM4157 SGMICRO-SGM4157 Datasheet
407Kb / 10P
   SPDT 1廓 Analog Switch
logo
Texas Instruments
TS5A3159 TI-TS5A3159_15 Datasheet
989Kb / 29P
[Old version datasheet]   TS5A3159 1-廓 SPDT Analog Switch
logo
Fairchild Semiconductor
FSA4157 FAIRCHILD-FSA4157_07 Datasheet
297Kb / 12P
   Low-Voltage, 1廓 SPDT Analog Switch
FSA4157A FAIRCHILD-FSA4157A_12 Datasheet
635Kb / 12P
   Low-Voltage, 1廓 SPDT Analog Switch
logo
SG Micro Corp
SGM4157YC SGMICRO-SGM4157YC Datasheet
436Kb / 10P
   SPDT 0.8廓 Analog Switch
logo
Unisonic Technologies
U7SB3157 UTC-U7SB3157 Datasheet
198Kb / 7P
   10-廓 SPDT Analog Switch
logo
Texas Instruments
TS5A3157 TI1-TS5A3157_14 Datasheet
1Mb / 29P
[Old version datasheet]   10-廓 SPDT ANALOG SWITCH
logo
Alpha & Omega Semicondu...
AOZ6135 AOSMD-AOZ6135 Datasheet
454Kb / 11P
   High Performance, Low RON, 1廓 SPDT Analog Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com