データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

JZC-36FCS10DC5V0.25 データシート(PDF) 3 Page - DB Lectro Inc

部品番号 JZC-36FCS10DC5V0.25
部品情報  Suitable for remote control TV set, copy machine, sales machine and air conditioner etc.
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  DBLECTRO [DB Lectro Inc]
ホームページ  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc

JZC-36FCS10DC5V0.25 データシート(HTML) 3 Page - DB Lectro Inc

  JZC-36FCS10DC5V0.25 Datasheet HTML 1Page - DB Lectro Inc JZC-36FCS10DC5V0.25 Datasheet HTML 2Page - DB Lectro Inc JZC-36FCS10DC5V0.25 Datasheet HTML 3Page - DB Lectro Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
24.5
10.5
25.0
Heavy load, suitable for heavy power reverse.
Small size, suitable for high-density mounting..
Suitable for remote control TV set, copy machine, sales machine and air conditioner etc.
Ordering Information
JZC-36F C
S
10
DC12V 0.25
1
2
3
4
5
6
1 Part number
JZC-36F
2 Contact arrangement
A:1A
C:1C
3 Enclosure
S:Sealed type
Z:Dust cover
Dash
numbers
Coil voltage
VDC
Coil
resistance
10%
Operate
Time
ms
Release
Time
ms
JZC-36F
Rated
Max
Pick up
voltage
VDC (max)
(75% of rated
voltage )
Release
voltage
VDC (min)
(5% of rated
voltage)
Coil power
consumption
W
4 Contact current:10A
5 Coil rated voltage(V):DC:5,6,9,12,18,24,48
6 Coil power consumption:0.25:0.25W;0.53:0.53W
CAUTION: 1.The use of any coil voltage less than the rated coil voltage will compromise the operation of the relay.
2.Pickup and release voltage are for test purposes only and are not to be used as design criteria.
005-250
5
6.5
100
3.75
0.25
006-250
6
7.8
145
4.50
0.30
009-250
9
11.7
325
6.75
0.45
012-250
12
15.6
575
9.00
0.60
018-250
18
23.4
1300
13.5
0.90
024-250
24
31.2
2310
18.0
1.2
048-250
48
62.4
9210
36.0
2.4
005-530
5
6.5
47
3.75
0.25
006-530
6
7.8
68
4.50
0.30
009-530
9
11.7
155
6.75
0.45
012-530
12
15.6
270
9.00
0.60
018-530
18
23.4
620
13.5
0.90
024-530
24
31.2
1080
18.0
1.2
048-530
48
62.4
4400
36.0
2.4
0.25
15
5
0.53
15
5
Features
Contact Arrangement
1A (SPSTNO)
1C (SPDT(B-M))
Contact Material AgCdO
AgSnO
2
Contact Rating (resistive)
10A/250VAC,30VDC
TV-5
Max. Switching Power
330W
2500VA
Max. Switching Voltage
30VDC 277VAC
Max. Switching Current:10A
Contact Resistance or Voltage drop
100m
Item 3.12 of IEC255-7
5
Operational
Electrical
10
Item 3.30 of IEC255-7
7
Mechanical
10
Item 3.31 of IEC255-7
Contact Data
Coil Parameter
65
Dimensions
Wiring diagram
(Bottom view)
Mounting (Bottom view)
Tolerance:
0.1/
0.004
Insulation Resistance
1000M
min (at 500VDC)
Item 7 of IEC255-5
Dielectric Strength
Between contacts
50Hz 1000V
Item 6 of IEC255-5
Between contact and coil
50Hz 3000V 4000V
Item 6 of IEC255-5
Surge Voltage 10kV
Item 8 of IEC255-5
2
Shock resistance
Functional 200m/s
11ms
2
Survival 1000m/s
11ms
Vibration resistance
10~55Hz
amplitude 1.5mm
IEC68-2-6 Test Fc
Terminals strength
10N
IEC68-2-21 Test Ua1
Solderability
235
2
3
0.5s
IEC68-2-20 Test Ta method 1
Ambient Temperature
-40~70
Relative Humidity
35%~85% (at 40
)
IEC68-2-3Test Ca
Mass
12g
IEC68-2-27 Test Ea
Qualification inspection:
Perform the qualification test as specified in the table
of IEC255-19-1 and minimum sample size 24.
NOTES 1).Dimensions are in millimeters.
2).Inch equivalents are given for general information only.
Reference Data
24.5max.
10.5max.
2
0.8
0.5
0.5
16.5
3.5
1A
16.5
.
1C
3.5
3.5
1A
1C
Operation condition
JZC-36F
4- 1.3
5- 1.3
R
C
US
R158859
Safety approvals
Safety approval
UL & CUR
Load
10A/250VAC,30VDC;TV-5
Life
Dimensions
mm /inch
1max.
0.413max.
0.020
0.020
0.031
0.079
0.650
0.051
0.051
0.138
0.138
.
0.138
0.650
Ningbo Huaguan Relay Corporation LTD.
Patent NO.:200420081938.2


同様の部品番号 - JZC-36FCS10DC5V0.25

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
JZC-36F ETC1-JZC-36F Datasheet
97Kb / 2P
   SUBMINIATURE INTERMEDIATE POWER RELAY
JZC-36F012HSLN ETC1-JZC-36F012HSLN Datasheet
97Kb / 2P
   SUBMINIATURE INTERMEDIATE POWER RELAY
JZC-36F012HSLT ETC1-JZC-36F012HSLT Datasheet
97Kb / 2P
   SUBMINIATURE INTERMEDIATE POWER RELAY
JZC-36F012ZSLT ETC1-JZC-36F012ZSLT Datasheet
97Kb / 2P
   SUBMINIATURE INTERMEDIATE POWER RELAY
More results

同様の説明 - JZC-36FCS10DC5V0.25

メーカー部品番号データシート部品情報
logo
DB Lectro Inc
NT90T DBLECTRO-NT90T_05 Datasheet
1Mb / 5P
   Suitable for automobile, machine, electronic equipment, air conditioner and household appliances applications
logo
HuaXinAn Electronics CO...
NT90TP-A HUAXINAN-NT90TP-A Datasheet
1Mb / 2P
   Suitable for automobile, machine, electronic equipment, air conditioner and household appliances applications.
logo
DB Lectro Inc
NT90 DBLECTRO-NT90_07 Datasheet
539Kb / 4P
   Suitable for automobile, machine, electronic equipment, air conditioner and household appliances applications
logo
HuaXinAn Electronics CO...
NT90TP-C HUAXINAN-NT90TP-C Datasheet
1Mb / 2P
   Suitable for automobile, machine, electronic equipment, air conditioner and household appliances applications
logo
DB Lectro Inc
NT90TP DBLECTRO-NT90TP_07 Datasheet
539Kb / 4P
   Suitable for automobile, machine, electronic equipment, air conditioner and household appliances applications
logo
HuaXinAn Electronics CO...
NT90TP-B HUAXINAN-NT90TP-B Datasheet
1Mb / 2P
   Suitable for automobile, machine, electronic equipment, air conditioner and household appliances applications
logo
List of Unclassifed Man...
NT90 ETC2-NT90 Datasheet
572Kb / 2P
   Suitable for automobile, machine, electronic equipment, air conditioner and household appliances applications.
logo
Ohmite Mfg. Co.
RES-EY OHMITE-RES-EY Datasheet
467Kb / 2P
   Suitable for automatic machine insertion
logo
Bel Fuse Inc.
LDD240-WU BEL-LDD240-WU Datasheet
797Kb / 5P
   Industrial machine control
LDD240 BEL-LDD240 Datasheet
601Kb / 4P
   Industrial machine control
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com