データシートサーチシステム |
|
2SC3621 データシート(PDF) 1 Page - Toshiba Semiconductor |
|
2SC3621 データシート(HTML) 1 Page - Toshiba Semiconductor |
1 / 5 page 2SC3621 2006-11-09 1 TOSHIBA Transistor Silicon NPN Epitaxial Type (PCT Process) 2SC3621 Color TV Vertitcal Deflection Output Applications Color TV Class-B Sound Output Applications • Large collector current and collector power dissipation capability • Recommended for vertical deflection output and sound output applications for line-operated TVs. • Complementary to 2SA1408. Absolute Maximum Ratings (Tc = 25°C) Characteristics Symbol Rating Unit Collector-base voltage VCBO 150 V Collector-emitter voltage VCEO 150 V Emitter-base voltage VEBO 6 V Collector current IC 1.5 A Base current IB 1.0 A Ta = 25°C 1.5 Collector power dissipation Tc = 25°C PC 10 W Junction temperature Tj 150 °C Storage temperature range Tstg −55 to 150 °C Note: Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the significant change in temperature, etc.) may cause this product to decrease in the reliability significantly even if the operating conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute maximum ratings. Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook (“Handling Precautions”/Derating Concept and Methods) and individual reliability data (i.e. reliability test report and estimated failure rate, etc). Unit: mm JEDEC ― JEITA ― TOSHIBA 2-8H1A Weight: 0.82 g (typ.) |
同様の部品番号 - 2SC3621_06 |
|
同様の説明 - 2SC3621_06 |
|
|
リンク URL |
プライバシーポリシー |
ALLDATASHEET.JP |
ALLDATASHEETはお客様のビジネスに役立ちますか? [ DONATE ] |
Alldatasheetは | 広告 | お問い合わせ | プライバシーポリシー | リンク交換 | メーカーリスト All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |