データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

2SJ676 データシート(PDF) 1 Page - Toshiba Semiconductor

部品番号 2SJ676
部品情報  Silicon P-Channel MOS Type Switching Regulator, DC/DC Converter and Motor Drive Applications
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TOSHIBA [Toshiba Semiconductor]
ホームページ  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SJ676 データシート(HTML) 1 Page - Toshiba Semiconductor

  2SJ676 Datasheet HTML 1Page - Toshiba Semiconductor 2SJ676 Datasheet HTML 2Page - Toshiba Semiconductor 2SJ676 Datasheet HTML 3Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
2SJ676
2006-11-17
1
TOSHIBA Field Effect Transistor Silicon P-Channel MOS Type (
π−MOS V)
2SJ676
Switching Regulator, DC/DC Converter and
Motor Drive Applications
Low drain−source ON-resistance: RDS (ON) = 1.6 Ω (typ.)
High forward transfer admittance: |Yfs| = 2.0 S (typ.)
Low leakage current: IDSS = −100 μA (max) (VDS = −200 V)
Enhancement mode: Vth = −1.5 to −3.5 V
(VDS = −10 V, ID = −1 mA)
Absolute Maximum Ratings (Ta = 25°C)
Characteristic
Symbol
Rating
Unit
Drain−source voltage
VDSS
−200
V
Drain−gate voltage (RGS = 20 kΩ)
VDGR
−200
V
Gate−source voltage
VGSS
±20
V
DC
(Note 1)
ID
−2.5
A
Drain current
Pulse(Note 1)
IDP
−10
A
Drain power dissipation
PD
1.3
W
Single-pulse avalanche energy
(Note 2)
EAS
191
mJ
Avalanche current
IAR
−2.5
A
Repetitive avalanche energy (Note 3)
EAR
0.13
mJ
Channel temperature
Tch
150
°C
Storage temperature range
Tstg
−55~150
°C
Note: Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the significant change in
temperature, etc.) may cause this product to decrease in the reliability significantly even if the operating conditions (i.e.
operating temperature/current/voltage, etc.) are within the absolute maximum ratings. Please design the appropriate
reliability upon reviewing the Toshiba Semiconductor Reliability Handbook (“Handling Precautions”/Derating Concept and
Methods) and individual reliability data (i.e. reliability test report and estimated failure rate, etc).
Thermal Characteristics
Characteristic
Symbol
Max
Unit
Thermal resistance, channel to
ambient
Rth (ch−a)
96.1
°C / W
Note 1: Ensure that the channel temperature does not exceed 150°C.
Note 2: VDD = −50 V, Tch = 25°C (initial), L = 48.6 mH, RG = 25 Ω, IAR = −2.5 A
Note 3: Repetitive rating: pulse width limited by maximum channel temperature
This transistor is an electrostatic-sensitive device. Handle with care.
Unit: mm
JEDEC
JEITA
TOSHIBA
2-8M1B
Weight: 0.54 g (typ.)


同様の部品番号 - 2SJ676

メーカー部品番号データシート部品情報
logo
Toshiba Semiconductor
2SJ676 TOSHIBA-2SJ676 Datasheet
141Kb / 3P
   Switching Regulator, DC/DC Converter and
2SJ676 TOSHIBA-2SJ676_09 Datasheet
141Kb / 3P
   Switching Regulator, DC/DC Converter and
More results

同様の説明 - 2SJ676

メーカー部品番号データシート部品情報
logo
Toshiba Semiconductor
2SJ610 TOSHIBA-2SJ610_06 Datasheet
183Kb / 6P
   Silicon P-Channel MOS Type Switching Regulator, DC/DC Converter and Motor Drive Applications
2SJ680 TOSHIBA-2SJ680_06 Datasheet
189Kb / 6P
   Silicon P-Channel MOS Type Chopper Regulator, DC/DC Converter and Motor Drive Applications
2SK3398 TOSHIBA-2SK3398_06 Datasheet
190Kb / 6P
   Silicon N Channel MOS Type Switching Regulator and DC-DC Converter Applications Motor Drive Applications
2SK2613 TOSHIBA-2SK2613_06 Datasheet
210Kb / 6P
   Silicon N Channel MOS Type Switching Regulator Applications, DC-DC Converter and Motor Drive Applications
2SK3342 TOSHIBA-2SK3342_07 Datasheet
249Kb / 6P
   Silicon N Channel MOS Type Switching Regulator and DC-DC Converter Applications Motor Drive Applications
2SK3845 TOSHIBA-2SK3845 Datasheet
231Kb / 6P
   Silicon N Channel MOS Type Switching Regulator, DC-DC Converter Applications and Motor Drive Applications
2SK3842 TOSHIBA-2SK3842 Datasheet
216Kb / 6P
   Silicon N Channel MOS Type Switching Regulator Applications, DC-DC Converter and Motor Drive Applications
2SK3373 TOSHIBA-2SK3373_06 Datasheet
177Kb / 6P
   Silicon N-Channel MOS Type Switching Regulator and DC/DC Converter Applications Motor Drive Applications
2SK3236 TOSHIBA-2SK3236_06 Datasheet
187Kb / 6P
   Silicon N Channel MOS Type Switching Regulator Applications, DC-DC Converter and Motor Drive Applications
2SK3388 TOSHIBA-2SK3388_06 Datasheet
188Kb / 6P
   Silicon N Channel MOS Type Switching Regulator and DC-DC Converter Applications Motor Drive Applications
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com