データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

S-AU82AH データシート(PDF) 1 Page - Toshiba Semiconductor

部品番号 S-AU82AH
部品情報  RF POWER AMPLIFIER MODULE FM RF POWER AMPLIFIER MODULE FOR 60-W COMMERCIAL UHF RADIO APPLICATIONS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TOSHIBA [Toshiba Semiconductor]
ホームページ  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

S-AU82AH データシート(HTML) 1 Page - Toshiba Semiconductor

  S-AU82AH Datasheet HTML 1Page - Toshiba Semiconductor S-AU82AH Datasheet HTML 2Page - Toshiba Semiconductor S-AU82AH Datasheet HTML 3Page - Toshiba Semiconductor S-AU82AH Datasheet HTML 4Page - Toshiba Semiconductor S-AU82AH Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
S-AU82AH
2007-06-21
1
PDmax-Tc
0
20
40
60
80
100
120
140
160
180
-30 -20 -10
0
10
20
30
40
50
60
70
80
90 100
Tc(℃)
Pomax-Tc
0
10
20
30
40
50
60
70
-30 -20 -10
0
10
20
30
40
50
60
70
80
90
100
Tc (℃)
TOSHIBA RF POWER AMPLIFIER MODULE
S-AU82AH
FM RF POWER AMPLIFIER MODULE FOR 60-W COMMERCIAL UHF RADIO APPLICATIONS
Power Gain: 30.7 dB (Min.)
Total Efficiency: 40% (Min.)
ABSOLUTE MAXIMUM RATINGS (Tc = 25°C, IT < 15 A, ZG = ZL = 50Ω)
CHARACTERISTICS
SYMBOL
TEST CONDITION
RATING
UNIT
Maximum Current
IT
15
A
Power Supply Voltage
VDD
VGG = 0 V (GND), RF: none
16.5
V
Control Voltage
VGG
10.5
≤ VDD ≤ 16.5 V, Pi = 50 mW
5.5
V
Instantaneous Output Power
Pomax
VGG ≤ 5.5 V, Pi = 50 mW, 10.5 ≤ VDD
16.5V, within 2 seconds
80
W
Input Power
Pi
10.5
≤ VDD ≤ 16.5 V, VGG ≤ 5.5 V
100
mW
Operating Case Temperature
Tc (opr)
10.5
≤ VDD ≤ 16.5 V, VGG ≤ 5.5 V, Pi = 50
mW (Note 2)
-30 to 100
°C
Storage Temperature
Tstg
-40 to 110
°C
Note 1: The maximum ratings are the limits that must not be exceeded even for an instant, under worst possible
conditions. Exceeding the ratings may cause device damage, ignition, or deterioration. Therefore, when
designing the circuitry, derating factors should be applied so that the absolute maximum ratings are not
exceeded.
Note 2: The output power rating satisfies the range shown in Figures 1 and 2 according to the operating case
temperature. Ensure that the device should be operated within the specified operating range. The figures below
indicate the output power obtained 2 seconds after Po is generated.
Note 3: The case temperature is monitored using the screw terminal blocks on the input side that are used for the
module implementation.
Note 4: To protect a device from being permanently damaged, the power-on sequence must be as follows (, while the
reversed order should be applied when turning off): 1. VDD, 2. Pi, 3. VGG
Figure.1 Pomax-Tc
Figure.2 PDmax-Tc
*When the device is used at Tc =100
°C, the output power rating is 60 W as shown in Figure 1. When the power
dissipation at Tc = 100
°C exceeds the rating shown in Figure 2, the output derating is required to limit the dissipation
within the specified range.
Power dissipation (PD)
PD = (VDD × IDD) – Po + Pi


同様の部品番号 - S-AU82AH

メーカー部品番号データシート部品情報
logo
Toshiba Semiconductor
S-AU82AL TOSHIBA-S-AU82AL Datasheet
186Kb / 5P
   RF POWER AMPLIFIER MODULE FM RF POWER AMPLIFIER MODULE FOR 60-W COMMERCIAL UHF RADIO APPLICATIONS
S-AU82AVL TOSHIBA-S-AU82AVL Datasheet
186Kb / 5P
   RF POWER AMPLIFIER MODULE FM RF POWER AMPLIFIER MODULE FOR 60-W COMMERCIAL UHF RADIO APPLICATIONS
More results

同様の説明 - S-AU82AH

メーカー部品番号データシート部品情報
logo
Toshiba Semiconductor
S-AU93A TOSHIBA-S-AU93A Datasheet
186Kb / 5P
   RF POWER AMPLIFIER MODULE FM RF POWER AMPLIFIER MODULE FOR 60-W COMMERCIAL UHF RADIO APPLICATIONS
S-AU82AL TOSHIBA-S-AU82AL Datasheet
186Kb / 5P
   RF POWER AMPLIFIER MODULE FM RF POWER AMPLIFIER MODULE FOR 60-W COMMERCIAL UHF RADIO APPLICATIONS
S-AU82AVL TOSHIBA-S-AU82AVL Datasheet
186Kb / 5P
   RF POWER AMPLIFIER MODULE FM RF POWER AMPLIFIER MODULE FOR 60-W COMMERCIAL UHF RADIO APPLICATIONS
S-AU83AH TOSHIBA-S-AU83AH Datasheet
186Kb / 5P
   RF POWER AMPLIFIER MODULE FM RF POWER AMPLIFIER MODULE FOR 32-W COMMERCIAL UHF RADIO APPLICATIONS
S-AU83AL TOSHIBA-S-AU83AL Datasheet
186Kb / 5P
   RF POWER AMPLIFIER MODULE FM RF POWER AMPLIFIER MODULE FOR 32-W COMMERCIAL UHF RADIO APPLICATIONS
S-AV32A TOSHIBA-S-AV32A Datasheet
186Kb / 5P
   RF POWER AMPLIFIER MODULE FM RF POWER AMPLIFIER MODULE FOR 60-W COMMERCIAL VHF RADIO APPLICATIONS
S-AV35A TOSHIBA-S-AV35A Datasheet
179Kb / 5P
   RF POWER AMPLIFIER MODULE FM RF POWER AMPLIFIER MODULE FOR 32-W COMMERCIAL VHF RADIO APPLICATIONS
S-AV37A TOSHIBA-S-AV37A Datasheet
179Kb / 5P
   RF POWER AMPLIFIER MODULE FM RF POWER AMPLIFIER MODULE FOR 32-W COMMERCIAL VHF RADIO APPLICATIONS
S-AV36A TOSHIBA-S-AV36A Datasheet
186Kb / 5P
   RF POWER AMPLIFIER MODULE FM RF POWER AMPLIFIER MODULE FOR 80-W COMMERCIAL VHF RADIO APPLICATIONS
S-AV33A TOSHIBA-S-AV33A Datasheet
185Kb / 5P
   RF POWER AMPLIFIER MODULE FM RF POWER AMPLIFIER MODULE FOR 32W COMMERCIAL VHF RADIO APPLICATIONS
More results


Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com