データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ISL9V5036S3ST データシート(PDF) 4 Page - Fairchild Semiconductor

部品番号 ISL9V5036S3ST
部品情報  EcoSPARK 500mJ, 360V, N-Channel Ignition IGBT
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

ISL9V5036S3ST データシート(HTML) 4 Page - Fairchild Semiconductor

  ISL9V5036S3ST Datasheet HTML 1Page - Fairchild Semiconductor ISL9V5036S3ST Datasheet HTML 2Page - Fairchild Semiconductor ISL9V5036S3ST Datasheet HTML 3Page - Fairchild Semiconductor ISL9V5036S3ST Datasheet HTML 4Page - Fairchild Semiconductor ISL9V5036S3ST Datasheet HTML 5Page - Fairchild Semiconductor ISL9V5036S3ST Datasheet HTML 6Page - Fairchild Semiconductor ISL9V5036S3ST Datasheet HTML 7Page - Fairchild Semiconductor ISL9V5036S3ST Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
©2004 Fairchild Semiconductor Corporation
ISL9V5036S3ST / ISL9V5036P3 / ISL9V5036S3 Rev. C3, October 2004
Figure 7. Collector to Emitter On-State Voltage vs
Collector Current
Figure 8. Transfer Characteristics
Figure 9. DC Collector Current vs Case
Temperature
Figure 10. Threshold Voltage vs Junction
Temperature
Figure 11. Leakage Current vs Junction
Temperature
Figure 12. Switching Time vs Junction
Temperature
Typical Characteristics (Continued)
VCE, COLLECTOR TO EMITTER VOLTAGE (V)
0
50
40
02.0
1.0
3.0
4.0
30
TJ = 175°C
VGE = 4.0V
VGE = 3.7V
VGE = 4.5V
VGE = 5.0V
VGE = 8.0V
20
10
VGE, GATE TO EMITTER VOLTAGE (V)
2.0
1.0
3.0
4.0
50
40
30
0
2.5
1.5
3.5
4.5
PULSE DURATION = 250µs
DUTY CYCLE < 0.5%, VCE = 5V
TJ = 25°C
TJ = 175°C
TJ = -40°C
20
10
TC, CASE TEMPERATURE (°C)
50
25
175
125
75
50
100
150
40
30
20
10
0
VGE = 4.0V
175
50
100
2.0
1.8
1.6
1.4
1.0
TJ, JUNCTION TEMPERATURE (°C)
150
0
125
1.2
VCE = VGE
ICE = 1mA
-50
75
25
-25
TJ, JUNCTION TEMPERATURE (°C)
1000
10
0.1
10000
100
1
25
-25
175
125
75
-50
0
50
100
150
VECS = 24V
VCES = 300V
VCES = 250V
25
175
125
75
50
100
150
TJ, JUNCTION TEMPERATURE (°C)
20
16
12
6
2
ICE = 6.5A, VGE = 5V, RG = 1KΩ
Resistive tOFF
Inductive tOFF
Resistive tON
10
14
18
8
4


同様の部品番号 - ISL9V5036S3ST

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
ISL9V5036S3S FAIRCHILD-ISL9V5036S3S Datasheet
206Kb / 8P
   EcoSPARKTM 500mJ, 360V, N-Channel Ignition IGBT
ISL9V5036S3S FAIRCHILD-ISL9V5036S3S Datasheet
173Kb / 8P
   EcoSPARKTM 500mJ, 360V, N-Channel Ignition IGBT
ISL9V5036S3S FAIRCHILD-ISL9V5036S3S_04 Datasheet
173Kb / 8P
   EcoSPARKTM 500mJ, 360V, N-Channel Ignition IGBT
More results

同様の説明 - ISL9V5036S3ST

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
ISL9V5036P3 FAIRCHILD-ISL9V5036P3_11 Datasheet
354Kb / 7P
   EcoSPARK 500mJ, 360V, N-Channel Ignition IGBT
ISL9V5036P3_F085 FAIRCHILD-ISL9V5036P3_F085 Datasheet
361Kb / 8P
   ISL9V5036S3S / ISL9V5036P3 / ISL9V5036S3 EcoSPARK 500mJ, 360V, N-Channel Ignition IGBT
ISL9V5036S3S FAIRCHILD-ISL9V5036S3S_04 Datasheet
173Kb / 8P
   EcoSPARKTM 500mJ, 360V, N-Channel Ignition IGBT
ISL9V5036S3S FAIRCHILD-ISL9V5036S3S Datasheet
206Kb / 8P
   EcoSPARKTM 500mJ, 360V, N-Channel Ignition IGBT
FGI3236 FAIRCHILD-FGI3236 Datasheet
908Kb / 10P
   EcoSPARK 320mJ, 360V, N-Channel Ignition IGBT
ISL9V5045S3S FAIRCHILD-ISL9V5045S3S Datasheet
229Kb / 9P
   EcoSPARK N-Channel Ignition IGBT
ISL9V2540S3S FAIRCHILD-ISL9V2540S3S Datasheet
184Kb / 9P
   EcoSPARK N-Channel Ignition IGBT
ISL9V5045S3ST_F085 FAIRCHILD-ISL9V5045S3ST_F085 Datasheet
251Kb / 7P
   ISL9V5045S3ST_F085 EcoSPARK N-Channel Ignition IGBT
ISL9V2540S3ST FAIRCHILD-ISL9V2540S3ST_09 Datasheet
372Kb / 9P
   EcoSPARK N-Channel Ignition IGBT 250mJ, 400V
logo
ON Semiconductor
ISL9V3040X3ST-F085C ONSEMI-ISL9V3040X3ST-F085C Datasheet
3Mb / 9P
   EcoSPARK Ignition IGBT
August, 2019 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com