データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TMP19A64C1DXBG データシート(PDF) 5 Page - Toshiba Semiconductor

部品番号 TMP19A64C1DXBG
部品情報  32-bit RISC Microprocessor
Download  460 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TOSHIBA [Toshiba Semiconductor]
ホームページ  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP19A64C1DXBG データシート(HTML) 5 Page - Toshiba Semiconductor

  TMP19A64C1DXBG Datasheet HTML 1Page - Toshiba Semiconductor TMP19A64C1DXBG Datasheet HTML 2Page - Toshiba Semiconductor TMP19A64C1DXBG Datasheet HTML 3Page - Toshiba Semiconductor TMP19A64C1DXBG Datasheet HTML 4Page - Toshiba Semiconductor TMP19A64C1DXBG Datasheet HTML 5Page - Toshiba Semiconductor TMP19A64C1DXBG Datasheet HTML 6Page - Toshiba Semiconductor TMP19A64C1DXBG Datasheet HTML 7Page - Toshiba Semiconductor TMP19A64C1DXBG Datasheet HTML 8Page - Toshiba Semiconductor TMP19A64C1DXBG Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 460 page
background image
TMP19A64C1D
TMP19A64(rev1.1)1-3
(9) Serial bus interface
: 1 channel
Either
I
2C bus mode or clock synchronous mode can be selected
(10) 10-bit A/D converter with (S/H)
: 24 channels
Conversion speed: 54 clocks (7.85
μs@54 MHz)
Start by an internal timer trigger
Fixed channel/scan mode
Single/repeat mode
High-priority conversion mode
Timer monitor function
(11)
Watchdog timer
: 1 channel
(12)
Interrupt source
CPU: 2 factors ............. software interrupt instruction
Internal: 50 factors....... The order of precedence can be set over 7 levels
(except the watchdog timer interrupt).
External: 20 factors...... The order of precedence can be set over 7 levels
(except the NMI interrupt).
Because 8 factors are associated with KWUP, the number of interrupt
factors is one.
(13) 209 pins Input/output ports
(14) Standby mode
4 standby modes (IDLE, SLEEP, STOP and BACKUP)
(15) Clock generator
On-chip PLL (multiplication by 4)
Clock gear function: The high-speed clock can be divided into 8/8, 7/8, 6/8, 5/8, 4/8, 2/8 or 1/8.
Sub-clock: SLOW, SLEEP and BACKUP modes (32.768 kHz)
(16) Endian: Bi-endian (big-endian/little-endian)
(17) Maximum operating frequency
54 MHz (PLL multiplication)
(18) Operating voltage range
Core: 1.35 V to 1.65 V
I/O: 1.65 V to 3.3 V
ADC: 2.7 V to 3.3 V
Backup block : 2.3 V to 3.3 V (under normal operating conditions)
: 1.8 V to 3.3 V (in BACKUP mode)
(19) Package
P-FBGA281 (13 mm
× 13 mm, 0.65 mm pitch)


同様の部品番号 - TMP19A64C1DXBG

メーカー部品番号データシート部品情報
logo
Toshiba Semiconductor
TMP19A64F20AXBG TOSHIBA-TMP19A64F20AXBG Datasheet
2Mb / 64P
   32-bit RISC Microprocessor
More results

同様の説明 - TMP19A64C1DXBG

メーカー部品番号データシート部品情報
logo
Toshiba Semiconductor
TMP1962C10BXBG TOSHIBA-TMP1962C10BXBG Datasheet
6Mb / 459P
   32-Bit RISC Microprocessor
TMP19A43FD TOSHIBA-TMP19A43FD Datasheet
1Mb / 105P
   32-bit RISC Microprocessor
TMP1962F10AXBG TOSHIBA-TMP1962F10AXBG Datasheet
3Mb / 108P
   32-Bit RISC Microprocessor
TMPR3922AU TOSHIBA-TMPR3922AU Datasheet
253Kb / 45P
   32-bit RISC Microprocessor
TMP19A43CD TOSHIBA-TMP19A43CD Datasheet
12Mb / 523P
   32-bit RISC Microprocessor
logo
Samsung semiconductor
UM_S3C2501X SAMSUNG-UM_S3C2501X Datasheet
1Mb / 465P
   32-BIT RISC MICROPROCESSOR
S3C24A0A SAMSUNG-S3C24A0A Datasheet
4Mb / 519P
   32-BIT RISC MICROPROCESSOR
logo
Toshiba Semiconductor
TMP19A71CYFG TOSHIBA-TMP19A71CYFG Datasheet
14Mb / 402P
   32-Bit RISC Microprocessor
TMP19A64F20AXBG TOSHIBA-TMP19A64F20AXBG Datasheet
2Mb / 64P
   32-bit RISC Microprocessor
logo
Samsung semiconductor
S3C2800 SAMSUNG-S3C2800 Datasheet
119Kb / 22P
   32-BIT RISC MICROPROCESSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com