データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TLP747G データシート(PDF) 1 Page - Toshiba Semiconductor

部品番号 TLP747G
部品情報  GaAs Ired & Photo−Thyristor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TOSHIBA [Toshiba Semiconductor]
ホームページ  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP747G データシート(HTML) 1 Page - Toshiba Semiconductor

  TLP747G Datasheet HTML 1Page - Toshiba Semiconductor TLP747G Datasheet HTML 2Page - Toshiba Semiconductor TLP747G Datasheet HTML 3Page - Toshiba Semiconductor TLP747G Datasheet HTML 4Page - Toshiba Semiconductor TLP747G Datasheet HTML 5Page - Toshiba Semiconductor TLP747G Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
TLP747G
2007-10-01
1
TOSHIBA Photocoupler GaAs Ired & Photo−Thyristor
TLP747G
Office Machine
Household Use Equipment
Solid State Relay
Switching Power Supply
The TOSHIBA TLP747G consists of a photo−thyristor optically coupled
to a gallium arsenide infrared emitting diode in a six lead plastic DIP.
• Peak off−state voltage: 400 V (min.)
• Trigger LED current: 15 mA (max.)
• On−state current: 150 mA (max.)
• UL recognized: UL1577, file No. E67349
• BSI approved: BS EN60065: 2002
Certificate No. 7364
BS EN60950-1: 2002
Certificate No. 7365
• SEMCO approved:EN60065,EN60950-1,EN60335-1
Certificate no.302586
• Isolation voltage: 4000 Vrms (min.)
• Option (D4) type
VDE approved: DIN EN 60747-5-2,
Certificate No. 40009373
Maximum operating insulation voltage: 630, 890 VPK
Highest permissible over voltage: 6000, 8000 VPK
(Note)
When a EN 60747-5-2 approved type is needed,
please designate the “option (D4)”
7.62mm pich
10.16mm pich
standard type
TLP×××F type
• Creepage distance
: 7.0mm (min.)
8.0mm (min.)
Clearance
: 7.0mm (min.)
8.0mm (min.)
Insulation thickness : 0.5mm (min.)
0.5mm (min.)
Pin Configuration (top view)
1 : Anode
2 : Cathode
3 : NC
4 : Cathode
5 : Anode
6 : Gate
5
6
4
2
1
3
Unit in mm
TOSHIBA
11−7A8
Weight: 0.42 g


同様の部品番号 - TLP747G

メーカー部品番号データシート部品情報
logo
Toshiba Semiconductor
TLP747GF TOSHIBA-TLP747GF Datasheet
105Kb / 2P
   TOSHIBA Photocoupler GaAs Ired & Photo−Thyristor
TLP747GF TOSHIBA-TLP747GF Datasheet
137Kb / 2P
   GaAs Ired & Photo−Thyristor
TLP747GF TOSHIBA-TLP747GF_07 Datasheet
137Kb / 2P
   GaAs Ired & Photo−Thyristor
More results

同様の説明 - TLP747G

メーカー部品番号データシート部品情報
logo
Toshiba Semiconductor
TLP747GF TOSHIBA-TLP747GF_07 Datasheet
137Kb / 2P
   GaAs Ired & Photo−Thyristor
TLP747JF TOSHIBA-TLP747JF_07 Datasheet
127Kb / 2P
   GaAs Ired & Photo−Thyristor
TLP747GF TOSHIBA-TLP747GF Datasheet
105Kb / 2P
   TOSHIBA Photocoupler GaAs Ired & Photo−Thyristor
TLP560J TOSHIBA-TLP560J_07 Datasheet
188Kb / 6P
   GaAs Ired & Photo−Triac
TLP525G TOSHIBA-TLP525G_07 Datasheet
566Kb / 6P
   GaAs IRed & Photo−Triac
TLP763J TOSHIBA-TLP763J_07 Datasheet
159Kb / 5P
   GaAs Ired & Photo−Triac
TLP330 TOSHIBA-TLP330_07 Datasheet
175Kb / 6P
   GaAs Ired & Photo−Transistor
TLP331 TOSHIBA-TLP331_07 Datasheet
193Kb / 8P
   GaAs Ired & Photo−Transistor
TLP280 TOSHIBA-TLP280_07 Datasheet
220Kb / 9P
   GaAs Ired & Photo−Transistor
TLP560G TOSHIBA-TLP560G_07 Datasheet
205Kb / 6P
   GaAs Ired & Photo−Triac
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com