データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TLP705 データシート(PDF) 2 Page - Toshiba Semiconductor

部品番号 TLP705
部品情報  Plasma Display Panel
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TOSHIBA [Toshiba Semiconductor]
ホームページ  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP705 データシート(HTML) 2 Page - Toshiba Semiconductor

  TLP705_07 Datasheet HTML 1Page - Toshiba Semiconductor TLP705_07 Datasheet HTML 2Page - Toshiba Semiconductor TLP705_07 Datasheet HTML 3Page - Toshiba Semiconductor TLP705_07 Datasheet HTML 4Page - Toshiba Semiconductor TLP705_07 Datasheet HTML 5Page - Toshiba Semiconductor TLP705_07 Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
TLP705
2007-10-01
2
Absolute Maximum Ratings (Ta = 25°C)
Characteristics
Symbol
Rating
Unit
Forward current
IF
20
mA
Forward current derating (Ta ≥ 85°C)
ΔIF/ΔTa
−0.54
mA/°C
Peak transient forward current
(Note 1)
IFP
1
A
Reverse voltage
VR
5
V
Junction temperature
Tj
125
°C
“H” peak output current
(Note 2)
IOPH
−0.45
A
“L” peak output current
(Note 2)
IOPL
0.45
A
Output voltage
VO
25
V
Supply voltage
VCC
25
V
Junction temperature
Tj
125
°C
Operating frequency
(Note 3)
f
250
kHz
Storage temperature range
Tstg
−55 to 125
°C
Operating temperature range
Topr
−40 to 100
°C
Lead soldering temperature (10 s)
(Note 4)
Tsol
260
°C
Isolation voltage (AC, 1 minute, R.H. ≤ 60%)
(Note 5)
BVS
5000
Vr m s
Note: Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the
significant change in temperature, etc.) may cause this product to decrease in the reliability significantly even
if the operating conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute maximum
ratings.
Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook
(“Handling Precautions”/“Derating Concept and Methods”) and individual reliability data (i.e. reliability test
report and estimated failure rate, etc).
Note 1: Pulse width PW ≤ 1μs, 300 pps
Note 2: Exponential waveform pulse width PW ≤ 10 μs , f ≤15 kHz
Note 3: Exponential waveform IOPH ≤-0.25 A (≤80 ns) , IOPL ≤+0.25 A (≤80 ns) ,Ta
=100 °C
Note 4: It is effective soldering area of Lead .
Note 5: Device considered a two terminal device: pins 1, 2 and 3 shorted together, and pins 4, 5 and 6 shorted
together.
Note 6: A ceramic capacitor(0.1
μF) should be connected from pin 6 to pin 4 to stabilize the operation of the high
gain linear amplifier. Failure to provide the bypassing may impair the switching property.
The total lead length between capacitor and coupler should not exceed 1 cm.
Recommended Operating Conditions
Characteristics
Symbol
Min
Typ.
Max
Unit
Input current, ON
(Note 7)
IF (ON)
10
15
mA
Input voltage, OFF
VF (OFF)
0
0.8
V
Supply voltage
VCC
10
20
V
Peak output current
IOPH / IOPL
± 0.15
A
Operating temperature
Topr
- 40
100
°C
Note: Recommended operating conditions are given as a design guideline to obtain expected performance of the
device. Additionally, each item is an independent guideline respectively. In developing designs using this
product, please confirm specified characteristics shown in this document.
Note 7: Input signal rise time (fall time)
< 0.5 μs.
Note 8: If the rising slope of the supply voltage (VCC) for the detector is steep, stable operation of the internal
circuits cannot be guaranteed.
Be sure to set 3.0V/
μs or less for a rising slope of the VCC.


同様の部品番号 - TLP705_07

メーカー部品番号データシート部品情報
logo
Toshiba Semiconductor
TLP705A TOSHIBA-TLP705A Datasheet
392Kb / 16P
   Isolation voltage - 5000 Vrms (min)
TLP705F TOSHIBA-TLP705F Datasheet
125Kb / 2P
   Plasma Display Panel
More results

同様の説明 - TLP705_07

メーカー部品番号データシート部品情報
logo
Toshiba Semiconductor
TLP705F TOSHIBA-TLP705F Datasheet
125Kb / 2P
   Plasma Display Panel
logo
Vishay Siliconix
APD-128G064D VISHAY-APD-128G064D_V01 Datasheet
59Kb / 3P
   Plasma Panel Display Modules
18-Jul-08
APD-256G064A VISHAY-APD-256G064A_V01 Datasheet
103Kb / 4P
   Plasma Panel Display Module
18-Jul-08
APD-240G064 VISHAY-APD-240G064 Datasheet
147Kb / 10P
   Plasma Panel Display Modules
Revision 21-Dec-00
APD-128G064C VISHAY-APD-128G064C_V01 Datasheet
148Kb / 11P
   Plasma Panel Display Modules
18-Jul-08
APD-240G064 VISHAY-APD-240G064_V01 Datasheet
151Kb / 11P
   Plasma Panel Display Modules
18-Jul-08
APD-128G064E VISHAY-APD-128G064E Datasheet
194Kb / 9P
   Plasma Panel Display Modules
18-Jul-08
logo
STMicroelectronics
STV7610A STMICROELECTRONICS-STV7610A Datasheet
142Kb / 17P
   PLASMA DISPLAY PANEL DATA DRIVER
STV7612 STMICROELECTRONICS-STV7612 Datasheet
465Kb / 18P
   PLASMA DISPLAY PANEL DATA DRIVER
STV7620 STMICROELECTRONICS-STV7620 Datasheet
136Kb / 16P
   PLASMA DISPLAY PANEL DATA DRIVER
April 2002 Version 3.1
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com