データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

74ACTQ04 データシート(PDF) 5 Page - Fairchild Semiconductor

部品番号 74ACTQ04
部品情報  Quiet Series??Hex Inverter
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74ACTQ04 データシート(HTML) 5 Page - Fairchild Semiconductor

  74ACTQ04_07 Datasheet HTML 1Page - Fairchild Semiconductor 74ACTQ04_07 Datasheet HTML 2Page - Fairchild Semiconductor 74ACTQ04_07 Datasheet HTML 3Page - Fairchild Semiconductor 74ACTQ04_07 Datasheet HTML 4Page - Fairchild Semiconductor 74ACTQ04_07 Datasheet HTML 5Page - Fairchild Semiconductor 74ACTQ04_07 Datasheet HTML 6Page - Fairchild Semiconductor 74ACTQ04_07 Datasheet HTML 7Page - Fairchild Semiconductor 74ACTQ04_07 Datasheet HTML 8Page - Fairchild Semiconductor 74ACTQ04_07 Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
©1990 Fairchild Semiconductor Corporation
www.fairchildsemi.com
74ACTQ04 Rev. 1.4
5
FACT™ Noise Characteristics
The setup of a noise characteristics measurement is
critical to the accuracy and repeatability of the tests. The
following is a brief description of the setup used to
measure the noise characteristics of FACT.
Equipment:
Hewlett Packard Model 8180A Word Generator
PC-163A Test Fixture
Tektronics Model 7854 Oscilloscope
Procedure:
1. Verify Test Fixture Loading: Standard Load 50pF,
500
Ω.
2. Deskew the HFS generator so that no two channels
have greater than 150ps skew between them. This
requires that the oscilloscope be deskewed first. It is
important to deskew the HFS generator channels
before testing. This will ensure that the outputs switch
simultaneously.
3. Terminate all inputs and outputs to ensure proper
loading of the outputs and that the input levels are at
the correct voltage.
4. Set the HFS generator to toggle all but one output at
a frequency of 1MHz. Greater frequencies will
increase DUT heating and effect the results of the
measurement.
Notes:
7. VOHV and VOLP are measured with respect to ground
reference.
8. Input pulses have the following characteristics:
f
= 1MHz, tr = 3ns, tf = 3ns, skew < 150ps.
Figure 1. Quiet Output Noise Voltage Waveforms
5. Set the HFS generator input levels at 0V LOW and 3V
HIGH for ACT devices and 0V LOW and 5V HIGH for
AC devices. Verify levels with an oscilloscope.
VOLP/VOLV and VOHP/VOHV:
Determine the quiet output pin that demonstrates the
greatest noise levels. The worst case pin will usually
be the furthest from the ground pin. Monitor the output
voltages using a 50
Ω coaxial cable plugged into a
standard SMB type connector on the test fixture.
Do not use an active FET probe.
Measure VOLP and VOLV on the quiet output during
worst case transition for active and enable. Measure
VOHP and VOHV on the quiet output during the worst
case active and enable transition.
Verify that the GND reference recorded on the
oscilloscope has not drifted to ensure the accuracy
and repeatability of the measurements.
VILD and VIHD:
Monitor one of the switching outputs using a 50
coaxial cable plugged into a standard SMB type
connector on the test fixture. Do not use an active
FET probe.
First increase the input LOW voltage level, VIL, until
the output begins to oscillator steps out a min of 2ns.
Oscillation is defined as noise on the output LOW
level that exceeds VIL limits, or on output HIGH levels
that exceed VIH limits. The input LOW voltage level at
which oscillation occurs is defined as VILD.
Next decrease the input HIGH voltage level, VIH, until
the output begins to oscillate or steps out a min of 2ns.
Oscillation is defined as noise on the output LOW
level that exceeds VIL limits, or on output HIGH levels
that exceed VIH limits. The input HIGH voltage level at
which oscillation occurs is defined as VIHD.
Verify that the GND reference recorded on the
oscilloscope has not drifted to ensure the accuracy
and repeatability of the measurements.
Figure 2. Simultaneous Switching Test Circuit


同様の部品番号 - 74ACTQ04_07

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
74ACTQ04 FAIRCHILD-74ACTQ04_05 Datasheet
116Kb / 8P
   Quiet Series Hex Inverter
More results

同様の説明 - 74ACTQ04_07

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
54ACTQ04 NSC-54ACTQ04 Datasheet
106Kb / 5P
   Quiet Series Hex Inverter
logo
Fairchild Semiconductor
74ACTQ04 FAIRCHILD-74ACTQ04 Datasheet
81Kb / 7P
   Quiet Series?? Hex Inverter
74ACTQ04 FAIRCHILD-74ACTQ04_05 Datasheet
116Kb / 8P
   Quiet Series Hex Inverter
logo
National Semiconductor ...
54ACTQ14 NSC-54ACTQ14 Datasheet
104Kb / 6P
   Quiet Series Hex Inverter with Schmitt Trigger Input
logo
Fairchild Semiconductor
74ACTQ14 FAIRCHILD-74ACTQ14 Datasheet
100Kb / 7P
   Quiet Series Hex Inverter with Schmitt Trigger Input
logo
NXP Semiconductors
74LVC04A PHILIPS-74LVC04A Datasheet
87Kb / 10P
   Hex inverter
1997 Jun 30
logo
Texas Instruments
74AC11004 TI-74AC11004 Datasheet
75Kb / 5P
[Old version datasheet]   HEX INVERTER
REVISED APRIL 1996
logo
Fairchild Semiconductor
74AC04 FAIRCHILD-74AC04 Datasheet
104Kb / 8P
   Hex Inverter
74VHCT04A FAIRCHILD-74VHCT04A Datasheet
128Kb / 8P
   Hex Inverter
MM74HC04 FAIRCHILD-MM74HC04 Datasheet
77Kb / 6P
   Hex Inverter
More results


Html Pages

1 2 3 4 5 6 7 8 9


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com