データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TA1360AFG データシート(PDF) 11 Page - Toshiba Semiconductor

部品番号 TA1360AFG
部品情報  YCbCr/YPbPr Signal and Sync Processor for Digital TV, Progressive Scan TV and Double Scan TV
Download  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TOSHIBA [Toshiba Semiconductor]
ホームページ  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TA1360AFG データシート(HTML) 11 Page - Toshiba Semiconductor

Back Button TA1360AFG_05 Datasheet HTML 7Page - Toshiba Semiconductor TA1360AFG_05 Datasheet HTML 8Page - Toshiba Semiconductor TA1360AFG_05 Datasheet HTML 9Page - Toshiba Semiconductor TA1360AFG_05 Datasheet HTML 10Page - Toshiba Semiconductor TA1360AFG_05 Datasheet HTML 11Page - Toshiba Semiconductor TA1360AFG_05 Datasheet HTML 12Page - Toshiba Semiconductor TA1360AFG_05 Datasheet HTML 13Page - Toshiba Semiconductor TA1360AFG_05 Datasheet HTML 14Page - Toshiba Semiconductor TA1360AFG_05 Datasheet HTML 15Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 110 page
background image
TA1360AFG
2005-08-18
11
Pin
No.
Pin Name
Function
Interface Circuit
Input Signal/Output Signal
70
BPH FILTER
Connects filter for detecting black
peak.
Voltage of this pin controls black
stretch gain.
Leaving Y open and setting the
test circuit SW 70 = C enable to
monitor H/V-BPP
(black-stretch-stop pulse) width.
DC
71
DARK AREA DET
FILTER
Connects filter for detecting dark
area.
Voltage of this pin controls
dynamic γ circuit gain for dark
area.
DC
72
73
NC
This pin is not used.
Connect to GND.
74
APL FILTER
Connects filter for correcting DC
restoration rate.
Leaving this pin open enables to
monitor Y signal after black
stretch and dynamic γ.
75
Y/C VCC
VCC pin for Y/C block.
See “Maximum Ratings” about the
supply voltage.
76
NC
This pin is not used.
Connect to GND.
77
VSM OUT
Outputs Y signal for VSM that
passed through HPF circuit (first
differential circuit).
Output signals are muted
according to pins 1, 2, and 80.
See pin 57.
78
ABCL IN
Inputs ABL and ACL signals.
Sets gain and start point of ABL
and dynamic ABL signal
according to bus controlling.
DC
75
70
65
200 Ω
75
71
65
5 k
1 k
78
10
16
30 kΩ
5 kΩ
75
74
65
1 k
40 k
1 kΩ


同様の部品番号 - TA1360AFG_05

メーカー部品番号データシート部品情報
logo
Toshiba Semiconductor
TA1360AFG TOSHIBA-TA1360AFG Datasheet
1Mb / 110P
   YCbCr/YPbPr Signal and Sync Processor for Digital TV, Progressive Scan TV and Double Scan TV
More results

同様の説明 - TA1360AFG_05

メーカー部品番号データシート部品情報
logo
Toshiba Semiconductor
TA1360ANG TOSHIBA-TA1360ANG_05 Datasheet
1Mb / 108P
   YCbCr/YPbPr Signal and Sync Processor for Digital TV, Progressive Scan TV and Double Scan TV
TA1316AN TOSHIBA-TA1316AN Datasheet
1Mb / 115P
   YCbCr/YPbPr Signal and Sync Processor for Digital TV, Progressive Scan TV and Double Scan TV
TA1360AFG TOSHIBA-TA1360AFG Datasheet
1Mb / 110P
   YCbCr/YPbPr Signal and Sync Processor for Digital TV, Progressive Scan TV and Double Scan TV
logo
New Japan Radio
NJU26123 NJRC-NJU26123 Datasheet
215Kb / 19P
   Digital Signal Processor for TV
NJU26124 NJRC-NJU26124 Datasheet
278Kb / 22P
   Digital Signal Processor for TV
NJU26120 NJRC-NJU26120 Datasheet
192Kb / 10P
   Digital Signal Processor for TV
NJU26040-08B NJRC-NJU26040-08B Datasheet
192Kb / 9P
   Digital Signal Processor for TV
logo
Sanyo Semicon Device
LC74982W SANYO-LC74982W Datasheet
99Kb / 14P
   LCD TV Scan Converter IC
logo
Harris Corporation
CA3154 HARRIS-CA3154 Datasheet
83Kb / 6P
   TV Sync/AGC/Horizontal Signal Processor
logo
NTE Electronics
NTE1550 NTE-NTE1550 Datasheet
60Kb / 2P
   Integrated Circuit TV Sync Signal Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com