データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TA1384FNG データシート(PDF) 4 Page - Toshiba Semiconductor

部品番号 TA1384FNG
部品情報  Mixer/Oscillator and PLL IC for TV/VCR Tuner
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TOSHIBA [Toshiba Semiconductor]
ホームページ  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TA1384FNG データシート(HTML) 4 Page - Toshiba Semiconductor

  TA1384FNG Datasheet HTML 1Page - Toshiba Semiconductor TA1384FNG Datasheet HTML 2Page - Toshiba Semiconductor TA1384FNG Datasheet HTML 3Page - Toshiba Semiconductor TA1384FNG Datasheet HTML 4Page - Toshiba Semiconductor TA1384FNG Datasheet HTML 5Page - Toshiba Semiconductor TA1384FNG Datasheet HTML 6Page - Toshiba Semiconductor TA1384FNG Datasheet HTML 7Page - Toshiba Semiconductor TA1384FNG Datasheet HTML 8Page - Toshiba Semiconductor TA1384FNG Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
TA1384FNG
2004/11/24
4
Pin No.
Pin Name.
Function
Interface
8
9
Mixer Output
Mixer output pins
A tank circuit is connected between
the pins for tuning.
Since these are open collector
outputs, be sure to connect with a
power supply through a load
(resistance, coil).
10
GND 1
Ground pin
11
VHF RF Input
RF signal input pin for the VHF band.
Asymmetrical input type
12
UHF RF Input
RF signal input pin for the UHF band.
Asymmetrical input type
13
14
15
VHF Oscillator
Local oscillator for the VHF band
The oscillator type is symmetrical
amplifier
16
17
UHF Oscillator
Local oscillator for the UHF band
The oscillator type is symmetrical
amplifier.
GND
8
9
11
GND
12
GND
16
17
GND
13
GND
14
15


同様の部品番号 - TA1384FNG

メーカー部品番号データシート部品情報
logo
Pico Technology Ltd.
TA138 PICO-TA138 Datasheet
6Mb / 9P
   Current data logger
logo
TAI-SAW TECHNOLOGY CO.,...
TA1381A TAI-SAW-TA1381A Datasheet
376Kb / 8P
   SAW Filter 978 MHz
logo
Toshiba Semiconductor
TA1383AFG TOSHIBA-TA1383AFG Datasheet
1,018Kb / 47P
   NTSC Chroma Decoder, Multi-Point Scan Sync Processor, H/V Frequency Counter IC for Color TV
logo
TAI-SAW TECHNOLOGY CO.,...
TA1386A TAI-SAW-TA1386A Datasheet
460Kb / 8P
   SAW Filter 826.5 MHz
logo
Golledge Electronics Lt...
TA1386A GOLLEDGE-TA1386A Datasheet
167Kb / 6P
   SAW Filter 826.50MHz
More results

同様の説明 - TA1384FNG

メーカー部品番号データシート部品情報
logo
Toshiba Semiconductor
TA1395FNG TOSHIBA-TA1395FNG Datasheet
279Kb / 24P
   Mixer/Oscillator and PLL IC for TV/VCR Tuner
logo
TEMIC Semiconductors
U6209B TEMIC-U6209B Datasheet
155Kb / 11P
   1.3 GHz PLL for TV- and VCR- Tuner
U6220B TEMIC-U6220B Datasheet
183Kb / 14P
   1.3 GHz PLL for TV- and VCR- Tuner
U6206B TEMIC-U6206B Datasheet
125Kb / 8P
   1.3 GHz PLL for TV- and VCR- Tuner
logo
New Japan Radio
NJM2540 NJRC-NJM2540 Datasheet
122Kb / 8P
   Mixer and Oscillator for TV Tuner
NJM2531A NJRC-NJM2531A Datasheet
113Kb / 8P
   Mixer and Oscillator for TV Tuner
logo
Texas Instruments
SN761672ADAR TI-SN761672ADAR Datasheet
258Kb / 18P
[Old version datasheet]   TV/VCR TUNER IC
SN761672A TI-SN761672A Datasheet
268Kb / 18P
[Old version datasheet]   TV/VCR TUNER IC
logo
NXP Semiconductors
TDA5332T PHILIPS-TDA5332T Datasheet
84Kb / 12P
   Double mixer/oscillator for TV and VCR tuners
March 1989
logo
Texas Instruments
SN761678 TI1-SN761678 Datasheet
331Kb / 20P
[Old version datasheet]   TV/VCR TUNER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com