データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TA2125AF データシート(PDF) 1 Page - Toshiba Semiconductor

部品番号 TA2125AF
部品情報  Power Driver IC for CD Player
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TOSHIBA [Toshiba Semiconductor]
ホームページ  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TA2125AF データシート(HTML) 1 Page - Toshiba Semiconductor

  TA2125AF_03 Datasheet HTML 1Page - Toshiba Semiconductor TA2125AF_03 Datasheet HTML 2Page - Toshiba Semiconductor TA2125AF_03 Datasheet HTML 3Page - Toshiba Semiconductor TA2125AF_03 Datasheet HTML 4Page - Toshiba Semiconductor TA2125AF_03 Datasheet HTML 5Page - Toshiba Semiconductor TA2125AF_03 Datasheet HTML 6Page - Toshiba Semiconductor TA2125AF_03 Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
TA2125AF
2003-10-07
1
TOSHIBA Bipolar Liner Integrated Circuit
Silicon Monolithic
TA2125AF
Power Driver IC for CD Player
TA2125AF is power driver IC developed for CD players.
This IC have built-in 4 channel BTL power amplifiers and 1
channel H-Bridge driver.
Which drives focus-coil and tracking coil for 3-beam pick-up head,
disc motor, feed motor and loading motor.
Features
• 4 channel BTL linear drivers
High output power: Vout = 5.1 Vp-p (VCC = 8 V, RL = 8 Ω)
Stand-by switch for BTL drivers
• 1 channel H-Bridge: VCE (H) + VCE (L) = 1.3 V (VR = VM = 8 V,
IO = 200 mA)
Logic control (forward, revers, brake, stand-by)
• Punch through current restriction diode for H-bridge
• 5 V regulator reference amp (with external output Tr.)
• Thermal shut down protection
• Operating supply voltage range: VCC = 5.0 to 9.0 V
Block Diagram
Weight: 0.74 g (typ.)
Preliminary
24
6
7
12
13
1
2
RL5
36
VR
35
34
33
32
31
30
Control
Logic
3
STBY
STBY
RIN FIN
4ch
Driver
STB IN3
IN4
REG
STB
29
27
28
FIN
VCC
26
25
REG OUT
N.C.
23
22
21
× 3
× 3 × 3 × 3
20
19
4
VCIN IN1
5
N.C. N.C.
× 3
× 3 × 3 × 3
15
16
17
18
IN2
N.C. N.C.
11
14
8
9
FIN
10
GND
Iref
TSD
RL4
RL3
RL2
RL1


同様の部品番号 - TA2125AF_03

メーカー部品番号データシート部品情報
logo
Toshiba Semiconductor
TA2125AF TOSHIBA-TA2125AF Datasheet
101Kb / 7P
   Power Driver IC for CD Player
More results

同様の説明 - TA2125AF_03

メーカー部品番号データシート部品情報
logo
Toshiba Semiconductor
TA2092N TOSHIBA-TA2092N_01 Datasheet
165Kb / 7P
   Power Driver IC for CD Player
TA2092N TOSHIBA-TA2092N Datasheet
263Kb / 6P
   POWER DRIVER IC FOR CD PLAYER
TA2125AF TOSHIBA-TA2125AF Datasheet
101Kb / 7P
   Power Driver IC for CD Player
TA2058F TOSHIBA-TA2058F Datasheet
405Kb / 11P
   POWER DRIVER IC FOR CD PLAYER
TA8192F TOSHIBA-TA8192F Datasheet
224Kb / 6P
   POWER DRIVER IC FOR CD PLAYER
TA2092AN TOSHIBA-TA2092AN Datasheet
207Kb / 7P
   Power Driver IC for CD Player
TA8212F TOSHIBA-TA8212F Datasheet
253Kb / 6P
   4CH POWER DRIVER IC FOR CD PLAYER
logo
Rohm
BA6292 ROHM-BA6292 Datasheet
145Kb / 5P
   POWER DRIVER FOR CD PLAYER
BA5961FV ROHM-BA5961FV Datasheet
96Kb / 7P
   Power driver for CD player
BA5962FVM ROHM-BA5962FVM Datasheet
80Kb / 5P
   Power driver for CD player
More results


Html Pages

1 2 3 4 5 6 7


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com