データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

PD-65A データシート(PDF) 4 Page - Astrodyne Corporation

部品番号 PD-65A
部品情報  65W Single Output Switching Power Supply
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ASTRODYNE [Astrodyne Corporation]
ホームページ  http://www.astrodyne.com
Logo ASTRODYNE - Astrodyne Corporation

PD-65A データシート(HTML) 4 Page - Astrodyne Corporation

  PD-65A Datasheet HTML 1Page - Astrodyne Corporation PD-65A Datasheet HTML 2Page - Astrodyne Corporation PD-65A Datasheet HTML 3Page - Astrodyne Corporation PD-65A Datasheet HTML 4Page - Astrodyne Corporation PD-65A Datasheet HTML 5Page - Astrodyne Corporation PD-65A Datasheet HTML 6Page - Astrodyne Corporation PD-65A Datasheet HTML 7Page - Astrodyne Corporation PD-65A Datasheet HTML 8Page - Astrodyne Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
p D - 6 5 series
65W Dual Output Switching Power Supply
300 Myles standish Blvd., Taunton, MA 02780
ph: 1-800-823-8082
Fax: 508-823-8181
WWW.AsTRODYNE.COM
File�Name:PD-65-SPEC���2005-09-13
Unit:mm
fosc�:�65KHz
DC�Output�Connector�(CN2)�:�Molex�5273-06�or�equivalent
Pin�No.
1
2,3
4,5
6
Assignment
+V
+5V
COM
NC
Mating�Housing
Molex�5195
or�equivalent
Terminal
Molex�5194
or�equivalent
AC�Input�Connector�(CN1)�:�Molex�5277-02��or�equivalent
Pin�No.
1
2
Assignment
Mating�Housing
Molex�5195
Molex�5194
or�equivalent
or�equivalent
Terminal
Block�Diagram
Mechanical�Specification
Output�Derating
AMBIENT�TEMPERATURE�(
)
(HORIZONTAL)
-10
0
10
20
30
40
50
60
20
40
60
80
100
O.V.P.
CONTROL
ING
COM
+5V
RECTIFIERS
&
FILTER
SWITCH-
POWER
FILTER
&
RECTIFIERS
O.L.P.
DETECTION
CIRCUIT
PWM
FILTER
&
RECTIFIERS
+V
FG
I/P
FILTER
EMI
65W�Dual�Output�Switching�Power�Supply
SVR1
115.8
127
FG
4
6
5
2
3
CN2
4-
3.8
1
5.6
M1
M2
2
1
CN1
AC��FUSE
F4A/250V
90
100
110
135
155
264
230
100
90
80
70
60
50
40
INPUT�VOLTAGE�(V)�60Hz
Output�Derating�VS�Input�Voltage
AC/N
AC/L
P D - 6 5 series


同様の部品番号 - PD-65A

メーカー部品番号データシート部品情報
logo
Mean Well Enterprises C...
PD-65A MEANWELL-PD-65A Datasheet
424Kb / 2P
   65W Dual Output Switching Power Supply
logo
XP Power Limited
PD-65A XPPOWER-PD-65A Datasheet
838Kb / 4P
   25W Dual Output Switching Power Supply
logo
RSG Electronic Componen...
PD-65A RSG-PD-65A Datasheet
120Kb / 2P
   65W Dual Output Switching Power Supply
logo
Mean Well Enterprises C...
PD-65A MEANWELL-PD-65A Datasheet
428Kb / 2P
   65W Dual Output Switching Power Supply
logo
Astrodyne Corporation
PD-65A ASTRODYNE-PD-65A Datasheet
327Kb / 4P
   65W Dual Output Switching Power Supply
More results

同様の説明 - PD-65A

メーカー部品番号データシート部品情報
logo
RSG Electronic Componen...
PS-65 RSG-PS-65 Datasheet
121Kb / 2P
   65W Single Output Switching Power Supply
logo
Astrodyne Corporation
PS65 ASTRODYNE-PS65 Datasheet
323Kb / 4P
   65W Single Output Switching Power Supply
logo
Mean Well Enterprises C...
PS-65 MEANWELL-PS-65_11 Datasheet
429Kb / 2P
   65W Single Output Switching Power Supply
EPS-65 MEANWELL-EPS-65_11 Datasheet
560Kb / 3P
   65W Single Output Switching Power Supply
PS-65 MEANWELL-PS-65 Datasheet
426Kb / 2P
   65W Single Output Switching Power Supply
EPS-65 MEANWELL-EPS-65_12 Datasheet
1Mb / 3P
   65W Single Output Switching Power Supply
EPS-65S MEANWELL-EPS-65S Datasheet
96Kb / 4P
   65W Single Output Switching Power Supply
logo
Total Power Internation...
RQ-65 TOTAL-POWER-RQ-65 Datasheet
332Kb / 2P
   65W Quad Output Switching Power Supply
logo
RSG Electronic Componen...
PT-65 RSG-PT-65 Datasheet
125Kb / 2P
   65W Triple Output Switching Power Supply
logo
Mean Well Enterprises C...
PD-65 MEANWELL-PD-65_11 Datasheet
428Kb / 2P
   65W Dual Output Switching Power Supply
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com