データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SL0350101 データシート(PDF) 1 Page - AMETHERM Circuit Protection Thermistors

部品番号 SL0350101
部品情報  3111 N. Deer Run Road #4 Carson City, NV 89701
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AMETHERM [AMETHERM Circuit Protection Thermistors]
ホームページ  http://www.ametherm.com
Logo AMETHERM - AMETHERM Circuit Protection Thermistors

SL0350101 データシート(HTML) 1 Page - AMETHERM Circuit Protection Thermistors

  SL0350101 Datasheet HTML 1Page - AMETHERM Circuit Protection Thermistors  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
DATA SHEET
Ametherm, Inc. 3111 N. Deer Run Road #4 Carson City, NV 89701
Telephone: (800) 808-2434 (775) 884-2434
Fax: (775) 884-0670
www.ametherm.com
Part Number: SL03 50101
Electrical Specifications:
Mechanical Specifications:
Resistance Temperature Curve:
Revision Date: March 19, 2003
Resistance @ 25°C
500.0
Ω ± 20 %
Resistance @ 0°C/ Resistance @ 50°C
6.90
± 1 %
Resistance @ 25°C/ Resistance @ 125°C
19.2
± 2 %
Beta
3500
± 2 %
Maximum Steady State Current
0.50 A
Maximum ON Resistance @ 0.50 A
8.85
Maximum ON Resistance @ 0.25 A
18.7
Maximum ON Resistance @ 0.15 A
26.8
Maximum Instantaneous Energy
2.0 J
D
3.0 mm Max
T
3.0 mm Max
Lead Diameter
0.5 mm Nom
S
4.0 mm Nom
L
38.0 mm Min
Straight Leads
Standard
Temperature
R@T/R@25
°C
-50 °C
38.99
-40 °C
21.41
-30 °C
12.25
-20 °C
7.26
-10 °C
4.459
0 °C
2.810
25 °C
1.000
50 °C
0.4103
75 °C
0.1892
100 °C
0.09571
125 °C
0.05202
L
OUTSIDE
KINKED LEADS
S
STRAIGHT
LEADS
B
INSIDE
KINKED LEADS
S
S
D
D
D
C
T


同様の部品番号 - SL0350101

メーカー部品番号データシート部品情報
logo
AMETHERM Circuit Protec...
SL0350001 AMETHERM-SL0350001 Datasheet
57Kb / 1P
   3111 N. Deer Run Road #4 Carson City, NV 89701
logo
Faraday Technology
SL0350A FARADAY-SL0350A Datasheet
41Kb / 3P
   GENERAL PURPOSE VIDEO FILTERS
SL0350J FARADAY-SL0350J Datasheet
43Kb / 3P
   GENERAL PURPOSE VIDEO FILTERS
More results

同様の説明 - SL0350101

メーカー部品番号データシート部品情報
logo
AMETHERM Circuit Protec...
SL0350001 AMETHERM-SL0350001 Datasheet
57Kb / 1P
   3111 N. Deer Run Road #4 Carson City, NV 89701
SL0312001 AMETHERM-SL0312001 Datasheet
28Kb / 1P
   3111 N. Deer Run Road #4 Carson City, NV 89701
SL0310101 AMETHERM-SL0310101 Datasheet
28Kb / 1P
   3111 N. Deer Run Road #4 Carson City, NV 89701
SL0320001 AMETHERM-SL0320001 Datasheet
29Kb / 1P
   3111 N. Deer Run Road #4 Carson City, NV 89701
SL0310001 AMETHERM-SL0310001 Datasheet
32Kb / 1P
   3111 N. Deer Run Road #4 Carson City, NV 89701
SL0340001 AMETHERM-SL0340001 Datasheet
28Kb / 1P
   3111 N. Deer Run Road #4 Carson City, NV 89701
SL0312101 AMETHERM-SL0312101 Datasheet
28Kb / 1P
   3111 N. Deer Run Road #4 Carson City, NV 89701
SL0316001 AMETHERM-SL0316001 Datasheet
28Kb / 1P
   3111 N. Deer Run Road #4 Carson City, NV 89701
SL0322101 AMETHERM-SL0322101 Datasheet
29Kb / 1P
   3111 N. Deer Run Road #4 Carson City, NV 89701
logo
Honeywell Solid State E...
CTX-95 HONEYWELL-CTX-95 Datasheet
83Kb / 2P
   City Tie Expander
More results


Html Pages

1


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com