データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SB03-4812S データシート(PDF) 1 Page - Astrodyne Corporation

部品番号 SB03-4812S
部品情報  Isolated and Regulated 3 WATT Modular DC/DC Converters
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ASTRODYNE [Astrodyne Corporation]
ホームページ  http://www.astrodyne.com
Logo ASTRODYNE - Astrodyne Corporation

SB03-4812S データシート(HTML) 1 Page - Astrodyne Corporation

  SB03-4812S Datasheet HTML 1Page - Astrodyne Corporation SB03-4812S Datasheet HTML 2Page - Astrodyne Corporation SB03-4812S Datasheet HTML 3Page - Astrodyne Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Isolated and Regulated 3 WATT Modular DC/DC Converters
S B 0 3 series
300 Myles Standish Blvd., Taunton, MA 02780
Ph: 1-800-823-8082
Fax: 508-823-8181
WWW.ASTRODYNE.COM
5 Sided EMI Shielding
Regulated Outputs
1600V Isolation
Short Circuit Protection
4:1 Input Range
Input PI Filter
Model Number
Output Voltage
Output Amps
Input Range
SINGLE OUTPUT
SB03-123.3S
3.3VDC
0.9
9-36 VDC
SB03-483.3S
0.9
18-72 VDC
SB03-125S
5 VDC
0.66
9-36 VDC
SB03-485S
0.66
18-72 VDC
SB03-1212S
12 VDC
0.33
9-36 VDC
SB03-4812S
0.33
18-72 VDC
SB03-1215S
15 VDC
0.267
9-36 VDC
SB03-4815S
0.267
18-72 VDC
SB03-1224S
24VDC
0.166
9-36 VDC
SB03-4824S
0.166
18-72 VDC
DUAL OUTPUT
SB03-125D
+/-5 VDC
+/-0.300
9-36 VDC
SB03-485D
+/-0.300
18-72 VDC
SB03-1212D
+/-12 VDC
+/-0.166
9-36 VDC
SB03-4812D
+/-0.166
18-72 VDC
SB03-1215D
+/-15 VDC
+/-0.133
9-36 VDC
SB03-4815D
+/-0.133
18-72 VDC
Unit measures 0.8”W x 1.25”L x 0.4”H
Order On-Line!
astrodyne.com


同様の部品番号 - SB03-4812S

メーカー部品番号データシート部品情報
logo
Astrodyne Corporation
SB03-4812S ASTRODYNE-SB03-4812S Datasheet
168Kb / 3P
   Isolated and Regulated 3 WATT Modular DC/DC Converters
More results

同様の説明 - SB03-4812S

メーカー部品番号データシート部品情報
logo
Astrodyne Corporation
MKC03 ASTRODYNE-MKC03_16 Datasheet
157Kb / 3P
   Isolated and Regulated 3 WATT Modular DC/DC Converters
VKC03 ASTRODYNE-VKC03_16 Datasheet
143Kb / 3P
   Isolated and Regulated 3 WATT Modular DC/DC Converters
MKC03 ASTRODYNE-MKC03 Datasheet
224Kb / 3P
   Isolated and Regulated 3 WATT Modular DC/DC Converters
logo
List of Unclassifed Man...
VKC03 ETC2-VKC03 Datasheet
272Kb / 3P
   Isolated and Regulated 3 WATT Modular DC/DC Converters
logo
Astrodyne Corporation
ASD03 ASTRODYNE-ASD03 Datasheet
737Kb / 3P
   Isolated and Regulated 3 WATT Modular DC/DC Converters
ASD03 ASTRODYNE-ASD03_16 Datasheet
186Kb / 3P
   Isolated and Regulated 3 WATT Modular DC/DC Converters
VKC03 ASTRODYNE-VKC03 Datasheet
272Kb / 3P
   Isolated and Regulated 3 WATT Modular DC/DC Converters
PMKC03 ASTRODYNE-PMKC03 Datasheet
155Kb / 3P
   Isolated and Regulated 3 WATT Modular DC/DC Converters
SB03 ASTRODYNE-SB03_16 Datasheet
168Kb / 3P
   Isolated and Regulated 3 WATT Modular DC/DC Converters
ASD30 ASTRODYNE-ASD30 Datasheet
462Kb / 3P
   Isolated and Regulated 30 WATT Modular DC/DC Converters
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com