データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SB08-4812D データシート(PDF) 1 Page - Astrodyne Corporation

部品番号 SB08-4812D
部品情報  Isolated and Regulated 8 WATT Modular DC/DC Converters
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ASTRODYNE [Astrodyne Corporation]
ホームページ  http://www.astrodyne.com
Logo ASTRODYNE - Astrodyne Corporation

SB08-4812D データシート(HTML) 1 Page - Astrodyne Corporation

  SB08-4812D Datasheet HTML 1Page - Astrodyne Corporation SB08-4812D Datasheet HTML 2Page - Astrodyne Corporation SB08-4812D Datasheet HTML 3Page - Astrodyne Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Isolated and Regulated 8 WATT Modular DC/DC Converters
S B 0 8 series
300 Myles Standish Blvd., Taunton, MA 02780
Ph: 1-800-823-8082
Fax: 508-823-8181
WWW.ASTRODYNE.COM
6 Sided EMI Shielding
Regulated Outputs
1600V Isolation
Short Circuit Protection
2:1 Inputs
Input PI Filter
Model Number
Output Voltage
Output Amps
Input Range
SINGLE OUTPUT
SB08-123.3S
3.3VDC
2
9-18 VDC
SB08-243.3S
2
18.36 VDC
SB08-483.3S
2
36-75 VDC
SB08-125S
5 VDC
1.5
9-18 VDC
SB08-245S
1.5
18-36 VDC
SB08-485S
1.5
36-75 VDC
SB08-1212S
12 VDC
0.666
9-18 VDC
SB08-2412S
0.666
18-36 VDC
SB08-4812S
0.666
36-75 VDC
SB08-1215S
15 VDC
0.533
9-18 VDC
SB08-2415S
0.533
18-36 VDC
SB08-4815S
0.533
36-75 VDC
SB08-1224S
24VDC
0.333
9-18 VDC
SB08-2424S
0.333
18-36 VDC
SB08-4824S
0.333
36-75 VDC
DUAL OUTPUT
SB08-125D
+/-5 VDC
+/-0.800
9-18 VDC
SB08-245D
+/-0.800
18-36 VDC
SB08-485D
+/-0.800
36-75 VDC
SB08-1212D
+/-12 VDC
+/-0.333
9-18 VDC
SB08-2412D
+/-0.333
18-36 VDC
SB08-4812D
+/-0.333
36-75 VDC
SB08-1215D
+/-15 VDC
+/-0.267
9-18 VDC
SB08-2415D
+/-0.267
18-36 VDC
SB08-4815D
+/-0.267
36-75 VDC
Unit measures 0.8”W x 1.25”L x 0.4”H
Order On-Line!
astrodyne.com


同様の部品番号 - SB08-4812D

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
SB08-4812D ETC2-SB08-4812D Datasheet
177Kb / 3P
   Isolated and Regulated 8 WATT Modular DC/DC Converters
logo
Astrodyne Corporation
SB08-4812D ASTRODYNE-SB08-4812D Datasheet
310Kb / 3P
   Isolated and Regulated 8 WATT Modular DC/DC Converters
More results

同様の説明 - SB08-4812D

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
SB08 ETC2-SB08 Datasheet
177Kb / 3P
   Isolated and Regulated 8 WATT Modular DC/DC Converters
logo
Astrodyne Corporation
SB08 ASTRODYNE-SB08_16 Datasheet
310Kb / 3P
   Isolated and Regulated 8 WATT Modular DC/DC Converters
ASD30 ASTRODYNE-ASD30 Datasheet
462Kb / 3P
   Isolated and Regulated 30 WATT Modular DC/DC Converters
ASD705 ASTRODYNE-ASD705 Datasheet
368Kb / 3P
   Isolated and Regulated 7.5 WATT Modular DC/DC Converters
DR1P5 ASTRODYNE-DR1P5 Datasheet
278Kb / 3P
   Isolated and Regulated 1.5 WATT Modular DC/DC Converters
FKC05 ASTRODYNE-FKC05 Datasheet
225Kb / 3P
   Isolated and Regulated 5 WATT Modular DC/DC Converters
MKC03 ASTRODYNE-MKC03_16 Datasheet
157Kb / 3P
   Isolated and Regulated 3 WATT Modular DC/DC Converters
ASD05 ASTRODYNE-ASD05_16 Datasheet
356Kb / 3P
   Isolated and Regulated 5 WATT Modular DC/DC Converters
VKC03 ASTRODYNE-VKC03_16 Datasheet
143Kb / 3P
   Isolated and Regulated 3 WATT Modular DC/DC Converters
FEC40 ASTRODYNE-FEC40_16 Datasheet
499Kb / 4P
   Isolated and Regulated 40 WATT Modular DC/DC Converters
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com