データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SL1220002-A データシート(PDF) 1 Page - AMETHERM Circuit Protection Thermistors

部品番号 SL1220002-A
部品情報  Circuit Protection Thermistors
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AMETHERM [AMETHERM Circuit Protection Thermistors]
ホームページ  http://www.ametherm.com
Logo AMETHERM - AMETHERM Circuit Protection Thermistors

SL1220002-A データシート(HTML) 1 Page - AMETHERM Circuit Protection Thermistors

  SL1220002-A Datasheet HTML 1Page - AMETHERM Circuit Protection Thermistors  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
DATA SHEET
Ametherm, Inc. 3111 N. Deer Run Road #4 Carson City, NV 89701
Telephone: (800) 808-2434 (775) 884-2434
Fax: (775) 884-0670
www.ametherm.com
Part Number: SL12 20002
Ordering Different Lead Types:
For example: to order an inside kinked lead use part number SL12 20002-
A
Electrical Specifications:
Mechanical Specifications:
CSA File Number: #CA118061
Revision Date: March 19, 2003
Inside Kinked Leads
Use
-A after Ametherm’s part #
Outside Kinked Leads
Use
-B after Ametherm’s part #
Resistance @ 25°C
20.0
Ω ± 20%
Max Steady State Current Up to 65
°C
2.0 A
Max Recommended Energy Rating (Joules)
30.0 J
Actual Failure Point of Instantaneous Energy (Joules)
60.0 J
Resistance @ 100% of Max Current
0.446
Resistance @ 50% of Max Current
0.843
Body Temperature @ 100% Current Rating
132 °C
Dissipation Constant
12.7mW/°C
Thermal Time Constant
40 seconds
Material Type
“H”
Max Recommended Capacitance @ 120VAC/240VAC
2000
µF/ 500µF
D
12.0
± 0.5 mm
T
5.1
± 0.2 mm
Lead Diameter
0.8
± 0.1 mm
S
7.8
± 2.0 mm
L
38.0
± 9.0 mm
Straight Leads
Coating Run Down
5.0
±1.0 mm
B
6.35
± 0.60 mm
C
3.42
± 0.5 mm
L
OUTSIDE
KINKED LEADS
S
STRAIGHT
LEADS
B
INSIDE
KINKED LEADS
S
S
D
D
D
C
T


同様の部品番号 - SL1220002-A

メーカー部品番号データシート部品情報
logo
AMETHERM Circuit Protec...
SL1220003 AMETHERM-SL1220003 Datasheet
29Kb / 1P
   Circuit Protection Thermistors
SL1220003 AMETHERM-SL1220003 Datasheet
31Kb / 2P
   Erin Landis
SL1220003-A AMETHERM-SL1220003-A Datasheet
29Kb / 1P
   Circuit Protection Thermistors
SL1220003-B AMETHERM-SL1220003-B Datasheet
29Kb / 1P
   Circuit Protection Thermistors
SL1220003 AMETHERM-SL1220003_14 Datasheet
31Kb / 2P
   Erin Landis
More results

同様の説明 - SL1220002-A

メーカー部品番号データシート部品情報
logo
AMETHERM Circuit Protec...
MS1215102 AMETHERM-MS1215102 Datasheet
35Kb / 1P
   Circuit Protection Thermistors
SL321R036 AMETHERM-SL321R036 Datasheet
159Kb / 1P
   Circuit Protection Thermistors
SL2210007 AMETHERM-SL2210007 Datasheet
29Kb / 1P
   Circuit Protection Thermistors
SL2210009-17 AMETHERM-SL2210009-17 Datasheet
30Kb / 1P
   Circuit Protection Thermistors
SL2212102 AMETHERM-SL2212102 Datasheet
31Kb / 1P
   Circuit Protection Thermistors
MS2212102 AMETHERM-MS2212102 Datasheet
34Kb / 1P
   Circuit Protection Thermistors
NT0510052 AMETHERM-NT0510052 Datasheet
73Kb / 1P
   Circuit Protection Thermistors
NT0515311 AMETHERM-NT0515311 Datasheet
32Kb / 2P
   Circuit Protection Thermistors
NT0520052 AMETHERM-NT0520052 Datasheet
77Kb / 2P
   Circuit Protection Thermistors
SL1510005 AMETHERM-SL1510005 Datasheet
29Kb / 1P
   Circuit Protection Thermistors
MS1115101 AMETHERM-MS1115101 Datasheet
34Kb / 1P
   Circuit Protection Thermistors
More results


Html Pages

1


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com