データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ISL28276IAZ データシート(PDF) 6 Page - Intersil Corporation

部品番号 ISL28276IAZ
部品情報  Dual and Quad Precision Micropower Single Supply Rail-to-Rail Input and Output Precision Op Amps
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INTERSIL [Intersil Corporation]
ホームページ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL28276IAZ データシート(HTML) 6 Page - Intersil Corporation

Back Button ISL28276IAZ Datasheet HTML 2Page - Intersil Corporation ISL28276IAZ Datasheet HTML 3Page - Intersil Corporation ISL28276IAZ Datasheet HTML 4Page - Intersil Corporation ISL28276IAZ Datasheet HTML 5Page - Intersil Corporation ISL28276IAZ Datasheet HTML 6Page - Intersil Corporation ISL28276IAZ Datasheet HTML 7Page - Intersil Corporation ISL28276IAZ Datasheet HTML 8Page - Intersil Corporation ISL28276IAZ Datasheet HTML 9Page - Intersil Corporation ISL28276IAZ Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
6
FN6301.1
April 20, 2007
FIGURE 9. SMALL SIGNAL TRANSIENT RESPONSE
FIGURE 10. LARGE SIGNAL TRANSIENT RESPONSE
FIGURE 11. CURRENT NOISE vs FREQUENCY
FIGURE 12. VOLTAGE NOISE vs FREQUENCY
FIGURE 13. 0.1Hz TO 10Hz INPUT VOLTAGE NOISE
FIGURE 14. INPUT VOLTAGE SWING ABOVE THE V+ SUPPLY
Typical Performance Curves (Continued)
2.42
2.46
2.48
2.50
2.52
2.54
2.56
0
2
4
6
8
10
121416
1820
2.44
VOUT = 0.1VP-P
RL = 500Ω
VS = 5VDC
AV = +1
VOUT
VIN
VIN
VOUT
0
100
200
300
400
500
VOUT = 0.1VP-P
RL = 500Ω
VS = 5VDC
AV = -2
0.01
0.10
1.00
10.00
1
10
100
1k
10k
FREQUENCY (Hz)
100k
1k
100
10
1
10
100
1k
10k
100k
FREQUENCY (Hz)
TIME (1s/DIV)
1µVP-P
100K
100K
1K
Function
Generator
33140A
-
+
DUT
VS+
VS-
100K
100K
1K
Function
Generator
33140A
-
+
DUT
100K
100K
1K
Function
Generator
33140A
-
+
DUT
VS+
VS-
VOUT
VIN
TIME (ms)
V+ = 5V
0
1
2
3
4
5
6
0
50
100
150
200
ISL28276, ISL28476


同様の部品番号 - ISL28276IAZ

メーカー部品番号データシート部品情報
logo
Intersil Corporation
ISL28276IAZ INTERSIL-ISL28276IAZ Datasheet
530Kb / 12P
   Dual Precision Micropower Single Supply Rail-to-Rail Input and Output Precision Op-Amps
ISL28276IAZ INTERSIL-ISL28276IAZ Datasheet
972Kb / 19P
   Single, Dual and Quad Micropower Single Supply Rail-to-Rail Input and Output (RRIO) Precision Op Amp
logo
Renesas Technology Corp
ISL28276IAZ RENESAS-ISL28276IAZ Datasheet
1Mb / 19P
   Single, Dual and Quad Micropower Single Supply Rail-to-Rail Input and Output (RRIO) Precision Op Amp
June 23, 2009
logo
Intersil Corporation
ISL28276IAZ-T INTERSIL-ISL28276IAZ-T Datasheet
530Kb / 12P
   Dual Precision Micropower Single Supply Rail-to-Rail Input and Output Precision Op-Amps
More results

同様の説明 - ISL28276IAZ

メーカー部品番号データシート部品情報
logo
Intersil Corporation
ISL28276 INTERSIL-ISL28276 Datasheet
530Kb / 12P
   Dual Precision Micropower Single Supply Rail-to-Rail Input and Output Precision Op-Amps
logo
Linear Technology
LT1467L LINER-LT1467L_15 Datasheet
248Kb / 12P
   Micropower Dual/Quad Precision Rail-to-Rail Input and Output Op Amps
LT1466L LINER-LT1466L_15 Datasheet
248Kb / 12P
   Micropower Dual/Quad Precision Rail-to-Rail Input and Output Op Amps
LT1466L LINER-LT1466L Datasheet
274Kb / 12P
   Micropower Dual/Quad Precision Rail-to-Rail Input and Output Op Amps
LT1366 LINER-LT1366 Datasheet
411Kb / 20P
   Dual and Quad Precision Rail-to-Rail Input and Output Op Amps
LT1366 LINER-LT1366_15 Datasheet
392Kb / 20P
   Dual and Quad Precision Rail-to-Rail Input and Output Op Amps
LT1367 LINER-LT1367_15 Datasheet
392Kb / 20P
   Dual and Quad Precision Rail-to-Rail Input and Output Op Amps
LT1366 LINER-LT1366_10 Datasheet
388Kb / 20P
   Dual and Quad Precision Rail-to-Rail Input and Output Op Amps
LT1368 LINER-LT1368_15 Datasheet
392Kb / 20P
   Dual and Quad Precision Rail-to-Rail Input and Output Op Amps
LT1369 LINER-LT1369_15 Datasheet
392Kb / 20P
   Dual and Quad Precision Rail-to-Rail Input and Output Op Amps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com