データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MC14526BCP データシート(PDF) 4 Page - Motorola, Inc

部品番号 MC14526BCP
部品情報  Presettable 4-Bit Down Counters
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MOTOROLA [Motorola, Inc]
ホームページ  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC14526BCP データシート(HTML) 4 Page - Motorola, Inc

  MC14526BCP Datasheet HTML 1Page - Motorola, Inc MC14526BCP Datasheet HTML 2Page - Motorola, Inc MC14526BCP Datasheet HTML 3Page - Motorola, Inc MC14526BCP Datasheet HTML 4Page - Motorola, Inc MC14526BCP Datasheet HTML 5Page - Motorola, Inc MC14526BCP Datasheet HTML 6Page - Motorola, Inc MC14526BCP Datasheet HTML 7Page - Motorola, Inc MC14526BCP Datasheet HTML 8Page - Motorola, Inc MC14526BCP Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
MOTOROLA CMOS LOGIC DATA
MC14522B MC14526B
4
Figure 1. Typical Output Source
Characteristics Test Circuit
Figure 2. Typical Output Sink
Characteristics Test Circuit
CF
PE
P0
P1
P2
P3
RESET
INHIBIT
CLOCK
Q0
Q1
Q2
Q3
“0”
VSS
VDD = –VGS
VOH
IOH
EXTERNAL
POWER
SUPPLY
CF
PE
P0
P1
P2
P3
RESET
INHIBIT
CLOCK
Q0
Q1
Q2
Q3
“0”
VSS
VDD = VGS
VOL
IOL
EXTERNAL
POWER
SUPPLY
Figure 3. Power Dissipation
Figure 4. Test Circuit
CF
PE
P0
P1
P2
P3
RESET
INHIBIT
CLOCK
Q0
Q1
Q2
Q3
“0”
VSS
VDD
CL
CL
CL
CL
CL
PULSE
GENERATOR
20 ns
20 ns
CLOCK
90%
10%
50%
VARIABLE
WIDTH
50% DUTY CYCLE
VSS
VDD
DEVICE
UNDER
TEST
TEST POINT
Q or “0”
CL*
* Includes all probe and jig capacitance.


同様の部品番号 - MC14526BCP

メーカー部品番号データシート部品情報
logo
ON Semiconductor
MC14526BCP ONSEMI-MC14526BCP Datasheet
208Kb / 12P
   Presettable 4-Bit Down Counters
March, 2000 ??Rev. 3
MC14526BCPG ONSEMI-MC14526BCPG Datasheet
156Kb / 10P
   Presettable 4-Bit Down Counters
May, 2013 ??Rev. 7
More results

同様の説明 - MC14526BCP

メーカー部品番号データシート部品情報
logo
ON Semiconductor
MC14526BDWR2G ONSEMI-MC14526BDWR2G Datasheet
156Kb / 10P
   Presettable 4-Bit Down Counters
May, 2013 ??Rev. 7
MC14526B ONSEMI-MC14526B_14 Datasheet
125Kb / 9P
   Presettable 4-Bit Down Counters
July, 2014 ??Rev. 8
MC14526B ONSEMI-MC14526B Datasheet
208Kb / 12P
   Presettable 4-Bit Down Counters
March, 2000 ??Rev. 3
logo
Motorola, Inc
SN54LS190 MOTOROLA-SN54LS190 Datasheet
310Kb / 10P
   PRESETTABLE BCD/DECADE UP/DOWN COUNTERS PRESETTABLE 4-BIT BINARY UP/DOWN COUNTERS
logo
ON Semiconductor
MC14526B ONSEMI-MC14526B_06 Datasheet
121Kb / 10P
   Presettable 4?묪it Down Counters
April, 2006 ??Rev. 5
logo
Intersil Corporation
CD54AC191 INTERSIL-CD54AC191 Datasheet
11Kb / 1P
   Presettable Synchronous 4-Bit Binary Up/Down Counters
June 1997
logo
Motorola, Inc
MC14163B MOTOROLA-MC14163B Datasheet
704Kb / 15P
   SYNCHRONUS PRESETTABLE 4-BIT COUNTERS
logo
Micro Electronics
MMC40192 MICRO-ELECTRONICS-MMC40192 Datasheet
181Kb / 5P
   PRESETTABLE UP / DOWN COUNTERS
logo
STMicroelectronics
HCF4510B STMICROELECTRONICS-HCF4510B Datasheet
136Kb / 12P
   PRESETTABLE UP/DOWN COUNTERS
logo
List of Unclassifed Man...
MMC4510 ETC1-MMC4510 Datasheet
224Kb / 6P
   PRESETTABLE UP / DOWN COUNTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com