データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD1882JCPZ1 データシート(PDF) 6 Page - Analog Devices

部品番号 AD1882JCPZ1
部品情報  High Definition Audio SoundMAX Codec
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD1882JCPZ1 データシート(HTML) 6 Page - Analog Devices

Back Button AD1882JCPZ1 Datasheet HTML 2Page - Analog Devices AD1882JCPZ1 Datasheet HTML 3Page - Analog Devices AD1882JCPZ1 Datasheet HTML 4Page - Analog Devices AD1882JCPZ1 Datasheet HTML 5Page - Analog Devices AD1882JCPZ1 Datasheet HTML 6Page - Analog Devices AD1882JCPZ1 Datasheet HTML 7Page - Analog Devices AD1882JCPZ1 Datasheet HTML 8Page - Analog Devices AD1882JCPZ1 Datasheet HTML 9Page - Analog Devices AD1882JCPZ1 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
Rev. 0
|
Page 6 of 16
|
July 2007
AD1882
HD-AUDIO LINK SPECIFICATIONS
HD-Audio signals comply with the High Definition Audio spec-
ifications. Please refer to these specifications at:
http://www.intel.com/standards/hdaudio/
POWER DOWN STATES
Digital GPIO Pins: GPIO_0, GPIO_1/EAPD
Input Signal High (VIH)DVIO × 0.60
DVIO
V
Input Signal Low (VIL)0
DVIO × 0.24 V
Input Leakage Current (Signal High, (IIH)
150
nA
Input Leakage Current (Signal Low, (IIL)50
μA
Output Signal High (VOH)IOUT = –500 μADVIO × 0.72
DVIO
V
Output Signal Low (VOL)IOUT = +1500 μA0
DVIO × 0.10 V
S/PDIF_OUT
Output Signal High (VOH)IOUT = –500 μADVIO × 0.72
DVIO
V
Output Signal Low (VOL)IOUT = +1500 μA0
DVIO × 0.10 V
POWER SUPPLY
Analog (AV
DD) 3.3 V ±5%
Power Supply Range
Power Dissipation
Supply Current
3.13
3.30
119
36
3.46
V
mW
mA
Digital (DVDD) 3.3 V ±10%
Power Supply Range
Power Dissipation
Supply Current
2.97
3.30
198
60
3.63
V
mW
mA
Digital I/O (DVIO) 3.3 V ±10%
Power Supply Range
Power Dissipation
Supply Current
2.97
3.30
3.96
1.20
3.63
V
mW
mA
Power Supply Rejection (100 mV p-p Signal @ 1 kHz)
1
80
dB
1 Guaranteed but not tested.
2 Measurements reflect main ADC.
3 RMS values assume sine wave input.
Table 4. AD1882 General Specifications (Continued)
Parameter
Min
Typ
Max
Unit
Table 5. Power Down States
Parameter
IDVDD Typ
IAVDD Typ
Unit
Function node in D0, all nodes active
60
36
mA
Function node in D3
1
1 Function node D3 state powers down all nodes except for the VREF, Mixer and MIC_BIAS nodes which have independent power controls. VREF should be kept active when
background functions such as jack presence detection or analog pass-through are required. Mixer should be kept active when analog pass-through is required. MIC_BIAS
can be disabled if microphones are not in use in the power-down state.
23
1.2
mA
Codec in RESET
33mA
Individual block power savings
DAC pair powered down saves (each)
ADC pair powered down saves (each)
Mixer power control (and associated amps) saves
MIC_BIAS powered down saves2
2 Powering down the MIC_BIAS powers down all port MIC_BIAS pins. This disables all microphone bias circuits set to 100% or 50%, setting them to the Hi-Z state. The
0 Ω and Hi-Z states remain unaffected by the MIC_BIAS power state.
6
5
0
0
6
4.4
3
1.0
mA
mA
mA
mA


同様の部品番号 - AD1882JCPZ1

メーカー部品番号データシート部品情報
logo
Analog Devices
AD1882A AD-AD1882A Datasheet
353Kb / 20P
   High Definition Audio SoundMAX Codec
REV. 0
AD1882AJCPZ AD-AD1882AJCPZ Datasheet
353Kb / 20P
   High Definition Audio SoundMAX Codec
REV. 0
AD1882AJCPZ-RL AD-AD1882AJCPZ-RL Datasheet
353Kb / 20P
   High Definition Audio SoundMAX Codec
REV. 0
AD1882 AD-AD1882_15 Datasheet
799Kb / 16P
   High Definition Audio SoundMAX Codec
REV. A
More results

同様の説明 - AD1882JCPZ1

メーカー部品番号データシート部品情報
logo
Analog Devices
AD1884A AD-AD1884A Datasheet
315Kb / 20P
   High Definition Audio SoundMAX Codec
REV. 0
AD1987 AD-AD1987_15 Datasheet
838Kb / 20P
   High Definition Audio SoundMAX Codec
REV. A
AD1984 AD-AD1984 Datasheet
1Mb / 20P
   High Definition Audio SoundMAX Codec
REV. 0
AD1989B AD-AD1989B Datasheet
412Kb / 20P
   High Definition Audio SoundMAX Codec
REV. 0
AD1984 AD-AD1984_15 Datasheet
1Mb / 20P
   High Definition Audio SoundMAX Codec
REV. 0
AD1988B AD-AD1988B_15 Datasheet
2Mb / 20P
   High Definition Audio SoundMAX Codec
REV. 0
AD1884 AD-AD1884 Datasheet
1Mb / 16P
   High Definition Audio SoundMAX Codec
REV. 0
AD1984A AD-AD1984A Datasheet
298Kb / 20P
   High Definition Audio SoundMAX Codec
REV. 0
AD1883 AD-AD1883 Datasheet
298Kb / 20P
   High Definition Audio SoundMAX Codec
REV. 0
AD1882 AD-AD1882_15 Datasheet
799Kb / 16P
   High Definition Audio SoundMAX Codec
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com