データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SM06503410 データシート(PDF) 1 Page - AMETHERM Circuit Protection Thermistors

部品番号 SM06503410
部品情報  Electrical Specifications: Mechanical Specifications:
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AMETHERM [AMETHERM Circuit Protection Thermistors]
ホームページ  http://www.ametherm.com
Logo AMETHERM - AMETHERM Circuit Protection Thermistors

SM06503410 データシート(HTML) 1 Page - AMETHERM Circuit Protection Thermistors

  SM06503410 Datasheet HTML 1Page - AMETHERM Circuit Protection Thermistors  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
DATA SHEET
Ametherm, Inc. 3111 N. Deer Run Road #4 Carson City, NV 89701
Telephone: (800) 808-2434 (775) 884-2434
Fax: (775) 884-0670
www.ametherm.com
Part Number: SM06 503410
Electrical Specifications:
Mechanical Specifications:
Revision Date: March 19, 2003
Resistance @ 25°C
50.0K
Ω ± 10%
Beta
4100
± 2%
Temperature Coefficient (
α)
-4.5% / °C
Dissipation Constant
1.50 mW/°C
Thermal Time Constant
5.0 Seconds
Maximum Continuous Power (P25)
200.0 mW
Operating Temperature
-40 °C
≈ +125°C
Termination
Nickel Barrier
Material Type
“R”
L
1.6
± 0.15 mm
W
0.80
± 0.15 mm
T
0.5
± 0.10 mm
L1
1.20
± 0.20 mm
Tape &
Reel
Per Mil Std 201
Method 208
Qty/Reel
5000 pcs


同様の部品番号 - SM06503410

メーカー部品番号データシート部品情報
logo
AMETHERM Circuit Protec...
SM06503395 AMETHERM-SM06503395 Datasheet
94Kb / 1P
   Electrical Specifications: Mechanical Specifications:
More results

同様の説明 - SM06503410

メーカー部品番号データシート部品情報
logo
AMETHERM Circuit Protec...
SM08472350 AMETHERM-SM08472350 Datasheet
94Kb / 1P
   Electrical Specifications: Mechanical Specifications:
SM06104410 AMETHERM-SM06104410 Datasheet
94Kb / 1P
   Electrical Specifications: Mechanical Specifications:
SM06104450 AMETHERM-SM06104450 Datasheet
97Kb / 2P
   Electrical Specifications: Mechanical Specifications:
SM08202350 AMETHERM-SM08202350 Datasheet
94Kb / 1P
   Electrical Specifications: Mechanical Specifications:
SM08332350 AMETHERM-SM08332350 Datasheet
94Kb / 1P
   Electrical Specifications: Mechanical Specifications:
SM08502390 AMETHERM-SM08502390 Datasheet
94Kb / 1P
   Electrical Specifications: Mechanical Specifications:
SM06154450 AMETHERM-SM06154450 Datasheet
97Kb / 2P
   Electrical Specifications: Mechanical Specifications:
SM06502390 AMETHERM-SM06502390 Datasheet
94Kb / 1P
   Electrical Specifications: Mechanical Specifications:
SM06683370 AMETHERM-SM06683370 Datasheet
94Kb / 1P
   Electrical Specifications: Mechanical Specifications:
SM06154410 AMETHERM-SM06154410 Datasheet
94Kb / 1P
   Electrical Specifications: Mechanical Specifications:
SM06472350 AMETHERM-SM06472350 Datasheet
94Kb / 1P
   Electrical Specifications: Mechanical Specifications:
More results


Html Pages

1


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com