データシートサーチシステム |
|
74LVQ299MTR データシート(PDF) 4 Page - STMicroelectronics |
|
74LVQ299MTR データシート(HTML) 4 Page - STMicroelectronics |
4 / 15 page 74LVQ299 4/15 Figure 4: Timing Chart Table 4: Absolute Maximum Ratings Absolute Maximum Ratings are those values beyond which damage to the device may occur. Functional operation under these conditions is not implied Table 5: Recommended Operating Conditions 1) Truth Table guaranteed: 1.2V to 3.6V 2) VIN from 0.8V to 2V Symbol Parameter Value Unit VCC Supply Voltage -0.5 to +7 V VI DC Input Voltage -0.5 to VCC + 0.5 V VO DC Output Voltage -0.5 to VCC + 0.5 V IIK DC Input Diode Current ± 20 mA IOK DC Output Diode Current ± 20 mA IO DC Output Current ± 50 mA ICC or IGND DC VCC or Ground Current ± 400 mA Tstg Storage Temperature -65 to +150 °C TL Lead Temperature (10 sec) 300 °C Symbol Parameter Value Unit VCC Supply Voltage (note 1) 2 to 3.6 V VI Input Voltage 0 to VCC V VO Output Voltage 0 to VCC V Top Operating Temperature -55 to 125 °C dt/dv Input Rise and Fall Time VCC = 3.0V (note 2) 0 to 10 ns/V |
同様の部品番号 - 74LVQ299MTR |
|
同様の説明 - 74LVQ299MTR |