データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TD62002APG データシート(PDF) 1 Page - Toshiba Semiconductor

部品番号 TD62002APG
部品情報  7-channel Darlington Sink Driver
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TOSHIBA [Toshiba Semiconductor]
ホームページ  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TD62002APG データシート(HTML) 1 Page - Toshiba Semiconductor

  TD62002APG Datasheet HTML 1Page - Toshiba Semiconductor TD62002APG Datasheet HTML 2Page - Toshiba Semiconductor TD62002APG Datasheet HTML 3Page - Toshiba Semiconductor TD62002APG Datasheet HTML 4Page - Toshiba Semiconductor TD62002APG Datasheet HTML 5Page - Toshiba Semiconductor TD62002APG Datasheet HTML 6Page - Toshiba Semiconductor TD62002APG Datasheet HTML 7Page - Toshiba Semiconductor TD62002APG Datasheet HTML 8Page - Toshiba Semiconductor TD62002APG Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
TD62001~004APG/AFG
2006-06-13
1
TOSHIBA Bipolar Digital Integrated Circuit Silicon Monolithic
TD62001APG,TD62001AFG,TD62002APG,TD62002AFG,
TD62003APG,TD62003AFG,TD62004APG,TD62004AFG
7-channel Darlington Sink Driver
The TD62001APG/AFG Series are high-voltage, high-current
darlington drivers comprised of seven NPN darlington pairs.
All units feature integral clamp diodes for switching inductive
loads.
Applications include relay, hammer, lamp and display (LED)
drivers.
The suffix (G) appended to the part number represents a Lead
(Pb)-Free product.
Features
Output current (single output): 500 mA (max)
High sustaining voltage output: 50 V (min)
Output clamp diodes
Inputs compatible with various types of logic
Package type
APG: DIP-16 pin (Pb free package)
AFG: SOP-16 pin (Pb free package)
Type
Input base resistor
Designation
TD62001APG/AFG
External
General purpose
TD62002APG/AFG
10.5-kΩ + 7-V
Zenner diode
14-V to 25-V PMOS
TD62003APG/AFG
2.7 kΩ
TTL, 5-V CMOS
TD62004APG/AFG
10.5 kΩ
6-V to 15-V PMOS,
CMOS
Pin Connection (top view)
Weight
DIP16−P−300−2.54A : 1.11 g (Typ.)
SOP16−P−225−1.27 : 0.16 g (Typ.)


同様の部品番号 - TD62002APG

メーカー部品番号データシート部品情報
logo
Toshiba Semiconductor
TD62002APG TOSHIBA-TD62002APG Datasheet
329Kb / 13P
   TOSHIBA Bipolar Digital Integrated Circuit Silicon Monolithic
More results

同様の説明 - TD62002APG

メーカー部品番号データシート部品情報
logo
Toshiba Semiconductor
TD62001AP TOSHIBA-TD62001AP_06 Datasheet
939Kb / 15P
   7-channel Darlington Sink Driver
TD62003APG TOSHIBA-TD62003APG Datasheet
577Kb / 13P
   7-channel Darlington Sink Driver
2009-10-01
ULQ2003AP TOSHIBA-ULQ2003AP Datasheet
237Kb / 11P
   7-ch Darlington Sink Driver
logo
Cystech Electonics Corp...
CH-D3715PA CYSTEKEC-CH-D3715PA Datasheet
172Kb / 6P
   7-CH Darlington Sink Driver
logo
Toshiba Semiconductor
ULN2003APG TOSHIBA-ULN2003APG Datasheet
374Kb / 13P
   7-ch Darlington Sink Driver
logo
NTE Electronics
NTE2011 NTE-NTE2011 Datasheet
23Kb / 3P
   Integrated Circuit 7-Channel Darlington Array/Driver
logo
Toshiba Semiconductor
TD62001 TOSHIBA-TD62001 Datasheet
339Kb / 13P
   7CH DARLINGTON SINK DRIVER
TD62001P TOSHIBA-TD62001P Datasheet
467Kb / 12P
   7CH DARLINGTON SINK DRIVER
TD62003PA TOSHIBA-TD62003PA Datasheet
277Kb / 9P
   7CH DARLINGTON SINK DRIVER
TD62101P TOSHIBA-TD62101P Datasheet
317Kb / 8P
   7CH DARLINGTON SINK DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com