データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TD62387APG データシート(PDF) 2 Page - Toshiba Semiconductor

部品番号 TD62387APG
部品情報  8 Ch Low Input Active Darlington Sink Driver
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TOSHIBA [Toshiba Semiconductor]
ホームページ  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TD62387APG データシート(HTML) 2 Page - Toshiba Semiconductor

  TD62387APG Datasheet HTML 1Page - Toshiba Semiconductor TD62387APG Datasheet HTML 2Page - Toshiba Semiconductor TD62387APG Datasheet HTML 3Page - Toshiba Semiconductor TD62387APG Datasheet HTML 4Page - Toshiba Semiconductor TD62387APG Datasheet HTML 5Page - Toshiba Semiconductor TD62387APG Datasheet HTML 6Page - Toshiba Semiconductor TD62387APG Datasheet HTML 7Page - Toshiba Semiconductor TD62387APG Datasheet HTML 8Page - Toshiba Semiconductor TD62387APG Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
TD62386,387,388APG/AFG
2007-07-03
2
Schematics (each driver)
TD62386APG, TD62386AFG
TD62387APG, TD62387AFG
TD62388APG, TD62388AFG
Note: The output parasitic diode cannot be used as clamp diodes.
Absolute Maximum Ratings
Characteristic
Symbol
Rating
Unit
Supply Voltage
VCC
−0.5 to 7.0
V
Output Sustaining Voltage
VCE (SUS)
−0.5 to 50
V
Output Current
IOUT
500
mA/ch
VIN (Note 1)
−22 to VCC
+ 0.5
Input Voltage
VIN (Note 2)
−0.5 to 7
V
Input Current
IIN
−10
mA
Clamp Diode Reverse Voltage
VR
50
V
Clamp Diode Forward Current
IF
500
mA
APG
1.38
Power Dissipation
AFG
PD (Note 3)
1.0 (Note 4)
W
Operating Temperature
Topr
−40 to 85
°C
Storage Temperature
Tstg
−55 to 150
°C
Note 1: TD62386APG, TD62386AFG only
Note 2: TD62387APG, TD62387AFG, TD62388APG, TD62388AFGonly
Note 3: Delated above 25°C in the proportion of 11.7 mW/°C (APG−Type), 7.7 mW/°C (AFG−Type).
Note 4: On PCB (50
× 50 × 1.6 mm Cu 40% Glass Epoxy)


同様の部品番号 - TD62387APG

メーカー部品番号データシート部品情報
logo
Toshiba Semiconductor
TD62387AP TOSHIBA-TD62387AP Datasheet
328Kb / 8P
   8CH LOW INPUT ACTIVE DARLINGTON SINK DRIVER
More results

同様の説明 - TD62387APG

メーカー部品番号データシート部品情報
logo
Toshiba Semiconductor
TD62387AFNG TOSHIBA-TD62387AFNG Datasheet
490Kb / 10P
   8 Ch Low Input Active Darlington Sink Driver
TD62382AFN TOSHIBA-TD62382AFN Datasheet
206Kb / 5P
   8 LOW INPUT ACTIVE DARLINGTON SINK DRIVER
AD62384AP TOSHIBA-AD62384AP Datasheet
266Kb / 7P
   8CH LOW INPUT ACTIVE DARLINGTON SINK DRIVER
AD62386AP TOSHIBA-AD62386AP Datasheet
328Kb / 8P
   8CH LOW INPUT ACTIVE DARLINGTON SINK DRIVER
TD62304AFN TOSHIBA-TD62304AFN Datasheet
228Kb / 6P
   7CH LOW INPUT ACTIVE DARLINGTON SINK DRIVER
TD62304FB TOSHIBA-TD62304FB Datasheet
230Kb / 6P
   7CH LOW INPUT ACTIVE DARLINGTON SINK DRIVER
TD62387AFN TOSHIBA-TD62387AFN Datasheet
259Kb / 7P
   8CH LOW INPUT ACTIVE DARLINGTON SINK DRIVER
TD62304AFNG TOSHIBA-TD62304AFNG Datasheet
343Kb / 9P
   7CH LOW INPUT ACTIVE DARLINGTON SINK DRIVER
2006-06-13
logo
Cystech Electonics Corp...
CH-D3815PB CYSTEKEC-CH-D3815PB Datasheet
176Kb / 6P
   8-CH Darlington Sink Driver
logo
Toshiba Semiconductor
TD62308APA TOSHIBA-TD62308APA Datasheet
229Kb / 6P
   4CH LOW INPUT ACTIVE HIGH-CURRENT DARLINGTON SINK DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com