データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TPA5050RSAR データシート(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
部品番号 TPA5050RSAR
部品情報  STEREO DIGITAL AUDIO LIP-SYNC DELAY WITH I2C CONTROL
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

TPA5050RSAR データシート(HTML) 11 Page - Texas Instruments

Back Button TPA5050RSAR Datasheet HTML 7Page - Texas Instruments TPA5050RSAR Datasheet HTML 8Page - Texas Instruments TPA5050RSAR Datasheet HTML 9Page - Texas Instruments TPA5050RSAR Datasheet HTML 10Page - Texas Instruments TPA5050RSAR Datasheet HTML 11Page - Texas Instruments TPA5050RSAR Datasheet HTML 12Page - Texas Instruments TPA5050RSAR Datasheet HTML 13Page - Texas Instruments TPA5050RSAR Datasheet HTML 14Page - Texas Instruments TPA5050RSAR Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
www.ti.com
RJ PACKET LENGTH REGISTERS (0x07)
COMPLETE UPDATE REGISTER (0x08)
TPA5050
SLOS492B – MAY 2006 – REVISED MAY 2007
If the result of the formula above is greater than the maximum number of delay samples (8191 for TPA5050),
then the value is limited to this maximum before passing to the delay block.
Table 5. Frame Delay Registers (0x06)(1)
D7
D6
D5
D4
D3
D2
D1
D0
FUNCTION
0
Settings in this register are masked and audio delay is determined by
settings in the right/left audio delay registers.
1
Right/left audio delay registers are masked and delay is determined by settings in
this register.
0
Frame rate = 50 Hz
1
Frame rate = 59.94 Hz
0
0
0
Audio sample rate = 32 kHz
0
0
1
Audio sample rate = 44.1 kHz
0
1
0
Audio sample rate = 48 kHz
0
1
1
Audio sample rate = 88.2 kHz
1
0
0
Audio sample rate = 96 kHz
1
0
1
Audio sample rate = 176.4 kHz
1
1
0
Audio sample rate = 192 kHz
1
1
1
Audio sample rate = 192 kHz
0
0
0
Delay frames = 1
0
0
1
Delay frames = 2
1
1
1
Delay frames = 8
(1)
Default values are in bold.
This register is only used in right justified mode. The decimal value of bits [5:0] represents the width of the
useable data in a right justified audio stream. The number of BCLK transitions between LRCLK transitions must
be greater than or equal to the packet length selected in this register. The maximum packet length value is 24
bits. Any setting greater whose numerical value is greater than 24 bits is limited to the maximum 24 bits.
Table 6. RJ Package Length (0x07)(1)
D5
D4
D3
D2
D1
D0
FUNCTION
0
0
0
0
0
0
Packet length = 0 bits
0
0
0
0
0
1
Packet length = 1 bits
0
1
1
X
X
X
Packet length = 24 bits
(1)
Default values are in bold.
Since the audio delay values are divided among several registers, it is likely that multiple writes would be
necessary to configure the device. This may cause interruptions in the audio stream and unwanted pops and
clicks might occur as register data is passed to delay functional block.
To avoid this from happening, the Complete Update register is used to transfer the user settings from the
register file to the delay functional block when a 1 is written to the LSB. For example, if the right delay is set to
35 samples, and the left delay is set to 300 samples, the device holds the right channel in MUTE until 35
samples of audio data have passed, and holds the left channel in MUTE until 300 samples of audio data have
passed.
Note that the individual channels can be muted using the upper bits of the Control Registers without writing to
the Complete Update registers.
11
Submit Documentation Feedback


同様の部品番号 - TPA5050RSAR

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPA5050RSAR TI-TPA5050RSAR Datasheet
486Kb / 17P
[Old version datasheet]   STEREO DIGITAL AUDIO LIP-SYNC DELAY WITH I2C CONTROL
TPA5050RSAR TI-TPA5050RSAR Datasheet
888Kb / 21P
[Old version datasheet]   STEREO DIGITAL AUDIO LIP-SYNC DELAY WITH I2C CONTROL
TPA5050RSARG4 TI-TPA5050RSARG4 Datasheet
486Kb / 17P
[Old version datasheet]   STEREO DIGITAL AUDIO LIP-SYNC DELAY WITH I2C CONTROL
TPA5050RSARG4 TI-TPA5050RSARG4 Datasheet
888Kb / 21P
[Old version datasheet]   STEREO DIGITAL AUDIO LIP-SYNC DELAY WITH I2C CONTROL
More results

同様の説明 - TPA5050RSAR

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPA5050 TI-TPA5050 Datasheet
486Kb / 17P
[Old version datasheet]   STEREO DIGITAL AUDIO LIP-SYNC DELAY WITH I2C CONTROL
TPA5050 TI-TPA5050_08 Datasheet
888Kb / 21P
[Old version datasheet]   STEREO DIGITAL AUDIO LIP-SYNC DELAY WITH I2C CONTROL
TPA5052 TI-TPA5052 Datasheet
261Kb / 10P
[Old version datasheet]   STEREO DIGITAL AUDIO LIP-SYNC DELAY
TPA5051 TI-TPA5051_07 Datasheet
794Kb / 21P
[Old version datasheet]   FOUR CHANNEL DIGITAL AUDIO LIP-SYNC DELAY WITH I2C CONTROL
TPA5051 TI-TPA5051 Datasheet
511Kb / 19P
[Old version datasheet]   FOUR CHANNEL DIGITAL AUDIO LIP-SYNC DELAY WITH I2C CONTROL
logo
Renesas Technology Corp
R2S15901SP RENESAS-R2S15901SP Datasheet
200Kb / 8P
   Digital Delay IC for Lip Sync
logo
Nippon Precision Circui...
SM5921A NPC-SM5921A Datasheet
152Kb / 27P
   8-channel Lip Sync Delay
logo
Sanyo Semicon Device
LC75051E SANYO-LC75051E Datasheet
82Kb / 9P
   CMOS IC Lip-Sync Enabling Audio DSP
logo
New Japan Radio
NJU26901 NJRC-NJU26901 Datasheet
106Kb / 8P
   Digital Audio Delay
logo
Texas Instruments
TPA0152 TI1-TPA0152_16 Datasheet
967Kb / 36P
[Old version datasheet]   2.8-W STEREO AUDIO POWER AMPLIFIER WITH DIGITAL VOLUME CONTROL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com